Part Number Hot Search : 
AP3842C A101M MBR5045 3DD301D OM60N10S MAX170 01100 E15CA
Product Description
Full Text Search
 

To Download FEC30-12D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
* 30 WATTS MAXIMUM OUTPUT POWER * OUTPUT CURRENT UP TO 6A * STANDARD 2.0 X 1.6 X 0.4 INCH PACKAGE * HIGH EFFICIENCY UP TO 90% * 2:1 WIDE INPUT VOLTAGE RANGE * SIX-SIDED CONTINUOUS SHIELD * FIXED SWITCHING FREQUENCY * OFFER SINGLE AND DUAL OUTPUT * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
DESCRIPTION
The FEC30 series offer 30 Watts of output power from a 2 x 1.6 x 0.4 inch package. The FEC30 series with 2:1 wide input voltage of 9-18VDC, 18-36VDC and 36-75VDC and features 1600VDC of isolation, short-circuit and over-voltage protection. All specifications are typical at nominal input, full load and 25C otherwise noted
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load Voltage adjustability Line regulation Load regulation LL to HL at Full Load No Load to Full Load Single Dual Single Dual
INPUT SPECIFICATIONS
30 Watts, max. 1% 0% 10% 0.2% 0.5% 0.5% 1% 5% See table 0.02% / C, max. 25% load step change 300S 3.9VDC 3.9VDC 3.9VDC 3.9VDC 6.2VDC 15VDC 18VDC 150%, max. Input voltage range Input filter Input surge voltage 100mS max 12V nominal input 24V nominal input 48V nominal input 9 - 18VDC 18 - 36VDC 36 - 75VDC L-C type 36VDC 50VDC 100VDC
Full load and nominal Vin Single/Dual
Cross regulation (Dual) Asymmetrical load 25% / 100% FL Ripple and noise 20MHz bandwidth (Measured with a 0.1F/50V MLCC)
Temperature coefficient Transient response recovery time 1.5V output 1.8V output 2.5V output Over voltage protection 3.3V output Zener diode clamp 5V output 12V output 15V output Over load protection % of FL at nominal input Short circuit protection
12V input 24V input 48V input Nominal Vin and full Input reflected ripple current 30mAp-p load Nominal Vin and Power up 25mS, typ. Start up time constant resistive load Remote ON/OFF 25mS, typ. 12V input 9VDC Start-up voltage 24V input 17.8VDC 48V input 36VDC 12V input 8VDC Shutdown voltage 24V input 16VDC 48V input 33VDC Remote ON/OFF (Note 6) (Positive logic) DC-DC ON Open or 3.0V < Vr < 12V DC-DC OFF Short or 0V < Vr < 1.2V Input current of remote control pin Nominal Vin -0.5mA ~ 0.5mA Remote off state input current Nominal Vin 2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Maximum case temperature Storage temperature range Over temperature protection Nature convection Thermal impedance (Note 7) Nature convection with heat-sink Thermal shock Vibration Relative humidity -40C ~ +85C (with derating) 100C -55C ~ +105C 115C, typ 10C/Watt 8.24C/Watt MIL-STD-810F MIL-STD-810F 5% to 95% RH EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-5 EN61000-4-6 Page 1 of 3 Class A Air 8KV Perf. Criteria B Contact 6KV 10 V/m Perf. Criteria A 2KV Perf. Criteria B 1KV Perf. Criteria B 10 Vr.m.s Perf. Criteria A Issued Date2008/05/21
Hiccup, automatics recovery See table Input to Output Input (Output) to Case 1600VDC, min. 10 ohms, min. 1000pF, max. 300KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Nickel-coated copper FR4 PCB Epoxy (UL94-V0) 2.00 X 1.60 X 0.40 Inch (50.8 X 40.6 X 10.2 mm) 48g (1.69oz) BELLCORE TR-NWT-000332 MIL-HDBK-217F 1.316 x 10 hrs 5 3.465 x 10 hrs
6
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 1)
9
EMC CHARACTERISTICS
EMI (Note 8) ESD Radiated immunity Surge (Note 9) Conducted immunity
Fast transient (Note 9) EN61000-4-4
Model Number
FEC30-12S1P5 FEC30-12S1P8 FEC30-12S2P5 FEC30-12S3P3 FEC30-12S05 FEC30-12S12 FEC30-12S15 FEC30-12D12 FEC30-12D15 FEC30-24S1P5 FEC30-24S1P8 FEC30-24S2P5 FEC30-24S3P3 FEC30-24S05 FEC30-24S12 FEC30-24S15 FEC30-24D12 FEC30-24D15 FEC30-48S1P5 FEC30-48S1P8 FEC30-48S2P5 FEC30-48S3P3 FEC30-48S05 FEC30-48S12 FEC30-48S15 FEC30-48D12 FEC30-48D15
Input Range
9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC
Output Current Output Voltage Min. load Full load
1.5 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 1.5 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 1.5 VDC 1.8 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 6000mA 6000mA 6000mA 6000mA 6000mA 2500mA 2000mA 1250mA 1000mA 6000mA 6000mA 6000mA 6000mA 6000mA 2500mA 2000mA 1250mA 1000mA 6000mA 6000mA 6000mA 6000mA 6000mA 2500mA 2000mA 1250mA 1000mA
Output (4) Input Current Eff (4) Capacitor (5) (3) (2) (%) Load max Ripple & Noise No load Full load
50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 75mVp-p 75mVp-p 100mVp-p 100mVp-p 100mA 100mA 110mA 115mA 95mA 170mA 210mA 60mA 40mA 50mA 35mA 45mA 50mA 50mA 80mA 90mA 30mA 30mA 20mA 20mA 25mA 30mA 35mA 35mA 55mA 20mA 20mA 1014mA 1169mA 1582mA 2037mA 3012mA 2976mA 2976mA 3012mA 3012mA 493mA 580mA 780mA 1010mA 1490mA 1470mA 1470mA 1488mA 1488mA 244mA 290mA 390mA 500mA 740mA 730mA 730mA 744mA 744mA 78 81 83 85 87 88 88 87 87 80 82 84 86 88 89 89 88 88 81 83 85 87 89 90 90 88 88 85800F 65000F 33000F 19500F 10200F 3240F 1100F 1020F 675F 85800F 65000F 33000F 19500F 10200F 3300F 1100F 1020F 675F 85800F 65000F 33000F 19500F 10200F 3300F 1100F 1020F 675F
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment). 2. Maximum value at nominal input voltage and full load. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Test by minimum Vin and constant resistive load. 6. The ON/OFF control pin voltage is referenced to -Vin. 7. Heat sink is optional and P/N: 7G-0011C-F. 8. The FEC30 series can meet EN55022 Class A with parallel an external capacitor to the input pins. Recommend: 12Vin : 6.8F/50V 1812 MLCC . 24Vin : 6.8F/50V 1812 MLCC . 48Vin : 2.2F/100V 1812 MLCC. 9. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m.
FEC30-48S05 (Note 7) Curve Derating With Heatsink (Note 4 )
OUTPUT POWER (%)
FEC30-48S05 Derating Curve
OUTPUT POWER(%)
120 100 80 60 40 20 0 -40 -20 0 20 40 60 62.9 80 100 120
120 100 80 60 40 20 0
-40
-20
0
20
40
60 69.4 80
100
120
AMBIENT TEMPERATURE()
AMBIENT TEMPERATURE()
EFFICIENCY(%)
90 88 86 84 82 80 36 40 44 48 52 56 60 64 68 72
EFFICIENCY(%)
92
FEC30-48S05 Efficiency VS Input Voltage
95 90 85 80 75 70 65 60 55 50 45
FEC30-48S05 Efficiency VS Output Load
10
20
30
40
50
60
70
80
90
100
INPUT VOLTAGE (V)
OUTPUT LOAD (% of Full Load)
Page 2 of 3
Issued Date2008/05/21
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
manufacturers' part numbers for these components, are as follows:
C1
FEC3012xxx 4.7F/50V 1812 MLCC 6.8F/50V 1812 MLCC
C2
N/A
C3
4.7F/50V 1812 MLCC 6.8F/50V 1812 MLCC
C4
N/A
C5 & C6
1000pF/2KV MLCC 1000pF/2KV MLCC
L1
450H Common Choke PMT-048 450H Common Choke PMT-048 450H Common Choke PMT-048
PIN CONNECTION
PIN 1 2 4 5 6 7 8 SINGLE + INPUT - INPUT CTRL NO PIN + OUTPUT - OUTPUT TRIM DUAL + INPUT - INPUT CTRL + OUTPUT COMMON - OUTPUT TRIM
FEC3024xxx FEC3048xxx N/A N/A
2.2F/100V 2.2F/100V 2.2F/100V 2.2uF/100V 1000pF/2KV 1812 MLCC 1812 MLCC 1812 MLCC 1812 MLCC MLCC
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below. ( ) for dual output trim
TRIM UP TRIM DOWN
7(7)
8(8)
RU
8(8) 6(5)
RD
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3
Issued Date2008/05/21


▲Up To Search▲   

 
Price & Availability of FEC30-12D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X