Part Number Hot Search : 
LC66516B AN7025 MBM29 2SC42 EL7513 GP1A91LC MC14079 82FKE36
Product Description
Full Text Search
 

To Download FBR46ND003-P-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE RELAY 2 POLES--1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 SERIES
n FEATURES
size About 50% smaller in volume compared with the FBR240 series used mainly in communication equipment. l High surge voltage 2,500 V minimum of surge strength (Bellcore standard), and 1,500 VAC minimum of dielectric strength between coil and contact (-15, -16 type). l Low power consumption 85 mW of operate power (150 mW of nominal power consumption) by built-in permanent magnet. l Shipping tube package l RoHS compliant since date code: 0433A Please see page 7 for more information
l Miniature
RoHS compliant
To
be
N (b)
n ORDERING INFORMATION
[Example]
(a) (b) (*) (c)
Di
012 (c)
FBR46 (a)
D (*)
-P (d)
sc
-15 (e)
N D G
-CSA (f )
Series Name Enclosure Coil Type Nominal Voltage
FBR46 : FBR46 Series : Plastic sealed
on
: Standard, -15, -16 (DC coil) : 65% Operate type
Ti
(Example) Standard, -15, -16 type (Example) Latching type 005: 5 VDC 05: 5 VDC 012: 12 VDC 12: 12 VDC (refer to the COIL DATA CHART) -P Nil -15 -16 : Gold-overlay silver-palladium : Between coil and contacts 1,000 VAC, between contacts 750 VAC : Between coil and contacts 1,500 VAC, between contacts 750 VAC : Between coil and contacts 1,500 VAC, between contacts 1,000 VAC
nu
eD
(d) (e)
Contact Material Dielectric Strength
(f)
SafetySpecification
Nil :Standard(UL114recognized) -CSA :UL114+CSArecognized
Note: The designation name is stamped on the top of the relay case as follows: (Example) Designation ordered: FBR46ND012-P Stamp: 46ND012-P
1
FBR46 SERIES
n COIL DATA CHART
1. STANDARD (D type)
Nominal current (at nominal voltage) approx. 50mA 30mA 25mA 17mA 13mA 8mA 200mW 112mW 30deg 75% max. of nominal voltage 5% min. of nominal voltage Approx. 150 mW (at nominal voltage Approx. 85 mW max. Approx. 25 deg (at nominal voltage)
MODEL
Nominal voltage 3VDC 5VDC 6VDC 9VDC 12VDC 24VDC
Coil resistance (10%) 60 167 240 540 960 2,880
Must operate voltage*1
Must release voltage*1
Nominal power
Operate power
Coil temperature rise
FBR46ND003-P FBR46ND005-P FBR46ND006-P FBR46ND009-P FBR46ND012-P FBR46ND024-P
*1:Specifiedvaluesaresubjecttopulsewavevoltage. Note: All values in the table are measured at 20C
To
2. 65% OPERATE TYPE (G type)
Nominal voltage 3VDC 6VDC 9VDC 12VDC 24VDC
be
MODEL
Coil resistance (10%) 36 81 144 324 576 2,304
Di
Nominal current (at nominal voltage) approx. 83mA 56mA 41mA 27mA 20mA 10mA
FBR46NG003-P FBR46NG006-P FBR46NG009-P FBR46NG012-P FBR46NG024-P
FBR46NG005-P 4.5VDC
sc
Must operate voltage*1
65% max. of nominal voltage
on
Must release voltage*1
Nominal power
Operate power
Coil temperature rise
10% min. of nominal voltage
*1:Specifiedvaluesaresubjecttopulsewavevoltage. Note: All values in the table are measured at 20C
Ti
Approx. 250 mW (at nominal voltage
nu
Nominal power
Approx. 106 mW max.
Approx. 35 deg (at nominal voltage)
3. HIGH DIELECTRIC STRENGTH TYPE (-15, -16 type)
MODEL -15 type -16 type Nominal voltage Nominal Coil current Must resistance (at nominal operate 1 (10%) voltage) voltage* approx. 45 125 180 405 720 2,304 67mA 40mA 33mA 22mA 17mA 10mA 75% max. of nominal voltage 5% min. of nominal voltage Must release 1 voltage*
eD
Operate power
Coil temperature rise
FBR46ND003-P-15 FBR46ND003-P-16 3VDC FBR46ND005-P-15 FBR46ND005-P-16 5VDC FBR46ND006-P-15 FBR46ND006-P-16 6VDC FBR46ND009-P-15 FBR46ND009-P-16 9VDC FBR46ND012-P-15 FBR46ND012-P-16 12VDC FBR46ND024-P-15 FBR46ND024-P-16 24VDC
Approx. Approx. Approx. 200 mW 112 mW 30 deg (at nominal max. (at nominal voltage) voltage) 250mW 140mW 35deg
*1:Specifiedvaluesaresubjecttopulsewavevoltage. Note: All values in the table are measured at 20C.
2
FBR46 SERIES
n SPECIFICATIONS
Item Contact Arrangement and Style Material Resistance(initial) Ratings (resistive) Maximum Carrying Current Standard -65% operate -15 type -16 type 2 form C (DPDT), bifurcated Gold-overlay silver-palladium M aximum100m(at0.1A6VDC) 0.5 A 120 VAC or 1 A 30 VDC 1.25 A 60 AV or 30 W 125 V 1A 0.01 mA 10 mVDC (reference) Approximately 2 pF (between coil and contacts) Approximately 1 pF (between open contacts)
2
To
Coil Time Value Life
Maximum Switching Power Max. Switching Voltage*
1
Maximum Switching Current Minimum Switching load* Electrostatic Capacity (reference) Nominal power (at 20C) Operate power (at 20C) OperatingTemperature Operating Humidity
be
Operate (at nominal voltage) Mechanical Electrical (refer to the REFERENCE DATA) DC AC
Release (at nominal voltage)
Di
150 to 200 mW 85 to 112 mW
205 mW 106 mW
200 to 250 mW 112 to 114 mW
-30Cto+70C(nofrost)(refertotheCHARACTERISTICDATA) 45 to 85%RH Maximum 5 ms Maximum 5 ms
50 x 106 operations minimum
sc
2 x 105 operations minimum (at contact rating) 1 x 105 operations minimum (at contact rating) 10 to 55 Hz (double amplitude of 1.5 mm) 500 m/s2 (11 1 ms) 1,000 m/s2 (11 1 ms) Approximately 2.5g
Other
Vibration Resistance Shock Resistance Weight Misoperation Endurance
on
Ti
nu
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the type of load. *2 Values when switching a resistive load at normal room temperature and humidity and in a clean environment. The minimum switching load varies with the switching frequency and operation environment.
eD
3
FBR46 SERIES
n INSULATION
Item Resistance (initial) (500 VDC) Dielectric Strength Standard 65% operate -15 type -16 type
Minimum1,000M1min. open contacts 720VAC - 1 min. coil and contact adjacentcontact 1,000 VAC -1min. non-conducted terminals 1,500V 10 x 700s standard wave open contacts 750VAC coil and contact adjacentcontact 1,500 VAC -1min. open contacts 1,000VAC -1min. coil and contact adjacentcontact 1,500 VAC -1min.
Surge Voltage
To
open contact 1,500V 10 x 700s standard wave
1,500 V 750 V
be
1,500 V 750 V 10 s 700 s
10 s
700 s
Di
nSAFETY STANDARDS
Type UL Compliance UL114 E63615 CSA C22.2 No. 14 LR 40304, LR 64026
sc
coil and contact adjacentcontact 2,500V 2 x 10s standard wave
Contact rating
Flammability:UL94-V0(plastics) 0.3A, 250VAC (resistive) 1A, 30VDC
on
2,500 V 1,250 V 2s 10 s
Ti
nu
eD
4
FBR46 SERIES
n CHARACTERISTIC DATA
Range of operation temperature and voltage [D type]
160
Nominal voltage multiplying factor (%)
Range of operation temperature and voltage [G type]
160
Nominal voltage multiplying factor (%)
Range of operation temperature and voltage [-15,-16 type]
160
Nominal voltage multiplying factor (%)
150 140 130 120 110 100 90 80 70
Operating voltage range
(Data) assumes that the maximum allowable temperature of E type insulation coil is 115C
150 140 130 120 110 100 90 80 70
Mus t op
(Data) assumes that the maximum allowable temperature of E type insulation coil is 115C
150 140 130 120 110 100 90 80 70
Must
(Data) assumes that the maximum allowable temperature of E type insulation coil is 115C
Max
Max
im Max
imum
imum
a um
ge volta coil able allow
able allow
able llow
coil volta
coil volta
Operating voltage range
Operating voltage range
ge
ge
To
to Mus
pera
ltag te vo
e
erate
g volta
e
te vo opera
ltage
-10 0 10 20 30 40 50 60 70 80
Operating temperature (C)
Maximum switching capacity
AAC resistive load ( AC contact rating) ADC resistive load ( DC contact rating)
Contact load current (A)
Service life (operations)
1.0 0.5 0.3
be
A A
-10 0 10 20 30 40 50 60 70 80
-10 0 10 20 30 40 50 60 70 80
Operating temperature (C)
Operating temperature (C)
Di
500 100 50 10 5 1
(104)
Life curve
0.1
sc
0.5
30 V DC resistive load
120 V AC resistive load
10
20 30
50
120
200
Contact load voltage (V)
Contact load current (A)
on
1.0 1.5
Operate Release
2.0
n REFERENCE DATA
Distribution of operate and release voltage
80 Operate Release 100
Ti
80
Distribution of operate and release time
Distribution of contact resistance
nu
eD
50 60 70
Distribution (%)
Distribution (%)
60
40
Distribution (%)
0 1 2 3 4 5 6 7 8
60
80
60
40
40
20
20
20
0 0 10 20 30 40 50 60 70 80
0
0 0 10 20 30 40 80
Rated coil voltage multiplying factor (%)
Time (ms)
Contact resistance (m)
5
FBR46 SERIES
n DIMENSIONS
Dimensions
15.9+0.1
7.9+0.1
9.8+0.1
Schematics (BOTTOM VIEW)
1 12 Polarity 3 10 56 87
PC board mounting hole layout (BOTTOM VIEW)
3.5
To
(1.0) 12.8 max.
15.8 maximum
5.08
5.08 .54
(1.09)
7.62
5.08 5.08 2.54
8-o0.8
Tube carrier
be
15.9+0.1
501 maximum
Di
sc
Dimensions (Latching type)
9.8+0.1
on
() () polarity
Schematics (BOTTOM VIEW)
Ti
3.5
] 2.54 5.08 (1.0)
10 12 11 5.08 2.54 (1.09) 7.62
87
5.08 5.08 2.54
10-o0.8
Tube carrier
501 maximum
Note: *No 2, 11 terminals are for double winding latching type only. *( )( ) are reset polarity for single winding latching type. *The terminal number is not shown on the relay.
12.8 max.
15.8 maximum
Unit:mm
7.62
123
56
nu
PC board mounting hole layout (BOTTOM VIEW)
2.54
eD
7.9+0.1
7.62
6
FBR46 SERIES
RoHS Compliance and Lead Free Relay Information
1. General Information
Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free now. Most of our signal and power relays are lead-free. Please refer to Lead-Free Status Info. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu. l All signal and most power relays also comply with RoHS. Please refer to individual data sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE). l Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany problems (compatible). l "LF" is marked on each outer and inner carton. (No marking on individual relays). l Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice. l We will ship leaded relays as long as the leaded relay inventory exists. Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
l
To
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu.
be
Reflow Solder condition Flow Solder condition:
Pre-heating: Soldering:
Di
maximum120C dip within 5 sec. at 260Csolerbath
sc
on
Solder by Soldering Iron:
Soldering Iron Temperature: maximum360C Duration: maximum 3 sec.
Ti
nu
We highly recommend that you confirm your actual solder conditions
eD
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys. Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in house test.
4. Tin Whisker
l
7
FBR46 SERIES
Fujitsu Components International Headquarter Offices
Japan FujitsuComponentLimited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email:promothq@ft.ed.fujitsu.com Web:www.fcl.fujitsu.com North and South America FujitsuComponentsAmerica,Inc. 250 E. Caribbean Drive Sunnyvale,CA94089U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email:components@us.fujitsu.com Web:http://www.fujitsu.com/us/services/edevices/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email:info@fceu.fujitsu.com Web:emea.fujitsu.com/components/ Asia Pacific FujitsuComponentsAsiaLtd. 102EPasirPanjangRoad #01-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 6375-8560 Fax: (65) 6273-3021 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/
(c)2009FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective owners. FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice. Rev. June 30, 2009.
To
be
Di
sc
on
Ti
nu
eD
8


▲Up To Search▲   

 
Price & Availability of FBR46ND003-P-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X