Part Number Hot Search : 
HT7700A STE11 C106D2 2SD667 MCM6709 2SA1009L MAX10 60A273C
Product Description
Full Text Search
 

To Download EUA2008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
DESCRIPTION
The EUA2008 is a high efficiency, 2 channel bridged-tied load (BTL), class-D audio power amplifier. Operating from a 5V power supply, EUA2008 is capable of delivering 3W/ channel of continuous output power to a 3 load with 10% THD+N. The EUA2008 features a differential input architecture offering improved noise immunity over a single-ended (SE) input amplifier. Stereo speaker volume is controlled with a dc voltage applied to the volume control terminal offering a range of gain from -38dB to20 dB. The EUA2008 also features short-circuit and thermal protection preventing the device from being damaged during a fault condition. The EUA2008 is available in thermally efficient 24-pin TSSOP package.
EUA2008
FEATURES
Unique Modulation Scheme Reduces EMI Emission Efficient 5V Class-D Technology - 3W Per Channel into 3 Load (THD+N=10%) - Low Supply Current, 7mA - Low Shutdown Control, 1A - 0.33% THD at 1.5W, 1kHz - Low Noise Floor, 62V - Maximum Efficiency into 3, 85% - Maximum Efficiency into 8, 90% - PSRR, -70dB No Large, Expensive LC Output Filter Required 32-Step DC Volume Control with 2dB Steps from -38dB to 20dB Thermal and Short-Circuit Protection Integrated Click and Pop Suppression 24-pin TSSOP Package with Thermal Pad RoHS Compliant and 100% Lead(Pb)-Free Halogen-Free
APPLICATIONS
LCD Monitors/TVs All-in- One PCs Powered Speakers
Typical Application Circuit
Figure1.
DS2008 Ver 1.0 Oct. 2009
1


▲Up To Search▲   

 
Price & Availability of EUA2008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X