Part Number Hot Search : 
IRF452 AN7586 11803 ZX84C10 74HC154N 19241254 APX812 GF180
Product Description
Full Text Search
 

To Download ESDA6V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ESDAxx Series
Dual transil array for ESD protection
P b Lead(Pb)-Free
Description:
* The ESDAxx is a dual monolithic voltage suppressor designed to protect components which are connected to data and transmission lines against ESD. It clamps the voltage just above the logic level supply for positive transients, and to a diode drop below ground for negative transients. It can also work as bidirectionnal suppressor by connecting only pin1 and 2.
ELECTROSTATIC DISCHARGE 300 WATTS 5.3/6.1/14.2/25 VOLTS
3 1 2
Features:
* 2 Unidirectional Transil functions * Low leakage current: IR max< 20 A at VBR * 300W peak pulse power(8/20 s) * High ESD protection level: up to 25 kV * Complies with the following standards: IEC61000-4-2 Level 4 MIL STD 883c - Method 3015-6 Class 3(Human Body Model)
SOT-23
Eqivalent Circuit Diagram:
Application:
* Computers * Printers * Communication systems * It is particulary recommended for the RS232 I/O port protection where the line interface withstands only with 2kV ESD surges.
Bidirectional Configuration
Mechanical Data:
* Case : Molded Epoxy * Marking : Marking Code * Weight : 0.008 grams(approx)
SOT-23 Outline Dimensions
A
Unit:mm
TOP VIEW
B
C
E
G H
D
K L
J
M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
http://www.weitron.com.tw
WEITRON
1/3
26-Apr-07
ESDAxx Series
Maximum Ratings(TA=25C Unless Otherwise Noted)
Characteristic Symbol Value Unit
Peak Pulse Power Dissipation (t P= 8/20 s) Lead Soldering Temperature Junction Temperature Range Operating Temperature Range Storage Temperature Range Electrostatic discharge MILSTD 833C-Method 3015-6 IEC61000-4-2 Air discharge IEC61000-4-2 ContactAir discharge
PPP TL TJ Top Tstg VPP
300 260(10s) 150 -40 to +125 -55 to +150 25 16 9
W C C C C kv
Electrical Characteristics
Part Numbers
ESDA5V3 ESDA6V1 ESDA14V2 ESDA25
VBR Min.
V 5.3 6.1 14.2 25
Max.
V 5.9 7.2 15.8 30
IR
mA 1 1 1 1
VRM
V 3 5.25 12 24
IRM
A 2 20 5 1
VF Max.
V 1.25 1.25 1.25 1.2
IF
mA 200 200 200 10
Rd Typ(1)
m 280 350 650 1000
T Max(2)
10-4/C 5 6 10 10
C Typ. 0v bias
pF 220 140 90 50
1. Square pulse IPP=15A, tp=2.5s. 2. VBR=aT*(Tamb-25C) * VBR(25C).
Electrical Parameter
Symbol VRM VBR VCL IRM IPP T VF C Rd Parameter Stand-off voltage Breakdown voltage Clamping voltage Leakage current Peak pulse current Voltage temperature coefficient Forward voltage drop Capacitance Dynamic resistance
http://www.weitron.com.tw
WEITRON
2/3
26-Apr-07
ESDAxx Series
Typical Characteristics
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
PPP(Tj initial)/PPP(Tj initial=25C)
3000 1000
Ppp(W)
0 25 50 75 100 125 150
100
0
0
10
100
Tj initial(C)
tp(s)
Fig.1 Peak power dissipation vs Initial junction temperature
Fig.2 Peak pulse power vs exponential pulse duration(Tj =25C)
50.0
ESDA5V3
ESDA6V1
200
ESDA14V2 ESDA25 ESDA5V3
F=1MHz Vosc=30mV ESDA6V1
10.0
100
IPP(A)
C(pF)
50
ESDA14V2
1.0
tp=2.5s
20 0
ESDA25
0.1
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
1
2
5
10
20
50
Vcl(V)
VR(V)
Fig.3 Clamping voltage vs peak pulse current (Tj =25C, rectangular waveform, tp=2.5s)
Fig.4 Capacitance vs Reverse applied voltage
200
5.0
Tj=25C ESDA6V1~ESDA14V2 ESDA25
IR(Tj) / IR(Tj=25C)
100 1.0
ESDA5V3 ESDA6V1
ESDA14V2
10
IFM(A)
ESDA25
0.1
ESDA5V3
1
25
50
75
100
125
0.01
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Fig.5 Relative varation of leakage current vs Versus junction temperature
Tj(C)
Fig.6 Peak forward voltage drop vs peak forward current
VFM(V)
WEITRON
http://www.weitron.com.tw
3/3
26-Apr-07


▲Up To Search▲   

 
Price & Availability of ESDA6V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X