Part Number Hot Search : 
0605D ISL9440A 72012 230D6 600BW SF166CT EK7304 1N541508
Product Description
Full Text Search
 

To Download ES-2112R-LSA-05E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES-2112/2212
NEW Features
12.1" Open Frame and Rugged Panel Mount Monitor
12.1" LCD supports 800 x 600 or 1024 x 768 pixels and wide operating temperature (-20 ~ 70 C) Resistive, Capacitive, SAW or IR touchscreen and 3 mm tempered glass options Versatile mounting brackets Modular architecture for efficient integration Special back cover designed for 3.5" / 5.25" SBCs and ARK-1000 / 3000 / 4000 series box computer Sunlight readable (optional) Ultra-high brightness up to 1000 cd/m2 (optional) Rugged aluminum front bezel design (ES-2212) ES-2112 ES-2212
RoHS
COMPLIANT
2002/95/EC
VGA or LVDS interface (S-Video: optional)
Introduction
The Advantech ES-2112/2212 Embedded Open Frame and Rugged Panel Mount Monitor series offer flexible options for LCD, touchscreen, signal interface and chassis mounting. The back cover has mounting holes for industry standard 3.5" or 5.25" SBCs; or Advantech DSA-2102, DSA-3400 digital signage player, DVS-355 mobile digital video platform, and ARK-1000, ARK-3000 and ARK-4000 series embedded box computers. The series supports panel and VESA mounting, and is supplied with four versatile mounting brackets for different integration applications. The Advantech Display Solutions Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) enables easy selection of model numbers by choosing the required options.
Specifications
I/O Ports Display Input Signal Multi-Scan Processor System OSD Control Power Dimensions (W x H x D) Weight Operating Temperature Storage Temperature Humidity Shock EMC Approved Feature Size Resolution (pixels) Number of Colors Display Viewing Angle (L/R/U/D) Brightness (cd/m2) Contrast Ratio Response Time (ms) Lamp Life (hrs) Long-term Support Anti-reflection Type Thickness Resolution Light Transmission Controller Interface Power Consumption Durability (Touches) Driver OS Support 15-pin D-sub, DC power input, RS-232 port, Power Switch and OSD keys (Auto-tune, menu, decrease, increase) Analog RGB, 0.7 VP-P / 75 0hm, optional LVDS Mode Multi-Scan Mode supports VGA, SVGA Keys: Auto-tune, menu, decrease and increase Functions: Brightness, Contrast, Clock, Phase, Horizontal Position, Vertical Position and Sharpness External 50 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 4.16 A output Please refer to the product dimension diagram on next page ES-2112 : 3.2 kgs ES-2212 : 4.0 kgs -10 ~ 65 C (14 ~ 149 F) ( -20 ~ 70 C optional) (-4 ~ 158 F optional) -30 ~ 70 C (-22 ~ 158 F) for standard LCDs 5 ~ 95% @ 40 C, non-condensing 10 G peak acceleration (11 ms duration) CE FCC Standard Sunlight Readable Ultra-high Brightness 12.1" 12.1" 12.1" 800 x 600 SVGA/ 800 x 600 SVGA/ 800 x 600 SVGA 1024 x 768 XGA 1024 x 768 XGA 262 K 262 K 262 K 70/70/50/60 ; 70/70/50/60 65/65/75/45 65/65/75/45 400 / 320 400 1000 500:1 / 550:1 500:1 500:1 35 / 6 35 10 50,000 50,000 50,000 Yes Yes Yes N/A Yes Yes Analog Resistive Capacitive SAW Infrared 2.67 mm 3.18 mm 2.6 mm 3.0 mm 4096 x 4096 1024 x 1024 4096 x 4096 4096 x 4096 80% 85% 92% 92% RS-232/USB RS-232 RS-232/USB RS-232/USB +5 V @ 200 mA +5 V @ 100 mA +5 V @ 75 mA +5 V @ 150 mA 35 million hrs 225 million hrs 50 million hrs MTBF 100,000 hrs DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
Environment
Touchscreen
Display Solutions
ES-2112/2212 Dimensions
15.0
Unit: mm
49.36 3.36 53.5 120.0 120.0
ES-2112
269.0 251.0
115.5
115.5
337.0 355.0
38.1 75.0
15.0
15.0
53.2
120.0
M3 TAP
120.0
53.2
120.0
M3 TAP
120.0
49.36 3.36
(Resistive T/S) (For AUO panel)
28.79 75.0 50.0 4.0
(Capactiv e T/S)
49.7 3.7
(SAW T/S)
55.0 9.0
(Infra Red Vandal Proof T/S)
115.5
(For Mitsubishi panel)
115.5
115.5
249.0
(For Mitsubishi panel)
115.5
CUT OUT
CUT OUT
249.05
(For AUO panel)
179.00 291.00 313.39
10.00 231.79
ES-2212
341.00
29.70 10.00
58.70
Ordering Information
P/N ES-2112G-VSAE ES-2112R-VSAE ES-2112C-VSAE ES-2112R-VXME ES-2112R-LSA-05E ES-2212R-VSAE ES-2212C-VSA-SRE ES-2112C-VSA-HE ES-2112V-VXM-HE Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions. 2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part numbers to us for ordering. 3.) For special requests, we welcome you to use the Display Solution DTOS service.
Type Open Frame Open Frame Open Frame Open Frame Open Frame Rugged panel mount Rugged panel mount Open Frame Open Frame
261.00
Brightness (cd/m2) 400 400 400 350 400 400 400 1000 1000
Interface VGA VGA VGA VGA LVDS VGA VGA VGA VGA
187.85
188.5
Touchscreen Tempered Glass 5-Wire Resistive Capacitive 5-Wire Resistive 5-Wire Resistive 5-Wire Resistive Capacitive Capacitive Infrared
Touch Interface N/A RS-232/USB RS-232 RS-232/USB RS-232/USB RS-232/USB RS-232 RS-232 RS-232
Anti-Reflection N/A N/A N/A N/A N/A Yes Yes Yes
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of ES-2112R-LSA-05E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X