Part Number Hot Search : 
OP181GP GBU6A BAV20 PE2N2D TIC225A BAV20 2SD209 HV9930
Product Description
Full Text Search
 

To Download EPC-660-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
Preliminary Wavelength range Red, selective
460 360 300
EPC-660-0.5
11.04.2007 Type Integrated filter Technology AlGaAs/GaAs rev. 06/07 Electrodes P (anode) up
typ. dimensions (m)
typ. thickness 260 (25) m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m
Description Narrow response range (660 nm peak)
Applications Optical communications, safety equipment, light barriers
Miscellaneous Parameters
Tamb = 25C, unless otherwise specified Parameter Active area Operating temperature range Storage temperature range Test onditions Symbol A Tamb Tstg Value 0,17 -40 to +125 -40 to +125 Unit mm C C
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions Peak sensitivity wavelength Spectral range at 50 % Responsivity at P1 Responsivity at P2 Spectral bandwidth at 50% Dark current Junction capacitance Switching time
1 2
Symbol P 0.5 S S 0.5 ID CJ tr, tf
Min
Typ 660
Max
Unit nm
VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 1 V VR = 0 V VR = 1 V
620 0.20 0.42 80 40 40 15/30
700
nm A/W A/W nm
200
pA pF ns
Measured on bare chip on TO-18 header Measured on epoxy covered chip on TO-18 header
Labeling
Type EP-660-0.5 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 2
Photodiode-Chip
Preliminary 11.04.2007
EPC-660-0.5
rev. 06/07
Typical responsivity spectrum
1,0 0,8 0,6 0,4 0,2 0,0 500 550 600 650 700 750 800
Sensitivity (arb. units)
Wavelength [nm]
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 2


▲Up To Search▲   

 
Price & Availability of EPC-660-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X