Part Number Hot Search : 
4A000 MCP25511 AD7874AQ MB160 CD5265CS GV860 C143E SJ78L05
Product Description
Full Text Search
 

To Download EB71F62D08AV2-20000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EB71F62 Series
* Oven Controlled Crystal Oscillator (OCXO) * SC-Cut Crystal * HCMOS output * 5.0V supply voltage * 5 pin DIP package * External control voltage * Stability to 20ppb
EB71F62
H 10.5 L 20.2 W 20.2
OSCILLATOR
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range (OTR) Storage Temperature Range Supply Voltage (VDD) Frequency Tolerance / Stability vs. Initial Tolerance vs. Temperature Stability vs. Vdd vs. Load vs. Aging (1 Day) vs. Aging (1 Year) vs. Aging (10 Years) Crystal Cut Warm Up Time Power Consumption 10.000MHz, 12.288MHz, 12.800MHz, 16.000MHz, 19.440MHz, or 20.000MHz 0C to 50C, 0C to 70C, or -20C to 70C -55C to 125C 5.0VDC 5% at Nominal VDD and VC, at 25C at Nominal VDD and VC VDD 5% Vload 5% after 72 Hours of Operation after 72 Hours of Operation after 72 Hours of Operation to 100ppb of Final Frequency at 1 Hour at 25C at Steady State, at 25C During Warm Up, at 25C IOH = -8mA IOL = +8mA Measured at 20% to 80% of Waveform Measured at 50% of Waveform 500ppb or 300ppb Maximum 20ppb, 30ppb, 50ppb, 80ppb, 100ppb, 200ppb, or 280ppb Maximum 20ppb Maximum 20ppb Maximum 2.0ppb Maximum 100ppb Maximum 500ppb Maximum SC-Cut 3 Minute Maximum 1.2 Watts Maximum 3.6 Watts Maximum VDD-0.5VDC Minimum 0.5VDC Maximum 6nSec Maximum 50 5(%) 15pF HCMOS Load Maximum 1.0ppm Minimum 0.0VDC to VDD 2.5VDC 2.5VDC Positive Transfer Characteristic 4.5VDC 0.3VDC (Pin 5) 10% Maximum 10kOhms Typical -90dBc/Hz -100dBc/Hz -130dBc/Hz -145dBc/Hz -150dBc/Hz
VOLTAGE CLASS REV.DATE
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Referenced to FO at VC = 2.5VDC; VDD=5.0VDC over OTR Frequency Deviation Control Voltage Range Control Voltage (VC) Transfer Function Reference Voltage Output Linearity Input Impedance Typical Phase Noise (at 12.800MHz) 1Hz Offset 10Hz Offset 100Hz Offset 1kHz Offset 10kHz Offset
MANUFACTURER CATEGORY SERIES PACKAGE
ECLIPTEK CORP.
OSCILLATOR
EB71F62
5 pin DIP
5.0V
OS2J
05/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EB71F62 D 10 B V 2 - 20.000M
INITIAL TOLERANCE D=500ppb E=300ppb FREQUENCY STABILITY 2 Digit Code Per Table 1 OPERATING TEMPERATURE RANGE 1 Letter Code Per Table 1 FREQUENCY DUTY CYCLE 2=50% 5% VOLTAGE CONTROL OPTION V=Voltage Control on Pin 4 and Reference Voltage Output on Pin 5
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Supply Voltage Pin 2: Output Pin 3: Case/Ground Pin 4: Voltage Control Pin 5: Reference Voltage Output ENVIRONMENTAL/MECHANICAL SPECIFICATIONS MARKING SPECIFICATIONS Line 1: ECLIPTEK Characteristic Gross Leak Test Mechanical Shock Vibration Lead Integrity Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents Specification MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2004 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-883, Method 210 MIL-STD-883, Method 215 Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
EB71F62
5 pin DIP
5.0V
OS2J
05/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EB71F62D08AV2-20000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X