|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DVS-640 Industrial grade 4U, CoreTM 2 Duo DVR Platform with Optional Video Capture Card Features 4U industrial grade DVR Platform Advanced cooling design for capture card and hard drive Performance CoreTM2 Duo DVR platform Compatibility and certification test for various video capture cards Dual Gigabit Ethernet delivers excellent network performance Visible LED indicators and audible alarm notification improves system availability and is easy to maintain with air filter Shock-resistant disk drive bay holds three 5.25" and one 3.5" front-accessible disk drives 8/16/24/32 channels video input H.264 , MPEG4 Hardware Compression / MPEG-4 Software Compression Introduction The DVS-640 is a high performance video surveillance platform with 4U industrial chassis. It includes an optimized cooling system to improve the thermal performance when installing multiple video capture cards and hard drives. Combined with industrial main boards with longevity support, the DVS-640 offers a wide range performance requirement from Celeron D to Core 2 Duo processors. Advantech's quality assurance integration tests and certifications for different video capture cards ensures best reliability for 24/7 operation. Specifications Computing System Chipset Processor (configurable) Front Side Bus L2 Cache Memory (configurable) Controller VRAM PCI PCI Express x1 PCI Express x16 Optical Drive (configurable) Hard Disk Drive (configurable) 5.25" (front -accessible) 3.5" (front-accessible) Interface Controller Front I/O Ports Rear I/O Ports Power Output Wattage Type Chassis Fan Air Filter Temperature Humidity Color Dimensions (W x H x D) (Optional and configurable) (Optional and configurable) Output Interval Intel(R) 945G + ICH7R Core 2 Duo/ Pentium 4/ Celeron D Processor 533/800/1066 MHz 4MB (Core 2 Duo), 2MB/1MB (P-4), 512KB/256KB(Celeron-D) Supports up to 4GB DDR2 667 Dual Channel Intel(R) 945G Integrated Chipset integrated VGA controller sharing 224 MB system memory 32-bit/33MHz, 5 slot 1.0 GB/s per direction, 1 slot 4.0 GB/s per direction, 1 slot 1 x 5.25" SATA DVD+/-RW 3 x SATA HDD 3 (reserved for Optical Drive and HDD mobile rack) 1 (reserved for FDD) 10/100/1000Base-T Gigabit Ethernet G-LAN1: Intel 82573, G-LAN2: Intel 82573 2 x USB, 1 x PS/2 4 x USB, 2 x PS/2, 2 x COM, 1 x Parallel, 1 x VGA, 2 x RJ-45, 1 x LINE-Out, 1 x MIC-In, 1 x LINE-In 400 W Single or Redundant ATX Auto-Switching with Power Factor Correction (PFC) 3 Yes Operating 0 ~ 40C (32F ~ 104F), Non-Operating -20 ~ 60C (-4F ~ 140F) Operating 10 ~ 85% @ 40C non-condensing, Non-Operating 10 ~ 95% @ 40C non-condensing Black 482 x 177 x 480 mm (19" x 7" x 18.9") 20" to 28" Microsoft(R) Windows(R) XP Professional version, Microsoft(R) Windows(R) XP Embedded (upon request) Interrupt, system reset Programmable 1 ~ 255 sec Graphics Expansion Slots Storage Drive Bays Ethernet I/O Ports Power Supply Cooling Environment Physical Characteristics Slide Rail Operating Systems Watchdog Timer DVS-640 Dimensions Unit: mm (inch) Configure to Order Services Please visit Advantech CTOS portal for order entry http://www.advantech.com.tw/CTOS System Content Item Chassis Motherboard Power system CPU cooler Description Industrial 4U DVR Chassis Intel 945G ATX Main board 400W ATX LGA775 UP TO 3.8GHz Front View Two 85-CFM Cooling Fans Inside View Rear View |
Price & Availability of DVS-640 |