![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER TRANSFORMER 1. CONFIGURATION & DIMENSIONS : H 1.041 (0.041) W B A-8 A-8 DPC10-90 (F) SERIES A-8 B 8 7 6 5 1 2 3 4 L A-8 A-8 4.76 (0.188) PC TERMINAL (PLUG-IN MOUNTING) TYPE DPC 8 PINS PCB Pattern UNIT : mm (inch) WT. B 30.48 (1.200) (gram) 98.93 OPTIONAL BRACKET * NO. --MW --MD --- SIZE (VA) 1.0 L 25.40 (1.000) W 35.30 (1.390) H 21.08 (0.830) A-8 8 PIN 6.35 (0.200) 2. SCHEMATIC : 1 5 1 5 230V 2 PRI 3 6 7 2 3 115V PRI 4 Eo 6 7 Eo 4 Series Connected 8 8 Parallel Connected 3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary-1 Pin 1-2 Primary-2 Pin 3-4 Secondary-1 Pin 5-6 Secondary-2 Pin 7-8 AC 115/230 V 50/60 Hz . Less Than 10mA / 12mA . Series AC 12.20 V . Parallel AC 6.10 V . Series 90mA . Parallel 180mA . Less Than 15mA / 15mA . Series 10.00V . Parallel 5.00V . Primary-1 = 1505 Ohm . Primary-2 = 1725 Ohm . Secondary = 7.12 Ohm . = 7.73 Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-25.4 x 18.50 m/m . 3000 3000 163 163 Turns Diameter Turns Diameter Turns Diameter Turns Diameter 0.05 0.05 0.20 0.20 m/m . m/m . m/m . m/m . NOTE : Specifications subject to change without notice. Please check our website for latest information. 17.03.2008 SUPERWORLD ELECTRONICS (S) PTE LTD PG. 1 |
Price & Availability of DPC10-90
![]() |