Part Number Hot Search : 
EPA3284G 1N4746P CEB14G04 MST9220 MAX168 CTS24 01502 AM79574
Product Description
Full Text Search
 

To Download DBCTB92-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T*P
5, 5.08, 7.5, 7.62, 10 and 10.16mm pitch 1-36 poles on 5 & 5.08mm pitch 1-24 poles on 7.5 & 7.62mm pitch 1-18 poles on 10 & 10.16mm pitch
Breakable to desired number of poles 0.3-1.5mm2 wire acceptance UL/ VDE/ CE approved Flame retardant material
SPECIFICATION
Rating: Dielectric Strength: Insulation Resistance: Working temperature: Short Period: Moulding: Pin/terminal: Spring: Recommended PCB hole size: 7.5/7.62/10/10.16 5/5.08 12A/750V 12/250V 3KV/60sec 2.5KV/60sec 5M -20C to 125C 160 UL94V-0 flame retardant PA66 5 tinned, phosphor bronze Zinc plated steel o1.1mm
OUTLINE DRAWING
L
12.5
9.2
3.6
0.4 3
5 L = Length
3.5
3.6
9.2
DBCTB54
13.9
13.9
0.8 5
12.5
3.5
L
9.2
3.6
0.4 3.08
5.08
3.5
3.6
9.2
DBCTB75
13.9
13.9
0.8 5 3.5
12.5
9.2
3.6
3.6
9.2
DBCTB93
13.9
13.9
0.8 5 3.5
0.4 3
ORDERING INFORMATION DBC
Dubilier Connectors
TB
Series Terminal Block
Style 54 -5mm 75-5.08mm 91-7.5mm 92-7.62mm 93-10mm 94-10.16mm
Fax: 01371 875075
DU RO C
TERMINAL BLOCKS
NEW
DU RO C
T*P
L 1.5
5, 5.08, 7.5, 7.62, 10 AND 10.16mm SCREWLESS
12.5
1.5
DBCTB91
0.8 5 3.5 3
0.4
7.5
3.5
L
12.5
1.5
1.5
DBCTB92
0.8 5 3.5
0.4 3.08
L
7.62
3.5
L = Length
L 1.5
12.5
1.5
DBCTB94
10
3.5
0.8 5 3.5
0.4 3.08
10.16
3.5
SECTION 18
54
/2
N of Ways 2 = 2 ways 3 = 3 ways
* Other Number of ways are available up to 12 Please consult office for further details
How to calculate lengths 5mm pitch 5.08 pitch 7.5mm pitch 7.62mm pitch 10mm pitch 10.16mm pitch No.Poles Multiply by 5mm + 1.5mm No.Poles Multiply by 5.08mm + 1.5mm No.Poles Multiply by 7.5mm - 1mm No.Poles Multiply by 7.62mm - 1.04mm No.Poles Multiply by 10mm - 3.5mm No.Poles Multiply by 10mm - 3.58mm
390
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DBCTB92-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X