Part Number Hot Search : 
EGPD630E M61506FP WT6018 SMW250 15R06 20G227 2SA16 QESM05
Product Description
Full Text Search
 

To Download CYONS1001X09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYONS1001x
OvationONSTM Laser Navigation Sensors
Features
Hardware resolution to 3200 cpi Ability to maintain full resolution at speeds up to 50 ips Multiple resolution control modes, including: Continuously variable resolution Independent control of resolution in the x and y direction PC cursor speeds to 160,000 cps Market-leading 40 kHz positioning sampling rate Superior tracking performance Integrated single package 850 nm VCSEL and laser driver No power calibration or optical alignment required Fault-tolerant drive circuitry for Class 1 eye safety compliance Improved ESD tolerance: 2 kV versus 200V typical for standalone laser Self-aligning snap-on lens for ease of assembly Peripheral interface: 4-wire SPI port Native 16-bit x and y directional reports from the sensor Power: Wide operating voltage range: 2.7V to 3.6V Self-adjusting nap and sleep modes Hibernate mode for USB suspend requirements
Unlike any other laser-based sensor on the market today, the CYONS1001x sensors provide:
the unique ability to maintain full resolution at speeds up to 50 inches per second (ips) low power consumption regardless of tracking speed or resolution an unprecedented 40 kHz positioning sampling rate


As a result, the CYONS1001x sensors deliver fast, precise, responsive tracking, without the trade offs between power and performance that characterize traditional image-correlation sensors. Moreover, the CYONS1001x sensors are strategically designed to simplify assembly, reduce manufacturing costs, and improve yield. The sensor IC, vertical-cavity surface emitting laser (VCSEL), and laser driver are integrated in a single 8x8 QFN package with a self-aligning snap-on lens. Laser output power is calibrated before shipment to meet eye-safety standards. Consequently, there is no need for laser handling, laser power calibration, or optical alignment. Five versions of the CYONS1001x sensor are available, each with features designed for its target application. Optimized for gaming and other specialized high-performance applications, the CYONS1001U, CYONS1001G, and CYONS1001 combine unrivalled effective cursor speeds with continuously variable resolution to 3200 counts per inch (cpi) and independent resolution control in the x and y directions. The general purpose CYONS1001L and CYONS1001T, designed for desktop mouse and trackball applications, support two self-adjusting power down modes for extended battery life. All CYONS1001x sensors provide maximized counts per second, minimized latency to motion changes, and optimum signal quality in the detection of laser-speckle signatures over a wide range of surfaces, offering users the ultimate experience of fast, precision tracking.
Description
The OvationONSTM CYONS1001x laser navigation sensors are breakthrough solutions for wired and wireless mice, and precision motion-sensing applications. Built around Cypress Semiconductor's patented OptiCheckTM laser technology, these devices offer a variety of significant advantages.
Table 1. OvationONS CYONS1001x Laser Navigation Sensors Parameter Maximum resolution Maximum speed Resolution control Maximum cursor speed Maximum position sampling rate Acceleration CYONS1001U 3200 cpi 50 ips Continuous 160,000 40 kHz 10G CYONS1001G 2800 cpi 50 ips Continuous 140,000 40 kHz 10G CYONS1001 2400 cpi 45 ips Continuous 120,000 40 kHz 10G CYONS1001L 1200 cpi 20 ips 400, 800, 1200 cpi 24,000 40 kHz 8G CYONS1001T 1150 cpi 20 ips 50 cpi steps 23,000 40 kHz 8G
All sensors sold with the CYONSLENS1001 lens.
Cypress Semiconductor Corporation Document Number: 001-06398 Rev. *J
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised January 28, 2008
[+] Feedback
CYONS1001x
Applications

Figure 1. OptiCheck Optical Checkerboard
CYONS1001U and CYONS1001G are the ideal solutions for high speed, high performance gaming mouse applications. CYONS1001 is designed to enable high precision and high accuracy tracking performance. The device is ideal for industrial control, noncontact digital measurement tools, graphics design peripherals, and other high precision motion-sensing applications. CYONS1001L is designed for desktop and mobile mouse applications. CYONS1001T is an elegant solution for low power, high precision trackball applications. There are three key advantages to the OptiCheck approach:

OptiCheckTM Technology
The OvationONS sensors use Cypress Semiconductor's patented OptiCheck technology -- a fundamentally different approach to laser navigation sensing. Instead of image capture and correlation, OptiCheck uses an "Optical Checkerboard" or array of light-sensitive elements connected in a patented, 2D comb detector configuration[1]. The outputs of the detector are amplified and combined in a unique arrangement to form four data outputs that completely describe the motion of the sensor. These four outputs are digitized and sent to a small digital signal processor to generate x and y location displacement data. Figure 1 shows the interconnection of the comb detector elements and the resulting four outputs.
First, power consumption does not increase with an increase in tracking speed. OptiCheck requires only four data inputs to calculate x and y displacement, compared to the hundreds of inputs typically required for image correlation. OptiCheck therefore provides a much more efficient calculation. This increase in efficiency means the signal processing blocks have a negligible impact on power consumption, resulting in a system where current draw is nearly independent of speed. Second, tracking speed is independent of resolution. OptiCheck's processing requirements are independent of sensor resolution. This enables simpler and lower cost scaling for products that require both high speed and high resolution tracking performance. Third, the unique signal processing method employed by OptiCheck sensors enables continuously variable native resolution in the x and y directions independently. This unique capability offers application designers immense flexibility and freedom.
Note 1. U.S. Patent No. 7,138,620, entitled "Two-dimensional Motion Sensor", describes aspects of this technology.
Document Number: 001-06398 Rev. *J
Page 2 of 24
[+] Feedback
CYONS1001x
Functional Description
The CYONS1001x sensor is a two piece solution: a sensor IC and VCSEL in an 8x8 QFN package, and a self-aligning snap-on lens. The optical system consists of a precision aperture and an optical lens. Laser speckle signals are processed by the optical system and transferred to the detector for signal processing. In addition to an integrated optical detector and signal processor, the CYONS1001x sensor package includes integrated laser driver circuitry and laser fault detection circuitry for IEC/EN 60825-1 Class 1 eye safety compliance. An on-chip oscillator provides system timing without the need for an external crystal.
Logic Block Diagram
Figure 2. CYONS1001x Block Diagram
4
Power System
SHUTDOWN MOTION ISSP EXTCFG
Oscillator SPI Interface
NCS SCK MISO MOSI
3
Status and Control
Eye Safe Laser Control Driver
Laser
Detector
OptiCheck Navigation Engine
CYONSLENS1001 Tracking Surface
Document Number: 001-06398 Rev. *J
Page 3 of 24
[+] Feedback
CYONS1001x
Pinouts
Figure 3. CYONS1001x Package Pinout
Table 2. CYONS1001x Pin Description Pin Number 14 11 10 15 20 21 28 26 2,4,29 25 3, 30 1, 6, 7, 12, 13, 36, 37, 38, 39 8, 9, 16, 18, 22, 23, 24, 27, 31, 32, 33, 34 35, 40, 41, 42 E-PAD (case bottom) 19 5
[2]
Signal Name NCS SCK MISO (Master In/Slave Out) MOSI (Master Out/Slave In) SHUTDOWN MOTION EXTCFG AVDD DVDD AGND DGND DNU NC Tie to DGND DGND ISSP_SCLK ISSP_SDAT ISSP_XRES
Type I I O I I O I Power Power Ground Ground
Number of Pins 1 1 1 1 1 1 1 1 3 1 2 9 12 4
Function SPI chip select SPI serial clock input SPI output SPI input Enter hibernate mode Motion detect; active HIGH output External configuration for factory test Analog supply voltage Digital supply voltage Analog ground Digital ground Do Not Use No connect Must be connected to DGND Digital ground ISSP serial clock ISSP serial data IO ISSP reset drive
Ground IO IO IO
1 1 1 1
17[2]
[2]
Note 2. Pins 5, 17, and 19 are solely for in-system firmware upgrades.
Document Number: 001-06398 Rev. *J
Page 4 of 24
[+] Feedback
CYONS1001x
Technical Specifications
Table 3. Absolute Maximum Ratings Parameter Storage temperature Operating temperature Lead solder temperature Supply voltage ESD Input voltage Latch up current Table 4. Operating Conditions Parameter Operating temperature Power supply voltage Power supply rise time Supply noise - AVDD (sinusoidal) Supply noise - DVDD (sinusoidal) Serial port clock frequency Distance from PCB to tracking surface Load capacitance Table 5. DC Electrical Characteristics At 25C, 3.3V unless otherwise specified Parameter DC current in tracking mode DC current in nap mode DC current in sleep mode DC current in hibernate mode Input low voltage Input high voltage Input hysteresis Input leakage current Output low voltage Output high voltage Input capacitance VDVDD-0.7 10 0.7VDVDD 100 1 10 0.7 Min Typ 13.5 3.0 375 45 Max 15.5 4.5 550 70 0.8 Unit mA mA A A V V mV A V V pF MOSI, NCS MOSI, NCS MISO, MOTION Notes Full speed motion After 4 seconds of inactivity After 30 seconds of inactivity After receiving SHUTDOWN signal from controller 0.5 12.53 12.78 Min 5 2.7 100 25 100 2.0 13.03 100 Typ Max 45 3.6 Unit C V s mV p-p mV p-p MHz mm pF 10 kHz-50 MHz 10 kHz-50 MHz Active drive, 50% duty cycle Deviation from nominal adversely impacts lift detection and tracking MOTION, MISO Notes Operation beyond this range may cause laser to exceed Class 1 limits Operation beyond this range may cause laser to exceed Class 1 limits -0.5 -0.5 Min -40 -15 Typ Max 85 55 260 3.7 2 VDVDD+0.5 100 Unit C C C V kV V mA All pins, HBM MIL 883 method 3015 Notes Case temperature Case temperature 3 cycles with 20 second dwell at peak temperature
Document Number: 001-06398 Rev. *J
Page 5 of 24
[+] Feedback
CYONS1001x
Table 6. AC Electrical Characteristics At 25C, 3.3V unless otherwise specified Parameter Reset delay Hibernate Wake from hibernate MISO rise time MISO fall time MISO delay after SCK MISO hold time MOSI hold time MOSI setup time Delay between SPI commands after write command tCMD_1 after read/burst read command tCMD_2 Delay within SPI commands after command byte tSPI_DELAY_1 between data bytes tSPI_DELAY_2 from addr to data byte tSPI_DELAY_3 tSPI_DELAY_4 NCS setup time - tNCS_SU NCS hold time - tNCS_HOLD NCS to MISO high Z MOTION rise time MOTION fall time 150 150 All commands 400 20 20 100 120 500 20 300 300 s Burst read command s s s ns ns s ns ns End of addr byte to start of data byte Write command Read command All commands All commands 5 pF load, Thevenin load 100 pF load 100 pF load 30 300 s s Falling edge of SCK to rising edge of SCK for next command Falling edge of SCK to rising edge of SCK for next command 0.5 200 120 150 150 Min Typ Max 100 10 20 300 300 120 Unit ms ms ms ns ns ns s ns ns From SHUTDOWN high to low current From SHUTDOWN low to normal operation 100 pF load 100 pF load Notes
Document Number: 001-06398 Rev. *J
Page 6 of 24
[+] Feedback
CYONS1001x
Power and Ground Interface
The CYONS1001x sensors are powered by a single 2.7-3.6V power supply. Two external components are required to isolate the analog and digital sections of the sensor and ensure proper analog power supply ramp time: a 22 F capacitor and a 10 nH inductor. Place decoupling capacitors at all power pins as close to the pin as possible. Figure 4 shows the recommended power and ground circuitry. Note that to meet laser safety requirements, the power supply voltage supplied to the sensor circuit must meet the operating conditions requirements specified in this document. Additionally, increasing the laser output power by any other means (hardware, firmware, or otherwise) can result in a violation of the Class 1 safety limit. Figure 4. Recommended Power and Ground Circuitry
Document Number: 001-06398 Rev. *J
Page 7 of 24
[+] Feedback
CYONS1001x
Power Management
The CYONS1001x sensors are equipped with power management features designed to meet the needs of their target applications. The CYONS1001L and CYONS1001T sensors, which target general purpose tracking applications such as wireless mice, offer two power saving sleep modes that extend battery life, and an ultra low power hibernate mode that is used to meet USB suspend requirements. The CYONS1001, CYONS1001G, and CYONS1001U sensors are optimized for high performance applications that require fast response at all times; therefore, these devices only support hibernate mode. The operational modes supported by the CYONS1001x sensors are summarized in Table 7. The current consumption of each mode is listed in Table 5 on page 5. Table 7. Summary of CYONS1001x Operational Modes Mode Tracking Nap Sleep Hibernate CYONS1001, 1001G, 1001U Yes No No Yes CYONS 1001L, 1001T Yes Yes Yes Yes
Hibernate Mode
The controller can place the sensor in hibernate mode by asserting the SHUTDOWN pin. In this state, the sensor cannot detect motion, and can only be activated by resetting the SHUTDOWN pin to LOW. Startup time from hibernate mode to full tracking capability is 20 ms max.
Passive Power Management
The CYONS1001L and CYONS1001T sensors are ideal for passive power management. Unlike other laser sensors, these devices control their own low power modes, freeing the application designer from concerns about power minimization. No additional firmware is required to take advantage of their self-adjusting power-saving nap and sleep modes.
Active Power Management
For applications requiring further power reduction, mouse firmware can use the SHUTDOWN and MOTION pins to implement active power management. This means the controller actively switches the sensor between tracking and hibernate modes to reap the benefit of low current draw during hibernate mode. A typical requirement for a mouse is that mouse movement must be able to wake the system from a low power operating state. Though the sensor is unable to detect motion in hibernate state, firmware can be designed to periodically check for motion by temporarily bringing the sensor out of hibernation. A recommended approach to active power management is as follows: 1. Choose a motion-check period, such as once per second. Longer periods save more power, but also result in longer delays in detecting motion. 2. Assert the SHUTDOWN pin to put the sensor in hibernate mode. 3. At the start of each motion-check period, deassert the SHUTDOWN line, then wait until the sensor sets the MOTION line high (20 ms or less). 4. Send two read tracking data commands to the sensor, ensuring sufficient delay between the commands. The sensor reports zeroes in response to the first command to avoid sending spurious data. The second report has valid x-y data. 5. If the data is two counts or more for either x or y, the sensor has been moved and the controller must initiate its wakeup sequence. If the data is 1 count or less for both x and y, the sensor has not been moved and the controller can reassert SHUTDOWN until the next motion-check period.
Tracking Mode
In tracking mode, the sensor is in motion and tracking x/y changes. Tracking mode consumes the most power, with fast motion drawing slightly more current than slow motion. After approximately 4 seconds of inactivity, the sensor automatically switches to nap mode.
Nap Mode
In nap mode, the sensor can detect gross motion. If motion is detected, the sensor switches to tracking mode within 20 ms. If motion is not detected for 30 seconds after entering nap mode, the sensor automatically switches to sleep mode.
Sleep Mode
In sleep mode, the sensor can also detect gross motion. If motion is detected, the sensor enters tracking mode within 250 ms. If motion is not detected, the sensor remains in sleep mode indefinitely.
Document Number: 001-06398 Rev. *J
Page 8 of 24
[+] Feedback
CYONS1001x
Resolution Control Capabilities
The CYONS1001x sensors support a variety of resolution control modes that offer users both precision tracking and flexibility. The resolution control capabilities of each sensor are summarized in Table 8. The various resolution control modes are described in the following sections.
Setting Sensor Resolution
Sensor resolution is controlled by the change resolution command described on page 11.

Standard Resolution Control
In standard control mode, resolution is adjusted in increments of 200 or 400 cpi, depending on the sensor.
Standard resolution control requires a single change resolution command to change the resolution in both the x and y direction. X/Y resolution control requires a separate change resolution command for each direction. Fine resolution control requires two change resolution commands to specify the resolution. In both commands, the two most significant bits select the resolution control mode. In the first command, bits 5-0 provide the first half of the resolution code. In the second command, bits 5-0 provide the second half of the resolution code.
X/Y Resolution Control
In x/y resolution control mode, the x-direction and y-direction resolution are independent: they need not be set to the same value. Resolution in either direction is adjusted in increments of 50 cpi.
Fine Resolution Control
Fine control mode enables continuously variable resolution in increments of less than 1 cpi. Table 8. Resolution Control Capabilities of CYONS1001x Sensors Sensor CYONS1001L CYONS1001T CYONS1001 CYONS 1001G CYONS 1001U Minimum Resolution 400 cpi 50 cpi 400 cpi 400 cpi 400 cpi Maximum Resolution 1200 cpi 1150 cpi 2400 cpi 2800 cpi 3200 cpi Standard Resolution Control 400 cpi steps - 200 cpi steps 200 cpi steps 200 cpi steps X/Y Resolution Control - 50 cpi steps 50 cpi steps 50 cpi steps 50 cpi steps Fine Resolution Control - - <1 cpi steps <1 cpi steps <1 cpi steps
Document Number: 001-06398 Rev. *J
Page 9 of 24
[+] Feedback
CYONS1001x
SPI Interface
SPI Interface Configuration
The main interface to the CYONS1001x sensor is a 4-pin SPI interface. The sensor is an SPI slave, and the external controller is the master. If the sensor is the only slave device, the controller can hold the NCS pin low at all times. The sensor SPI bus is configured as follows:

overhead of this frequent command, no address byte is required, only a command byte. Tracking data is reported as relative movement since the last tracking data read. The tracking data is reported in two's complement format. Each time tracking data is read, the internal accumulators for both the x-axis and the y-axis are reset to zero.
Bit order is MSB first The SPI bus clock input (SCK) must be between 500 kHz and 2 MHz CPOL = 0, the clock idle state is low CPHA = 0, data is registered as input on the leading edge of SCK and output on the trailing edge of the SCK
Soft Reset Command
The soft reset command forces the sensor into a soft reset. The reset takes the same amount of time as a power on reset of the sensor chip, so the external controller must wait approximately 100 ms before the sensor can respond to further commands.
Test Write Command
The test write command writes a data byte to sensor memory, where it is read back by the test read command. These commands enable the developer to test the SPI interface between the sensor and external controller.
The sensor can process SPI commands when the MOTION pin is asserted by the sensor. The sensor cannot process SPI commands in nap, sleep, or hibernate mode.
SPI Interface Commands
Table 9 shows the format of the commands the external controller can issue to the sensor. Except for the change resolution and read resolution commands, the commands are identical for all for all CYONS1001x sensors. The commands are described in the following sections. Timing diagrams for the commands are shown on page 13.
Test Read Command
The test read command reads the test write data byte from sensor memory. If a test write command has not been issued before the test read command, the value returned is undefined.
Read Firmware ID Command
The read firmware ID command enables the controller to read a sensor firmware ID byte, allowing the system to maintain version control of firmware updates. The command is implemented as a read to the firmware ID address of the sensor. The byte returned by the sensor is a unique identifier of the firmware. Other than that, it is not structured.
Read Tracking Data Command
The read tracking data command reads four bytes of x/y axis location information in a single long transaction. To reduce the Table 9. SPI Command Formats SPI Command Read tracking data Request from Master Command byte 0x80 Address byte None
Data byte None
Response from Slave No response No response No response 0x0F:CYONS1001 0x0A:CYONS1001L 0x05:CYONS1001T 0x0B:CYONS1001G 0x0C:CYONS1001U All others reserved
tSPI DELAY_1 (min) 400 s
tSPI DELAY_2 (min) 20 s
Soft reset Change resolution Read resolution Test write Test read Read firmware ID Read product ID
0x02 0x02 0x82 0x02 0x82 0x82 0x82
0xE0 0x1A 0x1A 0x1C 0x1C 0xFF 0xFE
0x01 None 0xXX None None None
400 s 400 s 400 s 400 s 400 s 400 s 400 s
20 s 20 s 100 s 20 s 100 s 100 s 100 s
Read signal level
0x82
0x5B
None
400 s
100 s
Document Number: 001-06398 Rev. *J
Page 10 of 24
[+] Feedback
CYONS1001x
Read Product ID Command
The read product ID command enables the controller to read a sensor product ID byte. The command is implemented as a read to the product ID address of the sensor. The byte returned by the sensor is a unique identifier of the product ID. Other than that, it is not structured.
.
Table 11. CYONS1001T Change Resolution Data Byte Bit 7-6 Function Selects x or y direction[3] 01 = Change y direction resolution 10 = Change x direction resolution Sets resolution in either the x or y direction from 50 to 1150 cpi 000001 = 1 = 50 cpi 000010 = 2 = 100 cpi ...etc... 010111 = 23 = 1150 cpi
Read Signal Level Command
The read signal level command enables the controller to read an indicator of the strength of the optical signal received by the sensor. The signal level returned by the sensor is not calibrated; yet, it can provide a useful measurement of signal level during system development.
5-0
Change Resolution Command
The change resolution command enables the external controller to select the resolution of the tracking data reported by the sensor. The command consists of command byte, address byte, and data byte. The command and address bytes are the same for all CYONS1001x sensors; however, because the CYONS1001x have different resolution control capabilities, the interpretation of the data byte varies by sensor. Table 10 through Table 14 describe the configuration of the change resolution data byte for each CYONS1001x sensor. For a description of the resolution control modes, see "Resolution Control Capabilities" on page 9.
Table 12. CYONS1001 Change Resolution Data Byte Bit 7-6 Function Selects resolution control mode: 00 = Standard resolution control 01 = Change y direction resolution 10 = Change x direction resolution 11 = Fine resolution control In standard resolution mode: Sets resolution from 400 to 2400 cpi. 000010 = 2= 400 cpi 000011 = 3= 600 cpi ...etc.... 001100 = 12 = 2400 cpi In x/y resolution mode:[4] Sets resolution in either the x or y direction from 400 to 2400 cpi. 001000 = 8 = 400 cpi 001001 = 9 = 450 cpi ...etc.... 110000 = 48 = 2400 cpi In fine control mode:[5] Sets resolution from 400 to 2400 cpi in steps of 0.78125 dpi. 001000 000000 = 512 = 400 cpi 001000 000001 = 513 = 401 cpi ...etc.... 110000 000000 = 3072 = 2400 cpi
5-0
Read Resolution Command
The read resolution command reads the current resolution setting of the sensor. The sensor responds with a data byte that matches the data byte in the last valid change resolution command. The interpretation of the data byte in the sensor's response to the read resolution command depends on the sensor and the resolution control mode the sensor is using. Table 10 through Table 13 describe the data bytes for each sensor. Because the response from the sensor includes only a single data byte and some resolution settings are specified by two data bytes, the controller must use a write-read, write-read sequence to access the two bytes required to specify resolution in x/y resolution control mode or fine control mode. if a read resolution command is sent before a change resolution command, the sensors respond with their default setting.
.
Table 10. CYONS1001L Change Resolution Data Byte Bit 7-6 5-0 Function 00 = Standard resolution mode Sets resolution from 400 to 1200 cpi 000001 = 1 = 400 cpi 000010 = 2 = 800 cpi 000011 = 3 = 1200 cpi
Notes 3. The CYONS1001T only supports the x/y resolution control mode. A single change resolution command changes the resolution in either the x direction or y direction. Two commands are required to change the resolution in both directions. 4. In x/y resolution control mode, a single change resolution command changes the resolution in either the x direction or y direction. Two commands are required to change the resolution in both directions. 5. Fine resolution control mode requires two change resolution commands. In both commands, the first two bits select the resolution control mode. In the first command, bits 5-0 provide the first half of the resolution code. In the second command, bits 5-0 provide the second half of the resolution code.
Document Number: 001-06398 Rev. *J
Page 11 of 24
[+] Feedback
CYONS1001x
Table 13. CYONS1001G Change Resolution Data Byte Bit 7-6 Function Selects resolution control mode: 00 = Standard resolution control 01 = Change y-direction resolution 10 = Change x-direction resolution 11 = Fine resolution control In standard resolution mode: Selects resolution from 400 to 2800 cpi. 000010 = 2= 400 cpi 000011 = 3= 600 cpi ...etc.... 001110 = 14 = 2800 cpi In x/y resolution mode:[4] Sets resolution in either the x or y direction from 400 to 2800 cpi. 001000 = 8 = 400 cpi 001001 = 9 = 450 cpi ...etc.... 111000 = 56= 2800 cpi In fine control mode:[5] Sets resolution from 400 to 2800 cpi in steps of 0.78125 dpi. 001000 000000 = 512 = 400 cpi 001000 000001 = 513 = 401 cpi ...etc.... 111000 000000 = 3584 = 2800 cpi
Table 14. CYONS1001U Change Resolution Data Byte Bit 7-6 Function Selects resolution control mode: 00 = Standard resolution control 01 = Change y-direction resolution 10 = Change x-direction resolution 11 = Fine resolution control In standard resolution mode: Selects resolution from 400 to 3200 cpi. 000010 = 2= 400 cpi 000011 = 3= 600 cpi ...etc.... 010000 = 16 = 3200 cpi In x/y resolution mode:[4] Sets resolution in either the x or y direction from 400 to 3150 cpi. 001000 = 8 = 400 cpi 001001 = 9 = 450 cpi ...etc.... 111111 = 63= 3150 cpi In fine control mode:[5] Sets resolution from 400 to 3199 cpi in steps of 0.78125 dpi. 001000 000000 = 512 = 400 cpi 001000 000001 = 513 = 401 cpi ...etc.... 111111 111111 = 4095 = 3199 cpi
5-0
5-0
Document Number: 001-06398 Rev. *J
Page 12 of 24
[+] Feedback
CYONS1001x
SPI Interface Timing
Figure 5. Read Tracking Data Command Timing (Burst Read)
tSPI_DELAY_1
12345678
tSPI_DELAY_2
tSPI_DELAY_2
tSPI_DELAY_2
tCMD_2
to next command
SCK MOSI MISO NCS tNCS_SU tNCS_HOLD
1 0000000
X_MSB
X_LSB
Y_MSB
Y_LSB
Figure 6. Timing for SPI Write Operations
tSPI_DELAY_1
12345678
tSPI_DELAY_3
tCMD_1
to next command
SCK MOSI MISO NCS tNCS_SU tNCS_HOLD
COMMAND 0 0000010 ADDRESS xxxxxxxx DATA xxxxxxxx
Figure 7. Timing for SPI Read Operations
tSPI_DELAY_1
12345678
tSPI_DELAY_4
tCMD_2
to next command
CLK MOSI MISO NCS tNCS_SU tNCS_HOLD
COMMAND 1 0 0 0 0 01 0 ADDRESS xxxxxxxx
DATA xxxxxxxx
Document Number: 001-06398 Rev. *J
Page 13 of 24
[+] Feedback
CYONS1001x
SHUTDOWN, MOTION, and EXTCFG Pins
SHUTDOWN Pin
The SHUTDOWN pin enables hibernate mode -- an ultra low power state in which the sensor cannot detect motion. When the SHUTDOWN pin is asserted, the sensor quickly powers down and remains powered down until the pin is deasserted. When the SHUTDOWN pin is deasserted, the sensor returns to the default power up state after an internal wakeup sequence. Startup time from deassertion of the pin to full tracking capability is 20 ms max. The SHUTDOWN pin is asserted at any time except during the initial power on sequence or the wakeup sequence from a previous SHUTDOWN state. Table 15. SHUTDOWN Pin SHUTDOWN pin High Low Sensor Operating Mode Hibernate mode Tracking, nap, or sleep mode In addition, the MOTION pin serves as a startup indicator. The pin is asserted when the initial power on sequence or the wakeup sequence from SHUTDOWN state is complete. If the mouse is in motion during startup, the MOTION pin stays high; if the mouse is not moving, the MOTION pin goes low after 4 seconds. For the CYONS1001, CYONS1001G, and CYONS1001U only, the MOTION pin can also be used as an indicator of the sensor's readiness to report x/y data. For these models, the sensor pulls MOTION low when it is processing the Read x/y command, and set MOTION high again when it is ready to report data. Using this feature, designers can use the rising edge of the MOTION line as a signal to poll the sensor. This allows the mouse to poll the sensor at the highest possible rate.
EXTCFG Pin
The EXTCFG pin enables a factory test mode that manufacturers can use to verify laser output power for safety compliance purposes. The pin is held low by an internal 4K - 8K ohm pull down resistor, but is driven high to enable factory test mode. To enable factory test mode, drive the EXTCFG pin high at power up. When the power on sequence is complete, the sensor asserts the MOTION pin, indicating the device is ready to accept configuration data from the external controller over the SPI bus. The test command sequence is described in "Laser Output Power Test Procedure" on page 15. To re-enable the normal mode of operation after testing, set the EXTCFG pin low or no-connect at power up. Table 17. EXTCFG Pin EXTCFG pin High Low or NC Sensor Operating Mode Enables factory test mode Normal operating mode
MOTION Pin
The MOTION output reports the present operating mode of the sensor. When the MOTION pin is asserted, the sensor can process SPI commands. When the MOTION pin is deasserted, the sensor is in nap, sleep, or hibernate mode and cannot process SPI commands. Table 16. MOTION Pin MOTION pin High Low Sensor Operating Mode Tracking mode Nap, sleep, or hibernate mode
Document Number: 001-06398 Rev. *J
Page 14 of 24
[+] Feedback
CYONS1001x
Laser Safety Considerations
CYONS1001x laser navigation sensors and the CYONSLENS1001 lens are designed and tested to enable manufacturers to achieve eye safety certification with minimal effort. This section provides guidelines for complying with the Class 1 emission requirements of IEC/EN 60825-1.
Laser Output Power Test Procedure
To verify the factory calibration, maximum output power is measured using the following procedure: 1. With power to the sensor off, drive the EXTCFG pin high, or temporarily tie the pin to DVDD. 2. Apply power and wait for the sensor to assert the MOTION pin. This indicates that the sensor is ready to accept configuration data from the external controller over the SPI bus. 3. Assert the SPI slave-select line and send the following configuration bytes to sensor through the SPI interface. A minimum delay of 50 s must be added between bytes. <0x03> <0x01> <0x00> <0x18> <0xFF> <0x02> <0x04> <0x00> <0xA7> <0x00> <0xFF> <0x00> The sensor locks the laser to the programmed power limit with continuous wave (CW) output. The sensor provides tracking data if queried, but the tracking performance is poor due to the test mode. After testing, the sensor must be power cycled with the EXTCFG pin low or not connected to ensure optimal tracking.
Laser Output Power
The CYONS1001x sensor package contains an integrated VCSEL and drive circuitry. Before shipping, Cypress adjusts the laser output power to eye-safe levels, taking into account specified variations in supply voltage, temperature, lens transmission, and VCSEL polarization, and factors such as VCSEL aging and test equipment accuracy. The output remains within eye-safe limits under reasonably foreseeable single-faults, as required by the IEC standard. From the perspective of a manufacturer, laser emission remains within the Class 1 limit, as defined in IEC 60825-1, Edition 1.2, 2001-08, provided the following requirements are met.

The supply voltage applied to the sensor must be in the range of 2.7 to 3.6V. The operating temperature must be between 5 and 45 C. A CYONSLENS1001 must be properly installed over the sensor.
Registration Assistance
Cypress can provide assistance to customers who wish to obtain registration. Supporting documentation, including a verification test procedure to demonstrate end-product compliance with IEC and CDRH requirements is available. For further information, contact a Cypress representative.
In addition, the following requirements must be met to prevent access to radiation levels that exceed the Class 1 limit:
The laser output power must not be increased by any means, including firmware, hardware, or mechanical modifications to the sensor or lens. The sensor housing must be designed in such a way that the CYONSLENS1001 cannot be opened without the use of a tool. If the mouse is equipped with batteries, the housing must be designed to prevent access to laser energy when the battery cover is removed.

It is the responsibility of the manufacturer to ensure these conditions are always met and to demonstrate end-product compliance to the appropriate regulatory standards.
Document Number: 001-06398 Rev. *J
Page 15 of 24
[+] Feedback
CYONS1001x
Firmware Update Capability
In some cases, manufacturers may wish to use Cypress's MiniProg programmer to implement factory firmware updates. Firmware updates must be obtained only from a Cypress authorized representative. The Miniprog uses a 5-pin in-system serial programming (ISSP) protocol. By connecting the sensor's ISSP pins to the MiniProg, firmware is updated using Cypress PSoC(R) Programmer software. The most convenient way to connect the sensor pins to the MiniProg is to install a 5-pin male header on the board, routing Table 18. ISSP Pin Connections ISSP Pin Number 1 2 3 4 5 CYONS1001x Pin Number 29 30 5 19 17 Connector Pin Name DVDD GND XRES P1 [1] P1 [0] Function Power supply positive voltage Power supply ground connection Reset drive SCLK - serial clock SDATA - serial data IO the 5 pins to the sensor pins as shown in Table 18 and the schematic diagram in Figure 8. A suggested header is part number 22-23-2051 from Molex, Inc. To eliminate the expense of a 5-pin header, test pads may be included on the board, so that the ISSP connections are made with probes. MiniProg programmers and PSoC Programmer software are available for purchase and download at www.cypress.com.
Figure 8. Connection between ISSP Header and Typical Sensor Application
Document Number: 001-06398 Rev. *J
Page 16 of 24
[+] Feedback
CYONS1001x
Package Diagram
001-05662 *C
Document Number: 001-06398 Rev. *J
Page 17 of 24
[+] Feedback
CYONS1001x
Mechanical Design Considerations
This section provides the mechanical information required to incorporate the CYONS1001x sensor and CYONSLENS1001 lens into a mouse design. addition, if the mouse is battery powered, the housing must be designed to prevent access to laser energy from when changing batteries.
Housing Design Safety Considerations
The housing must be designed to ensure compliance with Class 1 laser safety standards. To prevent exposure to radiation levels that exceed Class 1 limits, the mouse must be designed such that it cannot be disassembled without the use of a tool. In
Orientation of PCB in a Mouse Application
Figure 9 shows the orientation of the sensor PCB in a standard mouse application. The sensor is mounted on a small PCB. Typically, the PCB is oriented sensor side down in the device housing.
Figure 9. Sensor PCB Orientation
Orientation of Sensor on PCB
Figure 10 shows the correct assignment of "mouse UP," "mouse DOWN," "mouse LEFT," and "mouse RIGHT" motion. The UP and DOWN directions are reversed because the sensor side of the PCB faces down. Note that this diagram does not apply to the CYONS1001T sensor, which is typically mounted beneath a trackball. To maintain correct x/y orientation, the y report of the CYONS1001T is inverted (opposite sign) with respect to the other sensors. Figure 10. Orientation of Sensor on PCB
Looking at lower side of sensor PCBA Mouse DOWN
Sensor Illumination Aperture
The illumination aperture must be properly sized to ensure light is not blocked as it enters or exits the sensor assembly. The minimum dimensions of the aperture are shown in Figure 11. Dimensions are in mm, referenced to the center of the lens alignment pin. Figure 11. Illumination Aperture
Alignment holes
Mouse LEFT Mouse UP
Mouse RIGHT
Document Number: 001-06398 Rev. *J
Page 18 of 24
[+] Feedback
CYONS1001x
PCB Requirements
Figure 12 shows the mechanical requirements for the PCB. The board requires:

with the lens clips. The keepouts must be free of both components and solder build-up. Figure 13. PCB Keepout Zones
Two clearance holes 1.00 mm in diameter for the lens alignment pins. Two slots for the clip legs of the lens. The radii of these slots are also 1.00 mm, giving the slot a width of 2.00 mm.
The holes and the slots must be clear of other components on both sides of the PCB. Land pad architecture and spacing are consistent with JEDEC MO-220 (52-lead QFN). The L-shaped feature inside the array of lands must be soldered to the tab on the bottom of the sensor package and connected to the DGND signal of the PCBA. Also, the entire area within the sensor land pads must be kept free of exposed copper. Figure 12. PCB Mechanical Features
PCB Mounting Height
The distance between the tracking surface and the sensor must be controlled. For optimal performance, the lower edge of the PCB must be positioned 12.78 0.25 mm from the tracking surface, as shown in Figure 14. At this distance, the lower plane of the lens is typically 2.78 mm above the tracking surface. Deviations from the specified PCB-to-tracking surface distance degrade tracking performance and lift detection. Figure 14. PCB Mounting Height
PCB
CYONS1001
CYONSLENS1001
12.78 mm
PCB Keepout Zones
Figure 13 shows the PCB keepout zones. The keepouts on the sensor side of the board prevent interference with the CYONSLENS1001 lens after it is mounted on the sensor. The keepouts on the opposite side of the board prevent interference
2.78 mm (REF)
TRACKING SURFACE
Document Number: 001-06398 Rev. *J
Page 19 of 24
[+] Feedback
CYONS1001x
Recommended Assembly Instructions
Handling Guidelines
To maximize yield and performance, follow the handling guidelines listed below.

Manufacturing Process
The CYONS1001x laser navigation sensors are designed to simplify the production process. Specifically,

Do not touch the optical surfaces of the CYONSLENS1001. Hold lenses only by their outer edges. Do not allow debris or dust to enter the optical aperture on the top of the package. Do not remove the protective tape over the package openings until immediately before the lens is attached. Do not wash the sensor PCBA after the laser sensor has been installed. The protective tape prevents moisture and dust from entering the sensor; however, it is not designed to withstand pressurized washing fluids.
The sensors are rated at 2kV ESD, so standard ESD practices are acceptable. The laser is integrated into the sensor package, so there is no need for laser handling, lead forming, or installation. The laser is precalibrated, so there is no need to adjust laser output power
Figure 15. Handling Guidelines
While different designs may require different manufacturing procedures, a recommended manufacturing process for a mouse is: 1. Collect sensor PCBA components (no need for select-at-test components). 2. Place laser sensor and passive components on sensor PCBA using a no-wash solder paste. 3. Solder components to PCBA. 4. Snap a CYONSLENS1001 lens over the laser sensor. 5. Install the laser sensor PCBA into the system housing. 6. Test and ship.
Document Number: 001-06398 Rev. *J
Page 20 of 24
[+] Feedback
CYONS1001x
Appendix 1: Wired Mouse Reference Schematic
Document Number: 001-06398 Rev. *J
Page 21 of 24
[+] Feedback
CYONS1001x
Appendix 2: Wireless Mouse Reference Schematic
Document Number: 001-06398 Rev. *J
Page 22 of 24
[+] Feedback
CYONS1001x
Ordering Information
Part Number CYONS1001U-LBXC CYONS1001G-LBXC CYONS1001-LBXC CYONS1001L-LBXC CYONS1001T0-LBXC Package 42-lead PQFN 42-lead PQFN 42-lead PQFN 42-lead PQFN 42-lead PQFN Package Type PQFN (plastic quad flat) leadless, Pb free PQFN (plastic quad flat) leadless, Pb free PQFN (plastic quad flat) leadless, Pb free PQFN (plastic quad flat) leadless, Pb free PQFN (plastic quad flat) leadless, Pb free Operating Range 5-45 C 5-45 C 5-45 C 5-45 C 5-45 C
Part Number CYONSLENS1001-C
Package Lens
Operating Range 5-45 C
Document Number: 001-06398 Rev. *J
Page 23 of 24
[+] Feedback
CYONS1001x
Document History Page
Document Title: CYONS1001x OvationONSTM Laser Navigation Sensor Document Number: 001-06398 REV. ** *A *B ECN NO. 419897 429039 435541 Issue Date See ECN See ECN See ECN Orig. of Change XSY XSY XSY Description of Change New data sheet Updated pinout & parameter tables, power supply diagram, and packaging diagrams Updated the ordering information, features, and functional descriptions; Changed nSS (chip select) to NCS; Cleaned up block diagram Added Eye Safety (Class 1) notation; Updated product & technology names; Added PCB LAND pads to Mechanical section Updated the operating conditions table, DC electrical table, AC electrical table, pin description table, power supply connections, block and package diagrams; Added lens part number Updated DC Electrical characteristics table. Combined data sheet and User Guide into one document (data sheet document). Added sections on OptiCheck, resolution control modes, firmware updates, additional SPI commands, etc. Updated description, feature list, block diagram, technical specifications and wired and wireless mouse schematics. Updated feature list. Updated tables 1, 2, 3, 4, 5, 6, 9, 10, 12, 13, 16, and 17. Updated figures 4, 5, 6, 7, 8, 9, and 12. Updated SPI timing, removed transient current supply spec. Updated Appendix 1, added Appendix 2. Corrected miscellaneous punctuation, grammar, and typographical errors. Updated text to make consistent with Tables and Figures. Updated pin description table 2. Changed "CYONS1001LENS" reference to "CYONSLENS1001". Added Package Diagram and Package Specification Number. Added CYONS1001U part number/description Changed mechanical drawings, added minor corrections
*C
464397
See ECN
XSY
*D
486184
See ECN
XSY
*E *F
906420 1160423
04/03/2007 06/18/07
XSY XSY, FJZ, SOZ
*G
1202224
See ECN
FJZ/AESA
*H
1338563
See ECN
XSY, FJZ
*I *J
1684564 2035787
See ECN See ECN
XSY, FJZ FJZ/AESA
(c) Cypress Semiconductor Corporation, 2006-2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document Number: 001-06398 Rev. *J
Revised January 28, 2008
Page 24 of 24
OvationONSTM and OptiCheckTM are trademarks of Silicon Light Machines (a subsidiary of Cypress Semiconductor). PSoC DesignerTM, Programmable System-on-ChipTM, and PSoC ExpressTM are trademarks and PSoC(R) is a registered trademark of Cypress Semiconductor Corp. All other trademarks or registered trademarks referenced herein are property of the respective corporations.
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CYONS1001X09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X