Part Number Hot Search : 
Y3014 13003A 6754MR SBR12050 SBR1680 4738A SBR12050 TSOP532
Product Description
Full Text Search
 

To Download BZT52C2V4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 410mW Two Terminals
SMD Zener Diodes BZT52C2V4 - BZT52C51
410mW Two Terminals SMD Zener Diodes
Features
* Planar Die Construction * 410mW Power Dissipation * Zener Voltage 2.4v to 51v * RoHS Compliance
SOD-123
Mechanical Data
Case: Epoxy: Terminals: Polarity: Approx Weight: SOD-123, molded plastic Plastic package has UL flammability 94V-0 Solderable per MIL-STD-202G,Method 208 Color band denotes cathode 0.01 grams
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Forward Voltage Drop Power Dissipation Peak Forward Surge Current,8.3ms single half sine-wave superimposed on rated load (JEDEC method) Operating Junction Temperature Storage Temperature Range Value 0.9 410 2.0 150 -55 to 150 Unit V mW A C C IF=10mA Ta=25 C (Note 1) (Note 2) Conditions
VF Ptot IFSM TJ TSTG
Note: 1. Mounted on 5.0mm(0.13mm thick ) land areas
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/AH 2007-10-11 Page 1 of 4
410mW Two Terminals SMD Zener Diodes
BZT52C2V4 - BZT52C51
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Norminal Zener Voltage @ IZT Test Current Max. Zener Impedance Max. Reverse Leakage Current IR @ VR
Part NO.
Marking Code
VZ(V)
Nom. Min. 2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 Max. 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50
IZT(mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
ZZT@ IZT
85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90 100 100
ZZK@ IZK
600 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300 700 750
IZK(mA)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
IR (A)
0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR(V)
0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 22.5 25 27 29 32 35
BZT52C2V4 BZT52C2V7 BZT52C3V0 BZT52C3V3 BZT52C3V6 BZT52C3V9 BZT52C4V3 BZT52C4V7 BZT52C5V1 BZT52C5V6 BZT52C6V2 BZT52C6V8 BZT52C7V5 BZT52C8V2 BZT52C9V1 BZT52C10 BZT52C11 BZT52C12 BZT52C13 BZT52C15 BZT52C16 BZT52C18 BZT52C20 BZT52C22 BZT52C24 BZT52C27 BZT52C30 BZT52C33 BZT52C36 BZT52C39 BZT52C43 BZT52C47
W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WL WM WN WO WP WR WS WT WU WW WX WY WZ
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47
Rev. A/AH 2007-08-17 www.taitroncomponents.com Page 2 of 4
410mW Two Terminals SMD Zener Diodes
BZT52C2V4 - BZT52C51
Norminal Zener Voltage @ IZT Test Current Max. Zener Impedance Max. Reverse Leakage Current IR @ VR
Part NO.
Marking Code
VZ(V)
Nom. Min. 48 Max. 54
IZT(mA)
5
ZZT@ IZT
100
ZZK@ IZK
750
IZK(mA)
1
IR (A)
0.1
VR(V)
38
BZT52C51
XA
51
Typical Characteristics Curves
Fig.1- Power Dissipation Fig.2- Typical Forward Characteristic
Ptot, Power Dissipation (mW)
IF, Forward Current (mA)
Temperature (C) Fig.3-Typical Zener Impedance ZZT, Dynamic Impedance, ()
VF, Forward Voltage (V)
Vz, Normal Zener Voltage (V) Rev. A/AH 2007-08-17 www.taitroncomponents.com Page 3 of 4
410mW Two Terminals SMD Zener Diodes
BZT52C2V4 - BZT52C51
Dimensions in inch (mm)
SOD-123
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. A/AH 2007-08-17 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of BZT52C2V4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X