Part Number Hot Search : 
TCA62 99000 MIC52 A1093 RS1ML SDR1G AD7819YN UPA1790
Product Description
Full Text Search
 

To Download BTA08-600B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
SemiWell Semiconductor Bi-Directional Triode Thyristor
Symbol
BTA08-600B
UL : E228720
2.T2
Features
Repetitive Peak Off-State Voltage : 600V R.M.S On-State Current ( IT(RMS)= 8 A ) High Commutation dv/dt Isolation Voltage ( VISO = 1500V AC ) TO-220F

3.Gate
1.T1
General Description
This device is fully isolated package suitable for AC switching application, phase control application such as fan speed and temperature modulation control, lighting control and static switching relay. This device is approved to comply with applicable requirements by Underwriters Laboratories Inc.
1
2
3
Absolute Maximum Ratings
Symbol
VDRM IT(RMS) ITSM I2 t PGM PG(AV) IGM VGM VISO TJ TSTG
( TJ = 25C unless otherwise specified ) Condition Ratings
600 TC = 89 C One Cycle, 50Hz/60Hz, Peak, Non-Repetitive 8.0 80/88 32 5.0 0.5 2.0 10 A.C. 1 minute 1500 - 40 ~ 125 - 40 ~ 150 2.0
Parameter
Repetitive Peak Off-State Voltage R.M.S On-State Current Surge On-State Current I2 t Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Isolation Breakdown Voltage(R.M.S.) Operating Junction Temperature Storage Temperature Mass
Units
V A A A2 s W W A V V C C g
Mar, 2004. Rev. 0
copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
1/6
BTA08-600B
Electrical Characteristics
Symbol Items
Repetitive Peak Off-State Current Peak On-State Voltage Non-Trigger Gate Voltage Critical Rate of Rise Off-State Voltage at Commutation Holding Current Thermal Impedance Junction to case TJ = 125 C, VD = 1/2 VDRM TJ = 125 C, [di/dt]c = -4.0 A/ms, VD=2/3 VDRM Gate Trigger Voltage VD = 6 V, RL=10 Gate Trigger Current VD = 6 V, RL=10
Conditions
VD = VDRM, Single Phase, Half Wave TJ = 125 C IT = 12 A, Inst. Measurement
Ratings Min.
0.2 10
Typ.
15
Max.
2.0 1.4 30 30 30 1.5 1.5 1.5 3.7
Unit
IDRM VTM I+GT1 I -GT1 I -GT3 V+GT1 V-GT1 V-GT3 VGD (dv/dt)c IH Rth(j-c)
mA V
mA
V
V
V/
mA C/W
2/6
BTA08-600B
Fig 1. Gate Characteristics
10
2
Fig 2. On-State Voltage
10
1
VGM (10V)
On-State Current [A]
Gate Voltage [V]
PGM (5W) PG(AV) (0.5W) 25
10
0
10
1
TJ = 125 C
o
IGM (2A)
TJ = 25 C
10
0
o
10
-1
VGD (0.2V)
1
10
10
2
10
3
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Gate Current [mA]
On-State Voltage [V]
Fig 3. On State Current vs. Maximum Power Dissipation
10 9
Fig 4. On State Current vs. Allowable Case Temperature
o
Power Dissipation [W]
8 7
2
Allowable Case Temperature [ oC]
360
= 180 o = 150 o = 120 = 90 = 60
o o
130
120
6 5 4 3 2 1 0 0
110
: Conduction Angle
= 30
100
o o
= 30
o

360
2
90
: Conduction Angle
80
= 60 o = 90 o = 120 o = 150 o = 180
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
RMS On-State Current [A]
RMS On-State Current [A]
Fig 5. Surge On-State Current Rating ( Non-Repetitive )
100
Fig 6. Gate Trigger Voltage vs. Junction Temperature
10
Surge On-State Current [A]
80
60Hz
V VGT (25 C) VGT (t C) V
1
o
+ GT1 _ GT1 _ GT3
60
V
40
50Hz
20
o
0 0 10
10
1
10
2
0.1 -50
0
50
100
o
150
Time (cycles)
Junction Temperature [ C]
3/6
BTA08-600B
Fig 7. Gate Trigger Current vs. Junction Temperature
10
10
Fig 8. Transient Thermal Impedance
1
I I
+ GT1 _ GT1
Transient Thermal Impedance [ C/W]
IGT (25 C)
IGT (t C)
o
o
o
1
I
0.1 -50
_ GT3
0
50
100
o
150
0.1 -2 10
10
-1
10
0
10
1
10
2
Junction Temperature [ C]
Time (sec)
Fig 9. Gate Trigger Characteristics Test Circuit
10
10
10

6V

A

A
6V
6V
A
V
RG
V
RG
V
RG
Test Procedure
Test Procedure
Test Procedure
4/6
BTA08-600B
TO-220F Package Dimension mm Typ. Inch Typ.
Dim. A B C D E F G H I J K L M N O
Min. 10.4 6.18 9.55 13.47 6.05 1.26 3.17 1.87 2.57
Max. 10.6 6.44 9.81 13.73 6.15 1.36 3.43 2.13 2.83
Min. 0.409 0.243 0.376 0.530 0.238 0.050 0.125 0.074 0.101
Max. 0.417 0.254 0.386 0.540 0.242 0.054 0.135 0.084 0.111
2.54 5.08 2.51 1.25 0.45 0.6 3.7 3.2 1.5 2.62 1.55 0.63 1.0 0.099 0.049 0.018 0.024
0.100 0.200 0.103 0.061 0.025 0.039 0.146 0.126 0.059
1 2
F B
A E
H
I
1 2
C L 1 D 2 3 J K M
G
1. T1 2. T2 3. Gate
N O
5/6
BTA08-600B
TO-220F Package Dimension, Forming mm Typ. Inch Typ.
Dim. A B C D E F G H I J K L M N O P
Min. 10.4 6.18 9.55 8.4 6.05 1.26 3.17 1.87 2.57
Max. 10.6 6.44 9.81 8.66 6.15 1.36 3.43 2.13 2.83
Min. 0.409 0.243 0.376 0.331 0.238 0.050 0.125 0.074 0.101
Max. 0.417 0.254 0.386 0.341 0.242 0.054 0.135 0.084 0.111
2.54 5.08 2.51 1.25 0.45 0.6 5.0 3.7 3.2 1.5 2.62 1.55 0.63 1.0 0.099 0.049 0.018 0.024
0.100 0.200 0.103 0.061 0.025 0.039 0.197 0.146 0.126 0.059
1 2
F B
A E
H
I
1 2
C L 1 2 3 N J K O P M
G D
1. T1 2. T2 3. Gate
6/6


▲Up To Search▲   

 
Price & Availability of BTA08-600B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X