Part Number Hot Search : 
MG100 SF1093A AD8306 30KPA132 334K02 CX6187NL MB90622A NJM2581
Product Description
Full Text Search
 

To Download BR81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BR805 THRU BR810
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT8.0A
FEATURES
*Surge overload ratings-125 Amperes *Low forward voltage drop
KBPC-8/10
.296(7.5) .255(6.5) .052(1.3) DIA. .048(1.2) TYP. .770(19.6) .730(18.5) .520(13.2) .480(12.2) .750 (19.1)
MIN.
MECHANICAL DATA
* Case:Metal or plastic shell with plastic encapsulation *Epoxy: UL 94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity: Symbols molded or marked on body *Mounting: Thru hole for 6# screw *Weight: 6.9 grams
HOLE FOR NO. 6 SCREW
.520(13.2) .770(19.6) .480(12.2) .730(18.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL BR805 BR81 Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Output Current at TC=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 4.0A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C per element VRRM VRMS VDC Io IFSM VF IR
2
BR82
BR84
BR86
BR88
BR810
units
V V V A A V A
2
50 35 50
100 70 100
200 140 200
400 280 400 8.0 250 1.1 10 500
600 420 600
800 560 800
1000 700 1000
It 166 A Sec I2t Rating for Fusing (t<8.3ms) CJ 200 pF Typical Junction Capacitance (Note 1) Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Ambient and fromjunction to lead mounted on P.C.B. with 0.5x0.5"(13x13mm) copper pads.
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of BR81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X