Part Number Hot Search : 
TSH22I SW12900E D271K 1N4738CG KBPC251 AT45D TLP3502A D271K
Product Description
Full Text Search
 

To Download BP64R409S10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
DF-A Dielectric Filters
Dielectric Filters
Token Offers Dielectric RF Filters for Telecoms (DF-A)
Preview Token has extended the capabilities of its filter product line with the introduction of a new range of dielectric microwave filters to the available frequency range up to 5.8GHz. Token designs and manufactures custom electronic filters for defence, telecommunications and similar application increasing the range of products available to customers. Two block-type dielectric RF filters for telecoms basestation applications have been added to Token's DF range. The filters have been designed for cellular basestation applications that use a digital pre-distortion amplifier (DPD), as they feature a wide pass band and flat ripple performance, which are required for DPD PA design. Applications also include RF and microwave communications such as GSM, 3G, GPS, satellite and TV transmission, wireless security systems, radar, CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz Cordless Phone, wireless earphone, wireless microphone, aerospace and military. The DF-A filter's small size (8.8 x 7.3 x 3.6 mm) means they require more less mounting space compared to Token's previous generation of filters for this application. The filters' highly sophisticated multi-pole design ensures high attenuation and good selectivity. Both the two members of the DF series have a ripple of 1.0 dB max. In addition, Token enhances custom design capabilities for specialist applications. Our customers will benefit from the additional frequency ranges now available and from the excellent quality and lower costs achievable Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Applications - Suitable for surface mount and reflow soldering. - Excellent mechanical structure and temperature stability. - Good selectivity, low insertion loss for using high Q-value resonators.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 19
TOKEN
Dimensions (Unit: mm)
1.3
DF-A Dielectric Filters
DF903 7.3
3.2 4.4
8.8
3.6 Unit: mm Tol: 0.2
Typical Specifications Part No. DF457S30A DF522S10A DF683S30A DF740S30A DF864S10A DF915S25A DF903S6A DF927S6A DF1890S80A DF2403S20A DF2475S20A Center Frequency (MHz) 457 522 683 740 864 915 903 927 1890 2403 2475 Band Width (MHz) fo15 fo5 fo15 fo15 fo5 fo12.5 fo3 fo3 fo40 fo10 fo10 Insertion Loss (dB) max. 3.0 3.0 2.5 2.0 2.5 2.0 3.5 3.5 1.5 3.0 3.0 Ripple in Band Width (dB) max. 1.0 0.5 1.0 0.5 0.5 1.0 0.5 0.5 1.0 0.5 0.5 V.S.W.R max. 2.0 1.6 2.0 1.8 1.5 2.0 1.5 1.5 2.0 1.5 1.5 Attenuation (dB) min. (MHz) 17 at fo+50; 30 at fo-50 23 at fo+40; 40 at fo-40 20 at fo+64; 30 at fo-64 14 at fo+64; 20 at fo-64 15 at fo+24; 17 at fo-24 20 at fo+100; 35 at fo-100 32 at fo+24 32 at fo-24 15 at fo+200; 35 at fo-200 35 at fo+75 35 at fo-75
Typical Characteristic
1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection SWR 0.2/ Ref 1.000
0.6
dB 10 1 -10 -20 -30 -40 -50 -60 -70 2:
3
1
2
Meas 1:Mkr1 915.000 MHz -1.731dB Meas 2:Mkr1 915.000 MHz 1.289
2
2 1 3
1
Center 915.000MHZ
Span 400.000MHZ
Continued on the following page.
02 of 19
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Continued from the preceding page.
1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection SWR 0.2/ Ref 1.000
DF-A Dielectric Filters
dB 10 1: -10 -20 -30 -40 -50 -60 -70 2:
2
1
3
Meas 1:Mkr1 927.000 MHz -3.296dB Meas 2:Mkr1 927.000 MHz 1.302
2
1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection SWR 0.2/ Ref 1.000
How to Order
Dielectric Filter Center Frequency Connect Type :
Code S Size SMD type
Bandwidth Size
Code A B C D Size 7.3*3.6 mm 6.0*3.0 mm 4.5*2.0 mm 3.6*1.8 mm
Version 2010
dB 10 1: -10 -20 1 -30 -40
3
1
2
Meas 1:Mkr1 907.000 MHz -2.381dB Meas 2:Mkr1 904.000 MHz 1.153
2
3
3
2 1
2
-50
1
-60 -70
1
Center 927.000MHZ
Span 200.000MHZ
2:
Center 904.000MHZ
Span 300.000MHZ
DF
864
S
10
A
Back to 1st Page - Dielectric Filters DF-A
http://www.token.com.tw/ rfq token.com.tw
03 of 19
TOKEN
DF-B Dielectric Filters
Dielectric Filters (DF-B)
Token Dielectric Filter (DF-B) has a Ripple in Band Width (dB) 0.5 max.
Preview Token Dielectric Filter (DF-B) manufactures with a fine-grained, high density, high purity dielectric material to keep the best performance with a ripple in band width (dB) 0.5 max. The (DF-B) filter's small size (8.5 x 6.0 x 3.0 mm) means they require more less mounting space. Available Center Frequency 650 MHz to 916 MHz with V.S.W.R 1.5 max., insertion loss 2.0 ~ 5.0 (dB) max. RF dielectric filters are mounted in a surface mount package which assures mechanical stability and excellent lead coplanarity. RF filters can be customed designs and tighter tolerances available on request. Products conform to the RoHS directive. Application of specific designs also available including different Dielectric values and Q specifications adjusted to frequency requirements.
04 of 19
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Dimensions (Unit: mm)
1.3 0.6 DF959 6.0 8.5
DF-B Dielectric Filters
2.2 3.4
3.0 Unit: mm Tol: 0.2
Typical Specifications Part No. DF650S30B DF700S20B DF710S08B DF746S20B DF758S16B DF794S20B DF800S08B DF836S20B DF850S08B DF863S22B DF875S24B DF903S09B DF906S20B DF916S30B Center Frequency (MHz) 650 700 710 746 758 794 800 836 850 863 875 903 906 916 Band Width (MHz) fo15 fo10 fo4 fo10 fo8 fo10 fo4 fo10 fo4 fo11 fo12 fo4.5 fo10 fo15 Insertion Loss (dB)max. 2.5 2.5 5.0 2.5 2.5 2.5 5.0 2.5 5.0 2.0 2.3 3.5 2.5 2.7 Ripple in Band Width (dB)max. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 V.S.W.R max. 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 Attenuation (dB)min.(MHz) 19 at fo64 19 at fo64 35 at fo+100; 28 at fo+50 12 at fo-20 19 at fo64 19 at fo64 35 at fo+100; 28 at fo+50 19 at fo+52 30 at fo+100; 40 at fo-200 50 at fo-90; 20 at fo+90 30 at fo-70 34 at fo-64; 41 at fo+64 19 at fo64 20.5 at fo70
Typical Characteristic
1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection SWR 0.2/ Ref 1.000
dB 10 1 -10 -20 -30 -40 -50 -60 -70 2:
3
1
2
Meas 1:Mkr1 915.000 MHz -1.731dB Meas 2:Mkr1 915.000 MHz 1.289
2
2 1 3
1
Center 915.000MHZ
Span 400.000MHZ
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 19
TOKEN
1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection SWR 0.2/ Ref 1.000
DF-B Dielectric Filters
2 1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection SWR 0.2/ Ref 1.000
dB 10 1: -10 -20 -30 -40 -50 -60 -70 2:
dB 10 1: -10 -20 1 -30 -40
2
1
3
Meas 1:Mkr1 927.000 MHz -3.296dB Meas 2:Mkr1 927.000 MHz 1.302
3
1
2
Meas 1:Mkr1 907.000 MHz -2.381dB Meas 2:Mkr1 904.000 MHz 1.153
2
3
3
2 1
2
-50
1
-60 -70
1
Center 927.000MHZ
Span 200.000MHZ
2:
Center 904.000MHZ
Span 300.000MHZ
How to Order
DF Dielectric Filter Center Frequency Connect Type :
Code S
836
S
20
B
Size SMD type
Bandwidth Size
Code A B C D Size 7.3*3.6 mm 6.0*3.0 mm 4.5*2.0 mm 3.6*1.8 mm
Back to 1st Page - Dielectric Filters DF-B
06 of 19
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
DF-C/D Dielectric Filters
Dielectric Filters (DF-C/D)
Token Two Block-Type Dielectric Filters (DF-C/D) range up to 5.8GHz
Preview Token two block-type dielectric RF filters have been designed for cellular basestation applications that use a digital pre-distortion amplifier (DPD), as they feature a wide pass band and flat ripple performance, which are required for DPD PA design. Applications also include RF and microwave communications such as satellite and TV transmission, wireless security systems, radar, GSM, 3G, GPS, CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz Cordless Phone, wireless earphone, wireless microphone, aerospace and military. The (DF-C/D) filter's small size (4.5 x 4.5 x 2.0 mm) means they require more less mounting space with a ripple of 1.0 dB max and insertion loss 2.0 (dB) max. Center frequency range from 1575 MHz to 5800 MHz with V.S.W.R 2.0 max. The surface mount RF Dielectric Filters (DF-C/D) conform to the RoHS directive and package is suitable for automatic pick and place equipment which assures mechanical stability and excellent lead coplanarity. Customed designs and tighter tolerances are available on request. Application of specific designs also available including different Dielectric values and Q specifications adjusted to frequency requirements.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
07 of 19
TOKEN
Dimensions (Unit: mm)
2.1 1.1
DF-C/D Dielectric Filters
4.5
DF2452
1.2 2.2 2.0 Unit: mm Tol: 0.2
4.5
Typical Specifications Part No. DF1575S40C DF1855S70C DF1890S80C DF1950S90C DF2332S100C DF2450S100C DF3066S170D DF3480S120D DF3650S150D DF4880S160D DF5800S200D Center Frequency (MHz) 1575 1855 1890 1950 2332 2450 3066 3480 3650 4880 5800 Band Width (MHz) fo20 fo35 fo40 fo45 fo50 fo50 fo85 fo60 fo75 fo80 fo100 Insertion Loss (dB)max. 2.0 2.0 2.0 3.0 2.5 2.0 2.0 2.0 2.0 2.0 2.0 Ripple in Band Width (dB)max. 0.7 0.7 0.7 0.7 0.7 0.7 1.0 1.0 1.0 1.0 1.0 V.S.W.R max. 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Attenuation (dB)min.(MHz) 20 at fo-100; 18 at fo+100 20 at fo+300; 20 at fo-300 15 at fo+250; 35 at fo-250 45 at fo+975; 45 at fo-975 25 at fo+500; 40 at fo-500 12 at fo+250; 15 at fo-250 10 at fo+300; 15 at fo-300 10 at fo+500; 20 at fo-500 15 at fo+750; 25 at fo-750 5 at fo+350; 15 at fo-350 5 at fo+400; 15 at fo-400
08 of 19
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Typical Characteristic
1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection SWR 0.2/ Ref -1.000
Meas 1:Mkr1 915.000 MHz -1.739dB Meas 2:Mkr1 915.000 MHz -17.998dB
DF-C/D Dielectric Filters
1:Transmission Log Mag 10.0dB/Ref 2:Refection SWR 0.2/ Ref 3 10 2 1: -10 -20 2 1 -30 -40 -50 -60 -70 1 3 1 2 1 0.00dB -1.000 2
Meas 1:Mkr1 915.000 MHz -1.731dB Meas 2:Mkr1 915.000 MHz 1.289dB
dB 10 -10 -20 -30 -40 -50 -60 -70
dB
2
1 3 1
2
3
Center 915.000MHZ
Span 400.000MHZ
2:
Span 400.000MHZ
How to Order
DF Dielectric Filter Center Frequency Connect Type :
Code S
1950
S
90
C
Size SMD type
Bandwidth Size
Code A B C D Size 7.3*3.6 mm 6.0*3.0 mm 4.5*2.0 mm 3.6*1.8 mm
Back to 1st Page - Dielectric Filters DF-C/D
Version 2010
http://www.token.com.tw/ rfq token.com.tw
09 of 09
TOKEN
DF 3 or Multi-Pole Dielectric Filters
Dielectric Filters (DF 3 or Multi-Pole)
Dielectric Filters (DF) 3 or multi-pole range up to 5.8GHz
Preview The dielectric filter technology based on high Dielectric Constant (K) ceramic material has been contributing great size reduction of a mobile telecommunication equipment, especially cellular handset and base station. That is superior in electrical performances and reliability. Furthermore it has good mass productivity and low cost. Token (DF) dielectric filters' highly sophisticated multi-pole design ensures high attenuation and good selectivity. The (DF) multi-pole series filter's small size (8.6 x 9.0 x 3.0 mm) means they require more less mounting space with a ripple of 1.0 dB max. Insertion loss is from 2.0 ~ 3.5 (dB) max. Center frequency range from 860 MHz to 5800 MHz with V.S.W.R 2.0 max. Coaxial dielectric filter is the most popular and commercially successful technology. Token takes this advance technology to manufacture coaxial type duplexer. This features high unloaded Q, excellent high power performance, flexible design capability, size reduction, low profile, and lighter weight. Surface mount multi-pole (DF) serise RF filter package is suitable for automatic pick and place equipment which assures mechanical stability and excellent lead coplanarity. Custom designs and tighter tolerances are available on request. Products conform to the RoHS directive. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features - MBP 42R Series. - Murata DFC Series Compatible. - Application for CT1, CT2, 900MH, 1.8GHz, 2.4G WLL Cordless phone.
10 of 19
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Dimensions (Unit: mm)
DF 3 or Multi-Pole Dielectric Filters
2.6
1.3
DF815R
L = 9.0
4.5 5.8
W = 8.6 H = 3.0 Unit: mm Tol: 0.2
Typical Specifications Part No. DF43R860S20A DF43R1855S10A DF43R950S20A DF44R3120S60A DF45R1120S40A DF33R815S20B DF33R1880S50B DF23R1480S40C DF23R1960S60C DF23R2480S30C DF23R5800S200D Center Frequency fo(MHz) 860 1855 950 3120 1120 815 1880 1480 1960 2480 5800 Band Width (MHz) fo10 fo5 fo10 fo30 fo20 fo10 fo25 fo20 fo30 fo15 fo100 Insertion Loss (dB) max. 3.0 3.5 3.5 3.0 2.5 2.5 3.5 2.5 2.0 2.5 2.0 Ripple in Band Width (dB)max. 0.8 1.0 0.8 1.0 1.0 0.8 1.0 1.0 1.0 1.0 1.0 V.S.W.R max. 2.0 2.0 2.0 1.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Attenuation (dB) min.(MHz) -25 at fo+30 -22 at fo-30 -30 at fo+100 -28 at fo-100 -40 at fo+30 -35 at fo-30 -58 at fo+355 -55 at fo-375 -50 at fo+50 -50 at fo-50 -18 at fo+40 -25 at fo-40 -40 at fo+150 -40 at fo-150 -20 at fo+150 -20 at fo-150 -20 at fo+200 -20 at fo-200 -20 at fo+250 -20 at fo-250 -5 at fo+400 -15 at fo-400
Version 2010
http://www.token.com.tw/
rfq token.com.tw
11 of 19
TOKEN
Typical Characteristic
dB 10 2 -10 -20 -30 -40 -50 -60 -70 Center 860.000MHZ 2 1 1
DF 3 or Multi-Pole Dielectric Filters
1:Tran smission Log Mag 10.0dB/Ref 2:Refection SWR 0.2/ Ref 2 10 2 1: -10 -20 -30 -40 -50 1 -60 -70 Span 200.000MHZ 2: Center 860.000MHZ Span 200.000MHZ 1 2 1 1 3
Meas 1:Mkr1 860.000 MHz -3.281dB Meas 2:Mkr1 860.000 MHz 1.719dB
1:Transmission Log Mag 10.0dB/Ref 0.00dB 2:Refection Log Mag 10.0/ Ref -1.00dB
Meas 1:Mkr1 860.000 MHz -3.280dB Meas 2:Mkr1 860.000 MHz -11.086dB
0.00dB 1.000
dB
2
3 3
3
How to Order
DF Dielectric Filter Thickness
Code 4 3 2
3
3R
815
S Connect type
20
B
Thickness 3.8mm 3.0mm 2.0mm
Code S
Connect type SMD type
Band width (MHz) Size(WH)(mm)
Code A B C Size(WH)(mm) 11.83.8 8.63.0 5.82.0
Number of Resonator Center Frequency (MHz)
Back to 1st Page - Dielectric Filters (DF) 3 or More Poles
12 of 19
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
BP-R Dielectric Bandpass Filters
Dielectric Bandpass Filters (BP-R)
Dielectric Bandpass Filters (BP-R) Have a Low Ripple In Bandwidth 0.5 (dB) Max.
Preview Dielectric bandpass filters, known as ceramic bandpass filters, dielectric ceramic filters, or microwave ceramic filters in standard resonator sizes. Token BP-R series center frequency range is from 915 MHz to 1220 MHz basic rules of ceramic band-pass filters and diplexer. Insertion loss is from 2.0 ~ 3.5 (dB) max and a ripple in bandwidth 0.5 (dB) max. The higher the Q-factor of a resonators/band pass filters, the better electrical performance for insertion loss. The more dielectric resonators combined together for a band pass ceramic filters, the better rejection, attenuation, and stopband will be. Determinant factor for Insertion Loss Q factor of a resonator, the bandwidth of a filter, and the number of resonators Determinant factor for Attenuation/rejection The number of resonators, connection type of resonators. Token RF ceramic bandpass filters can be customed designs and tighter tolerances available on request. Token BP-R series are primarily designed for high dielectric constant lines and conform to the RoHS directive. The (BP-R) series feeature with high permittivity, high dielectric constants, extremely temperature stability and high Q that enables the design of stable microwave oscillators and filters. High dielectric constant (K) materials and associated products are also available for custom application requirements. Please contact our sales for more information. Features - Low insertion loss. - Size small and light. - High frequency selectivity. - Temperature compensated. Applications - Trunked radio system. - Cellular, cordless phone. - Military affairs, Base station.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
13 of 19
TOKEN
Dimensions (Unit: mm)
31.0
BP-R Dielectric Bandpass Filters
30.0 11.0+0.5
7.6 4.0
8.3
24.0
0.8
24.0 34.0
Typical Specifications Part Number BP63R915-01 BP64R881-02 BP84R650-01 BP84R1200-03 BP74R959-02 BP75R836-01 BP76R1220-02 Center Frequency Band Width Insertion Loss Ripple in Band V.S.W.R Attenuation fo(MHz) (MHz) (dB)max. Width(dB)max. max. (dB)min.(MHz) 915 fo5 2.5 0.5 1.5 45 at fo100 881 fo10 2.0 0.5 2.0 60 at fo100 650 fo5 2.5 0.5 1.5 70 at fo 55 1200 fo15 2.0 0.5 2.0 70 at fo 60 959 fo10 2.0 0.5 2.0 70 at fo 80 836 fo5 3.5 0.5 1.5 80 at fo 50 1220 fo10 2.5 0.5 2.0 80 at fo 50
How to Order
BP Band Pass Filter Thickness
3
4R
1765
01
Number of Resonator Center Frequency (MHz) BandWidth
Code 01 02 03 BandWidth 10MHz 20MHz 30MHz
Back to 1st Page - Dielectric Band Pass Filters - BP-R
14 of 19
8.0
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
LJ Dielectric Filters
Dielectric Filters (LJ)
Low Insertion Loss Type Dielectric Filters (LJ) Series
Preview Token electronics manufacturing microwave dielectric filters, multi-layer filters, cavity filters, band-pass filter, military filters, high-frequency filters and so on, using high dielectric coefficient material and dielectric ceramics to meet specific design requirements, in line with RoHS standard. Surface mount RF dielectric filters are mounted in a through hole package which assures mechanical stability and excellent lead coplanarity. RF dielectric filters can be customed designs and tighter tolerances available on request. Products conform to the RoHS directive and Lead-free. LJ Series with a stable temperature coefficient, small size, high stability, low insertion loss, good weldability. Dielectric band-pass filter for use in microwave communications, data transmission, radar, electronic warfare, military, aerospace and other fields. Features - Low insertion loss. - Temperature compensated. - High frequency selectivity. - small and light. Applications - Base station. - Military affairs. - Trunked radio system. - Cellular, Cordless phone.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
15 of 19
TOKEN
Dimensions (Unit: mm)
30.0 11.0 8.0
LJ Dielectric Filters
21.0
2-0.8
Typical Specifications Part No. LJ900-C-A LJ1200-C-B LJ950-D-B LJ1250-D-B Center Frequency Band Width Insertion Loss Ripple in Band V.S.W.R Attenuation fo(MHz) (MHz) (dB) max. Width(dB)max. max. (dB) min.(MHz) 900 fo10 2.5 0.5 1.5 50 at fo100 1200 fo15 2.0 0.8 2.0 50 at fo110 950 fo10 2.5 0.5 1.5 60 at fo 100 1250 fo15 2.0 0.8 2.0 60 at fo 110
Typical Characteristic
2:Refection SWR 0.2/ Ref 1.000 dB 10
How to Order
Dielectric Filter Number of Resonator
Code C D
16 of 19
1
Meas1.3:Mkr1 0.000 MHz 0.000dB Meas2:Mkr1 1067.5.00MHz 1.210dB
2:Refection
SWR
5.0/
Ref
0.00dB
2
Meas 1:Mkr1 0.000 MHz 0.000dB Meas 2:Mkr1 1067.5.00 MHz -20.456dB 1
-10 -20 -30 -40 2 3 1 -50 -60 -70 Center 1 067.500MHZ Span 300.000MHZ Center 1 067.500MHZ Span 300.000MHZ 2 3
DF
3
-
3R
815 Center Frequency (MHz) Band Width
Code A B Band Width 10 MHz 20 MHz
Number of Resonator 3 4
Back to 1st Page - Dielectric Filters - LJ
http://www.token.com.tw/ rfq token.com.tw
Version 2010
TOKEN
BP-S BandPass Filters
Dielectric BandPass Filters (BP-S)
Token (BP-S) Series For High Performance Microwave Filters and Oscillators
Preview BP-S series of microwave dielectric bandpass filter series with a high dielectric constant, is the best microwave filters and oscillators. Token Ceramic Dielectric material has a high dielectric constant and high Q values, and high temperature stability, especially for the design and stability of the microwave oscillations and filtering. German bond ceramic media for CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz cordless phones, wireless headsets, wireless microphones. Token electronics manufacturing microwave dielectric filters, multi-layer filters, cavity filters, band-pass filter, military filters, and high-frequency filters, using low insertion loss, high Q, high frequency selectivity, and microwave dielectric ceramics to meet specific design requirements. Comply with RoHS standards. BP-S series of dielectric filters and stable temperature coefficient, small size and high stability, low insertion loss and good weldability. Dielectric band-pass filter for use in microwave communications, data transmission, radar, electronic warfare, military, aerospace and other fields. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features - Low insertion loss. - High frequency selectivity. - Temperature compensated. - SMD Package, small and light. Applications - Base station. - Military affairs. - Trunked radio system. - Cellular, Cordless phone.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
17 of 19
TOKEN
Dimensions (Unit: mm)
BP-S BandPass Filters
11 5 3.6 2 0.6 3.9 5 8.8 10 11
12.0
13.0
4.5
TOP
SIDE
BOTTOM
Unit:mm
Tol:0.2
Typical Specifications Part No. BP33R881S30A BP64R836S30A BP64R881S30A BP34R1765S30A BP34R1855S30A BP55R1750S60A BP55R1765S10A BP55R1765S30A BP55R1855S10A BP55R1855S30A BP66R1755S10A BP66R1845S10A BP34R2315S30A BP34R2385S30A BP34R2442S80A BP64R409S10A BP64R426S10A BP66R1410S30A BP86R1474S10A BP34R1880S60A BP34R1960S60A BP34R1950S60A BP34R2140S60A Center Frequency Band Width Insertion Loss Ripple in Band V.S.W.R Attenuation fo(MHz) (MHz) (dB)max. Width(dB)max. max. (dB)min.(MHz) 881.5 fo12.5 2.5 1.0 1.8 53 at fo779 836.5 fo15 3.0 1.2 1.7 18 at fo32.5 881.5 fo15 3.0 1.2 1.7 18 at fo 32.5 1765 fo15 3.5 1.0 1.8 30 at fo 90 1855 fo15 3.5 1.0 1.8 30 at fo 90 1750 fo30 3.0 1.5 1.7 30 at fo 1810 1765 fo5 5.0 1.0 1.8 20 at fo 20 1765 fo15 3.0 1.3 1.6 40 at fo 80 1855 fo5 5.0 1.0 1.8 20 at fo 20 1855 fo15 3.8 1.3 1.6 40 at fo 80 1755 fo5 10.0 1.0 2.0 22at fo 1765 1845 fo4.5 13.0 3.0 2.0 28 at fo 1855 2315 fo15 2.7 1.0 1.7 40 at fo 160 2385 fo15 2.7 1.0 1.7 40 at fo 160 2442 fo42 2.5 1.0 1.7 40 at fo 160 409.5 fo3.5 3.0 0.8 1.7 30 at fo 423 426.5 fo3.5 3.0 0.8 1.7 30 at fo 413 1410 fo14.5 3.0 1.0 1.5 18 at fo 34.5 1474 fo2.5 12.0 2.8 2.0 15 at fo 10 1880 fo32.5 2.5 1.0 1.5 18 at fo 100 1960 fo32.5 3.0 1.0 1.4 45 at fo 130 1950 fo30 3.0 1.0 1.8 38 at fo 60 2140 fo30 3.0 1.0 1.8 38 at fo 60
1.7
BP1960S
18 of 19
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
How to Order
BP-S BandPass Filters
BP Band Pass Filter Thickness
3
4R
1765
S
30
A
Number of Resonator Center Frequency (MHz) Connect type s: SMD type BandWidth
Code 10 30 60 BandWidth 10MHz 30MHz 60MHz
Version
Back to 1st Page - Dielectric Band Pass Filters - BP-S
Version 2010
http://www.token.com.tw/ rfq token.com.tw
19 of 19


▲Up To Search▲   

 
Price & Availability of BP64R409S10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X