Part Number Hot Search : 
LM2BB20W M393B MMDF2P0 WTD40N03 ON0666 SR1060 68HC08 4AUP1G
Product Description
Full Text Search
 

To Download BC807-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC807-16
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
FEATURES
* Ldeally suited for automatic insertion * Epitaxial planar die construction * Complementary NPN type available(BC817)
SOT-23
COLLECTOR
3
MECHANICAL DATA
* * * * *
BASE
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.008 gram
1
EMITTER
2
0.055(1.40) 0.047(1.20) 0.006(0.15) 0.003(0.08) 0.020(0.50) 0.012(0.30)
0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00)
0.020(0.50) 0.012(0.30)
0.100(2.55) 0.089(2.25)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
O
0.019(2.00) 0.071(1.80)
1 3 2
0.118(3.00) 0.110(2.80)
Dimensions in inches and (millimeters) MAXIMUM RATINGS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current-continuous Collector dissipation Junction and storage temperature
o o
SYMBOL VCBO VCEO VEBO IC PC TJ,Tstg
VALUE -50 -45 -5 -0.5 0.3 -55 -150
UNITS V V V A W
o
C
ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Collector-base breakdown voltage (IC= -10mA, IE=0) Collector-emitter breakdown voltage (IC= -10mA, IB=0) Emitter-base breakdown voltage (IE= -1mA, IC=0) Collector cut-off current (VCB= -45V, IE=0) Collector cut-off current (VCE= -40V, IB=0) Emitter cut-off current (VEB= -4V, IC=0) DC current gain (VCE= -1V, IC= -100mA) Collector-emitter saturation voltage (IC= -500mA, IB= -50mA) Base-emitter saturation voltage (IC= -500mA, IB= -50mA) Transition frequency (VCE= -5V, IC= -10mA, f= 100MHZ) MARKING NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)". SYMBOL VCBO VCEO VEBO ICBO ICEO IEBO hFE(1) VCE(sat) VBE(sat) MIN -50 -45 -5 100 100 5A 2007-3 MAX -0.1 -0.2 -0.1 250 -0.7 -1.2 UNITS V V V mA mA mA V V MHZ
fT
RATING AND CHARACTERISTICS CURVES ( BC807-16 )
400 1000
See Note 1 TA=25 C f=20MHZ
O
300
fT, GAIN BANDWIDTH PRODUCT(MHZ)
Pd , POWER DISSIPATION (mW)
-VCE=5.0V
200
100
1.0V
100
0
0
100
TSB, SUBSTRATE TEMPERATURE( C)
O
200
10
1
10
100
1000
-VCESAT, COLLECTOR SATURATION VOLTAGE (V)
Figure.1 Power Derating Curve
0.5 0.4 0.3 0.2 0.1 0
150 C
O
Typical limits O at TA=25 C
-IC / - IB= 10
1000
Figure.2 GAIN-BANDWIDTH PRODUCT vs COLLECTOR CURRENT
-VCE= 1V 150 C 25 C -50 C
O O O
-IC, COLLECTOR CURRENT (mA)
hFE, DC CURRENT GAIN
-50 C
O
100
25 C
O
0.1
Figure.3 Collector Sat Voltage vs Collector Current
500
3.2 2.8
-Ic,COLLECTOR CURRENT(mA)
1
10
100
1000
10
0.1
1
-Ic, COLLECTOR CURRENT (mA)
10
100
1000
Figure.4 DC Current Gain vs Collector Current
100
0.35
-Ic, COLLECTOR CURRENT (mA)
-Ic, COLLECTOR CURRENT (mA)
2.4 2 1.8 1.6 1.4 1.2 0.8 0.6
400
80
0.3 0.25
300
60
0.2 0.15 0.1
200
40
100
0.4
20 0
-IB= 0.05mA
0
-IB= 0.2mA
0
1
-VCE, COLLECTOR - EMITTER VOLTAGE (V)
2
0
Figure.5 Typical Emitter-Collector Characteristics
Figure.6 Typical Emitter-Collector Characteristics
-VCE, COLLECTOR-EMITTER VOLTAGE (V)
10
20
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of BC807-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X