Part Number Hot Search : 
SPA560 MMBT390 EL6040 ADFC13 VS9MAUH MAX3580 21100 B3200
Product Description
Full Text Search
 

To Download B82143A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inductors
RF chokes, HBC series
Series/Type: Date: B82143A, B82143B March 2008
7ffARspp
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
RF chokes HBC series, 4 s 9.2 (mm)
HBC choke (High-Current Bobbin Core) Rated inductance 1 NH to 27 NH Rated current 850 mA to 2000 mA Construction
Ferrite drum core Winding: enamel copper wire Flame-retardant lacquer coating
B82143A, B82143B
B82143A
Features

Very high rated current Low DC resistance Suitable for wave soldering RoHS-compatible B82143B
Applications
Decoupling Interference suppression For electronic household appliances,
automotive and entertainment electronics Terminals

Central axial leads (B82143A) Radially bent to 5 mm lead spacing (B82143B) Base material Cu Hot-dipped with pure tin
Marking Inductance indicated by color bands to IEC 60062 Delivery mode and packing units
Taped, Ammo and reel packing Packing units:
Ammo (pcs./pack.) Axial Radial 2500 2500
Reel (pcs./reel) 5000 2000
Please read Cautions and warnings and Important notes at the end of this document.
2
03/08
RF chokes HBC series, 4 s 9.2 (mm)
Dimensional drawings B82143A (axial leads, taped)
651 532
B82143A, B82143B
Dimensions in mm
o0.8 max.
o4 max.
9.2 max. (IEC 60294)
60.5
3.5 min.
11.5 max. lacquered
50.25 50.25
IND0429-B-E
Minimum lead spacing 12.5 mm
B82143B (central radial leads, taped)
o4 max. 2 max. 2 max. 1.3 max. o0.8 max.
0.5 max. 9.2 max. (IEC 60294) 11.5 max. lacquered 30.5 max.
1.3 max.
_ 0.5 9 +0.75
160.5
Thickness of tape
0.70.2
IND0629-B
_ 0.5 18 +1
6 min.
3.80.7 40.2 12.70.3
_ 0.1 5 +0.6
IND0634-M-E
Packing
o30.50.15 o82+1 o90
30
o360 _ 1
30
H
n w
Label
30
IND0452-V-E
L W
IND0631-B-E
n (mm): Axial 72 +1, radial 42 +1 w (mm): Axial 84 max., radial 54 max.
Please read Cautions and warnings and Important notes at the end of this document.
L x W x H (max. mm): Axial: 265 x 75 x 125, radial: 340 x 50 x 210 3 03/08
RF chokes HBC series, 4 s 9.2 (mm)
Technical data and measuring conditions Rated inductance LR
B82143A, B82143B
Measured with LCR meter Agilent 4284A or impedance analyzer Agilent 4294A = 1 MHz Measuring frequency: LR 10 H 10 H < LR 4700 H = 100 kHz Measuring current: 1 mA Measuring temperature: 20 C Measured with precision impedance analyzer Agilent 4294A, 20 C 40 C Maximum permissible DC current at rated temperature 10% (referred to initial value) at IR, 20 C Measured at 20 C Sn95.5Ag3.8Cu0.7: (245 5) C, (3 0.3) s Wetting of soldering area 90% (to IEC 60068-2-20, test Ta) (260 5) C, 10 s (to IEC 60068-2-20, test Tb) 20 N (to IEC 60068-2-21, test Ua) 55/125/56 (to IEC 60068-1) Mounted: -55 C ... +125 C Packaged: -25 C ... +40 C, 75% RH Approx. 0.38 g
Q factor Qmin Rated temperature TR Rated current IR Inductance decrease L/L0 DC resistance Rmax Solderability (lead-free)
Resonance frequency fres,min Measured with Agilent 4294A or 8753ES, 20 C
Resistance to soldering heat Tensile strength of leads Climatic category Storage conditions Weight Mounting information
When bending the leads, take care that the start-of-winding areas at the face ends (protected by glue and lacquer) are not subjected to any mechanical stress.
Please read Cautions and warnings and Important notes at the end of this document.
4
03/08
RF chokes HBC series, 4 s 9.2 (mm)
Characteristics and ordering codes LR H 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 10%
^
B82143A, B82143B
Tolerance1) K
Qmin 50 50 50 50 50 50 50 50 50 50 40 40 40 35 35 35 35 35
fQ MHz 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52
IR mA 2000 1800 1700 1650 1600 1500 1450 1400 1300 1250 1200 1150 1100 1050 1000 950 900 850
Rmax 0.08 0.09 0.10 0.11 0.12 0.13 0.14 0.15 0.17 0.19 0.22 0.24 0.25 0.27 0.30 0.33 0.37 0.42
fres, min MHz 195 180 165 155 140 125 115 105 60 45 35 25 21 17 16 15 13 11
Ordering code 2) (reel packing)3) B82143+1102K000 B82143+1122K000 B82143+1152K000 B82143+1182K000 B82143+1222K000 B82143+1272K000 B82143+1332K000 B82143+1392K000 B82143+1472K000 B82143+1562K000 B82143+1682K000 B82143+1822K000 B82143+1103K000 B82143+1123K000 B82143+1153K000 B82143+1183K000 B82143+1223K000 B82143+1273K000
1) Closer tolerances on request. 2) Replace the + by code letter A for axial taping or by B for radial taping. 3) For Ammo pack the last digit has to be a 9. Example: B82143A1102K009
Please read Cautions and warnings and Important notes at the end of this document.
5
03/08
RF chokes HBC series, 4 s 9.2 (mm)
Impedance |Z| versus frequency f measured with impedance analyzer Agilent 4294A or S-parameter network analyzer Agilent 8753ES, typical values at 20 C
10 6 B82143A/B |Z| 10 5 27 H 10 H 1 H
IND0127-N
B82143A, B82143B
Inductance L versus DC load current IDC measured with LCR meter Agilent 4284A, typical values at 20 C
10 3 H L 10 2 27 H 10 1 10 H B82143A/B
IND0128-M
10 4
10 3
10 2
10 0
1 H
10 1
_1
10 0 6 10
10
7
10
8
Hz 10 f
9
10
10
_2
10
_1
10 0
A 10 1 I DC
Q factor versus frequency f measured with impedance analyzer Agilent 4294A, typical values at 20 C
100 B82143A/B Q
IND0129-3
Current derating Iop/IR versus ambient temperature TA (rated temperature TR = 40 C)
1.2
IND0552-S-E
Iop IR
1.0
0.8
50
1 H 10 H 27 H
0.6
0.4
0.2
04 10
10 5
10 6
10 7 f
Hz 10 8
0
0
20
40
60
80
100
C
TA
140
6
03/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
7
03/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 8 03/09


▲Up To Search▲   

 
Price & Availability of B82143A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X