Part Number Hot Search : 
GP15A SMB26 LM431 TQ045 1MD03 4423CN GP422 AN2986
Product Description
Full Text Search
 

To Download B1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
B120 thru B1200
REVERSE VOLTAGE - 20 to 200 Volts FORWARD CURRENT - 1.0 Amperes
SCHOTTKY BARRIER RECTIFIERS
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
B
SMA
SMA DIM. A A B C C D E F F E D G H MIN. 3.99 2.54 1.32 0.15 4.93 0.05 1.98 0.76 MAX. 4.50 2.79 1.47 0.31 5.28 0.127 2.29 1.52
MECHANICAL DATA
Case : JEDEC SMA molded plastic Polarity : Color band denotes cathode Weight : 0.062 grams Mounting position : Any
G H
All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C Typical Junction Capacitance Typical Thermal Resistance Operating Temperature Range Storage Temperature Range
SYMBOL B120 VRRM V RM S VD C IF IFSM VF IR CJ R JA TJ TSTG 20 14 20
B130
B140
B150
B160
B180
B1100
B1150
B1200
UNIT V V V A A
30 21 30
40 28 40
50 35 50
60 42 60 1.0 30.0
80 56 80
100 70 100
150 105 150
200 140 200
0.50 0.5 10.0 70
0.70
0.85 0.2 5.0
0.87
0.90
V mA
60 70 -55 to +125 -55 to +150
50
35
pF C/W C C
CTC0074 Ver. 2.0
1 of 2
B120 thru B1200
Compact Technology
B120 thru B1200
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
2.0
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
100.00
B120~B140
INSTANTANEOUS FORWARD CURRENT (A)
B150~B160 B180~B1100
AVERAGE FORWARD CURRENT,(A)
1.6
10.00
B1150~B1200
1.2
1.00
0.8
0.10
0.4
0.0 0 20 40 60 80 100 120 140 160 AMBIENT TEMPERATURE ( )
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE (V)
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
100.000
50
PEAK FORWARD SURGE CURRENT (A)
REVERSE LEAKAGE CURRENT (mA)
40
10.000
30
1.000
100
20
0.100
10
0.010
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0.001 20% 40%
25 60% 80% 100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE (pF)
B120~B140 150 B150~B160 B180~B1100 B1150~B1200 100
50
0 0 1 10 100 REVERSE VOLTAGE (V)
CTC0074 Ver. 2.0
2 of 2
B120 thru B1200


▲Up To Search▲   

 
Price & Availability of B1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X