Part Number Hot Search : 
LC89962 MC145144 ST3917 MB39A1 MB39A1 1208P MB86953 G1541
Product Description
Full Text Search
 

To Download AVS106M35B12T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type AVS SMT Aluminum Electrolytic Capacitors - General Purpose, 85C
General Purpose Filtering, Bypassing, Power Supply Decoupling
Type AVS Capacitors are the best value for filter and bypass applications not requiring wide temperature performance or high ripple current. Their vertical cylindrical cases facilitate automatic mounting and reflow soldering and Type AVS offers a significant cost savings over tantalum capacitors.
Highlights
Specifications
* +85C, 2000 Hour Load Life * Capacitance Range: 0.1 F to 1500 F * Voltage Range: 4.0 Vdc to 100 Vdc
-40C to +85C 4.0, 6.3, 10, 16, 25, 35, 63, & 100 Vdc 0.1 F to 1500 F See Ratings Table 20% @ 120 Hz and +20C 0.01 CV or 3 A @ +20C, after two minutes (whichever is greater) Frequency
50/60 Hz 0.7 120 Hz 1.0 1 kHz 1.3 10 kHz & up 1.7
Operating Temperature: Rated voltage: Capacitance: D.F. (@ 20C): Capacitance Tolerance: Leakage Current: Ripple Current Multipliers:
Load Life: 2000 h @ 85C Capacitance: 20% DF: <200% of limit DCL: <100% of limit
W.V. (Vdc) -25C / +20C -40C / +20C 4.0 7.0 15.0 6.3 4.0 8.0 10.0 3.0 6.0
Maximum Impedance Ratio @ 120 Hz 16.0 2.0 4.0 25.0 2.0 4.0
Shelf Life: 1000 h @ 85C Capacitance: 20% DF: <200% of limit DCL: <100% of limit
35.0 2.0 3.0 50.0 2.0 3.0 63.0 3.0 4.0 100.0 3.0 4.0
AVS Series Marking
Capacitance (F)
Outline Drawing
0.3 mm
K A I D H P I
220 vs
6 = 6.3 Vdc 16 = 16 Vdc 25 = 25 Vdc,
Series
Voltage
Case Dimensions
Case Code A B C D X E F G
Lot No.
L
W
D 0.5 3 4 5 6.3 6.3 8 8 10
L 5.4 +.1,-.2 5.4 +.1,-.2 5.4 +.1,-.2 5.4 +.1,-.2 7.9 .3 6.2 .3 10.2 .3 10.2 .3
A 0.2 3.3 4.3 5.3 6.6 6.6 8.3 8.3 10.3
H (max) 4.5 5.5 6.5 7.8 7.8 9.5 10.0 12.0
I (ref) 1.5 1.8 2.2 2.6 2.6 3.4 3.4 3.5
W 0.55 0.1 0.65 0.1 0.65 0.1 0.65 0.1 0.65 0.1 0.65 0.1 0.90 0.2 0.90 0.2
P (ref) 0.6 1.0 1.5 1.8 1.8 2.2 3.1 4.6
K 0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.70 0.20 0.70 0.20
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508) 996-8561 * Fax: (508) 996-3830 * www.cde.com
Type AVS SMT Aluminum Electrolytic Capacitors - General Purpose, 85C
Ratings
Cap (F) Catalog Part Number Max . DCL (A) Max. Max. Dissipation ESR @ Factor @ 120 Hz/20 C 120 Hz (Ohms) 4 Vdc (5 Vdc Surge) 0.37 27.9 0.35 17.6 0.35 12.3 0.35 5.8 0.35 2.6 6.3 Vdc (8 Vdc Surge) 0.35 26.4 0.26 19.6 0.35 17.6 0.35 12.3 0.26 9.2 0.35 5.8 0.26 4.3 0.35 2.6 0.26 1.3 0.35 1.8 0.35 1.2 0.35 0.6 0.35 0.6 0.35 0.4 10 Vdc (13 Vdc Surge) 0.3 22.6 0.3 15.1 0.2 10.1 0.3 10.6 0.3 5.0 0.2 3.3 0.2 1.5 0.26 2.0 0.26 1.3 0.26 0.9 0.26 0.9 0.26 0.4 16 Vdc (20 Vdc Surge) 0.18 29.9 0.16 26.5 0.26 19.6 0.16 12.1 0.26 13.1 0.26 9.2 0.16 5.6 0.26 4.3 0.2 3.3 0.16 1.2 0.2 1.5 0.2 1.5 0.2 1.0 0.2 1.0 0.2 0.7 0.2 0.7 25 Vdc (31 Vdc Surge) 0.16 56.5 0.14 49.4 0.2 33.2 0.14 23.2 0.2 15.1 0.14 10.6 0.2 10.0 0.14 7.0 0.2 7.1 0.14 2.3 0.16 2.7 0.16 2.7 0.16 1.2 0.16 1.2 0.16 0.8 0.16 0.8 0.16 0.6 Max. Ripple Current 120 Hz/85 C (mA) Case Code Size DxL (mm) Quantity per Reel
22 33 47 100 220 22 22 33 47 47 100 100 220 330 330 470 1000 1000 1500 22 33 33 47 100 100 220 220 330 470 470 1000 10 10 22 22 33 47 47 100 100 220 220 220 330 330 470 470 4.7 4.7 10 10 22 22 33 33 47 100 100 100 220 220 330 330 470
AVS226M04A12T AVS336M04B12T AVS476M04B12T AVS107M04C12T AVS227M04D16T AVS226M06A12T AVS226M06B12T AVS336M06B12T AVS476M06B12T AVS476M06C12T AVS107M06C12T AVS107M06D16T AVS227M06D16T AVS337M06X16T AVS337M06E16T AVS477M06F24T AVS108M06F24T AVS108M06G24T AVS158M06G24T AVS226M10B12T AVS336M10B12T AVS336M10C12T AVS476M10C12T AVS107M10C12T AVS107M10D16T AVS227M10X16T AVS227M10E16T AVS337M10F24T AVS477M10F24T AVS477M10G24T AVS108M10G24T AVS106M16A12T AVS106M16B12T AVS226M16B12T AVS226M16C12T AVS336M16C12T AVS476M16C12T AVS476M16D16T AVS107M16D16T AVS107M16E16T AVS227M16X16T AVS227M16E16T AVS227M16F24T AVS337M16F24T AVS337M16G24T AVS477M16F24T AVS477M16G24T AVS475M25A12T AVS475M25B12T AVS106M25B12T AVS106M25C12T AVS226M25C12T AVS226M25D16T AVS336M25C12T AVS336M25D16T AVS476M25D16T AVS107M25X16T AVS107M25E16T AVS107M25F24T AVS227M25F24T AVS227M25G24T AVS337M25F24T AVS337M25G24T AVS477M25G24T
3.0 3.0 3.0 4.0 8.8 3.0 3.0 3.0 3.0 3.0 6.3 6.3 13.9 20.8 20.8 29.6 63.0 63.0 94.5 3.0 3.3 3.3 4.7 10.0 10.0 22.0 22.0 33.0 47.0 47.0 100.0 3.0 3.0 3.5 3.5 5.3 7.5 7.5 16.0 16.0 35.2 35.2 35.2 52.8 52.8 75.2 75.2 3.0 3.0 3.0 3.0 5.5 5.5 8.3 8.3 11.8 25.0 25.0 25.0 55.0 55.0 82.5 82.5 117.5
19 26 34 61 82 20 29 29 36 46 47 71 74 150 300 380 500 700 700 28 29 43 43 50 70 150 250 330 330 400 580 20 28 28 39 35 39 70 70 200 150 200 280 320 380 320 420 12 22 22 28 35 55 42 65 70 150 91 180 140 310 150 340 360
A B B C D A B B B C C D D X E F F G G B B C C C D X E F F G G A B B C C C D D E X E F F G F G A B B C C D C D D X E F F G F G G
3 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 6.3 x 5.4 3 x 5.4 4 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 7.9 8 x 6.2 8 x 10.2 8 x 10.2 10 x 10.2 10 x 10.2 4 x 5.4 4 x 5.4 5 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 7.9 8 x 6.2 8 x 10.2 8 x 10.2 10 x 10.2 10 x 10.2 3 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 8 x 6.2 6.3 x 7.9 8 x 6.2 8 x 10.2 8 x 10.2 10 x 10.2 8 x 10.2 10 x 10.2 3 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 6.3 x 7.9 8 x 6.2 8 x 10.2 8 x 10.2 10 x 10.2 8 x 10.2 10 x 10.2 10 x 10.2
2000 2000 2000 1000 1000 2000 2000 2000 2000 1000 1000 1000 1000 900 1000 500 500 500 500 2000 2000 1000 1000 1000 1000 900 1000 500 500 500 500 2000 2000 2000 1000 1000 1000 1000 1000 1000 900 1000 500 500 500 500 500 2000 2000 2000 1000 1000 1000 1000 1000 1000 900 1000 500 500 500 500 500 500
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508) 996-8561 * Fax: (508) 996-3830 * www.cde.com
Type AVS SMT Aluminum Electrolytic Capacitors - General Purpose, 85C
Cap (F) 2.2 3.3 4.7 10 10 22 22 33 33 47 47 100 100 100 220 220 330 0.1 0.1 0.22 0.22 0.33 0.33 0.47 0.47 1 1 2.2 2.2 3.3 4.7 4.7 10 10 22 22 33 33 33 47 47 47 100 100 220 10 22 22 33 47 100 3.3 4.7 4.7 10 10 22 22 33 Catalog Part Number AVS225M35A12T AVS335M35A12T AVS475M35B12T AVS106M35B12T AVS106M35C12T AVS226M35C12T AVS226M35D16T AVS336M35D16T AVS336M35E16T AVS476M35D16T AVS476M35E16T AVS107M35X16T AVS107M35F24T AVS107M35G24T AVS227M35F24T AVS227M35G24T AVS337M35G24T AVS104M50A12T AVS104M50B12T AVS224M50A12T AVS224M50B12T AVS334M50A12T AVS334M50B12T AVS474M50A12T AVS474M50B12T AVS105M50A12T AVS105M50B12T AVS225M50A12T AVS225M50B12T AVS335M50B12T AVS475M50B12T AVS475M50C12T AVS106M50C12T AVS106M50D16T AVS226M50D16T AVS226M50E16T AVS336M50X16T AVS336M50E16T AVS336M50F24T AVS476M50X16T AVS476M50F24T AVS476M50G24T AVS107M50F24T AVS107M50G24T AVS227M50G24T AVS106M63D16T AVS226M63E16T AVS226M63F24T AVS336M63F24T AVS476M63F24T AVS107M63G24T AVS335M2AE16T AVS475M2AE16T AVS475M2AF24T AVS106M2AE16T AVS106M2AF24T AVS226M2AF24T AVS226M2AG24T AVS336M2AG24T Max. DCL (A) 3.0 3.0 3.0 3.5 3.5 7.7 7.7 11.6 11.6 16.5 16.5 35.0 35.0 35.0 77.0 77.0 115.5 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 5.0 5.0 11.0 11.0 16.5 16.5 16.5 23.5 23.5 23.5 50.0 50.0 110.0 6.3 13.9 13.9 20.8 29.6 63.0 3.3 4.7 4.7 10.0 10.0 22.0 22.0 33.0 Dissipation ESR @ Factor @ 120 Hz/20 C 120 Hz (Ohms) 35 Vdc (44 Vdc Surge) 0.14 105.6 0.14 70.4 0.12 42.4 0.16 26.5 0.12 19.9 0.16 12.1 0.12 9.1 0.16 8.0 0.14 7.0 0.16 5.6 0.14 4.9 0.12 2.0 0.14 2.3 0.14 2.3 0.14 1.1 0.14 1.1 0.14 0.7 50 Vdc (63 Vdc Surge) 0.14 2322.0 0.12 1990.0 0.14 1055.0 0.12 905.0 0.14 704.0 0.12 603.0 0.14 494.0 0.12 424.0 0.14 232.0 0.12 199.0 0.14 106.0 0.12 90.5 0.12 60.3 0.14 49.4 0.12 42.4 0.14 23.2 0.12 19.9 0.14 10.6 0.12 9.1 0.12 6.0 0.12 6.0 0.12 6.0 0.12 4.2 0.12 4.2 0.12 4.2 0.12 2.0 0.12 2.0 0.12 0.9 63 Vdc (75 Vdc Surge) 0.18 29.9 0.18 13.6 0.18 13.6 0.18 9.1 0.18 6.4 0.18 3.0 100 Vdc (125 Vdc Surge) 0.18 90.4 0.18 63.5 0.18 63.5 0.18 29.8 0.18 29.8 0.18 0.18 0.18 13.6 13.6 8.0 Ripple Current 120 Hz/85 C (mA) 8 10 22 22 30 36 60 60 130 70 165 130 140 210 200 310 320 1 1 2 2 3 3 5 5 8 10 10 16 16 18 23 27 35 60 120 85 130 140 90 150 160 200 250 300 35 40 40 45 45 60 50 50 80 50 85 70 90 90 Case Code A A B B C C D D E D E X F G F G G A B A B A B A B A B A B B B C C D D E X E F X F G F G G D* E F F F G E E F E F F G G Size DxL (mm) 3 x 5.4 3 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 8 x 6.2 6.3 x 5.4 8 x 6.2 6.3 x 7.9 8 x 10.2 10 x 10.2 8 x 10.2 10 x 10.2 10 x 10.2 3 x 5.4 4 x 5.4 3 x 5.4 4 x 5.4 3 x 5.4 4 x 5.4 3 x 5.4 4 x 5.4 3 x 5.4 4 x 5.4 3 x 5.4 4 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 5.4 8 x 6.2 6.3 x 7.9 8 x 6.2 8 x 10.2 6.3 x 7.9 8 x 10.2 10 x 10.2 8 x 10.2 10 x 10.2 10 x 10.2 6.3 x 5.7 8 x 6.2 8 x 10.2 8 x 10.2 8 x 10.2 10 x 10.2 8 x 6.2 8 x 6.2 8 x 10.2 8 x 6.2 8 x 10.2 8 x 10.2 10 x 10.2 10 x 10.2 Quantity per Reel 2000 2000 2000 2000 1000 1000 1000 1000 1000 1000 1000 900 500 500 500 500 500 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 1000 1000 900 1000 500 900 500 500 500 500 500 1000 1000 500 500 500 500 1000 1000 500 1000 500 500 500 500
Part Numbering System
AVS I
Type
*Overall case height (L dimension) is 5.7 mm 0.3 mm
106 I
Capacitance 104 = 0.1 F 105 = 1.0 F 106 = 10 F 107 = 100 F 108 = 1000 F
M I
Capacitance Tolerance M = 20% 04 = 4 Vdc 06 = 6.3 Vdc 10 = 10 Vdc 16 = 16 Vdc 25 = 25 Vdc
16 I
Voltage 35 = 35 Vdc 50 = 50 Vdc 63 = 63 Vdc 2A = 100 Vdc
B I
Case Code
12T I
-F
Packaging RoHS Information Compliant 12 = Carrier Tape Width (mm) T = Tape & Reel B = Bulk
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508) 996-8561 * Fax: (508) 996-3830 * www.cde.com
Type AVS SMT Aluminum Electrolytic Capacitors - General Purpose, 85C
Typical Performance Curves
Capacitance vs. Temperature & Frequency
1500 F @ 6.3 Vdc (10 X 10.2 mm)
Capacitance vs. Temperature & Frequency
100 F @ 16 Vdc (10 X 10.2 mm)
Frequency (Hz)
Frequency (Hz)
ESR vs. Temperature and Frequency
1500 F @ 6.3 Vdc (10 X 10.2 mm)
ESR vs. Temperature and Frequency
100 F @ 16 Vdc (10 X 10.2 mm)
Frequency (Hz)
Frequency (Hz)
Impedance vs. Temperature and Frequency
1500 F @ 6.3 Vdc (10 X 10.2 mm)
Impedance vs. Temperature and Frequency
100 F @ 16 Vdc (10 X 10.2 mm)
Frequency (Hz)
Frequency (Hz)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508) 996-8561 * Fax: (508) 996-3830 * www.cde.com
Type AVS SMT Aluminum Electrolytic Capacitors - General Purpose, 85C
Capacitance vs. Temperature & Frequency
220 F @ 50 Vdc (10 X 10.2 mm)
Capacitance Change with Temperature
(Typical Performance for AVS Series @ 120 Hz)
Frequency (Hz)
Temperature (C)
ESR vs. Temperature and Frequency
220 F @ 50 Vdc (10 X 10.2 mm)
(Typical Performance for AVS Series @ 120 Hz)
Dissipation Factor vs. Temperature
Frequency (Hz)
Temperature (C)
Impedance vs. Temperature and Frequency
220 F @ 50 Vdc (10 X 10.2 mm)
(Typical Performance for AVS Series)
Capacitance Change vs. Time
Frequency (Hz)
Time (Hours)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508) 996-8561 * Fax: (508) 996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of AVS106M35B12T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X