Part Number Hot Search : 
V4306 IRFB42 B4812 D135ERW VS230 AD382 MMUN2116 FX203LG
Product Description
Full Text Search
 

To Download ATTINY261-ESSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High Performance, Low Power AVR(R) 8-Bit Microcontroller * Advanced RISC Architecture
- 123 Powerful Instructions - Most Single Clock Cycle Execution - 32 x 8 General Purpose Working Registers - Fully Static Operation Non-volatile Program and Data Memories - 2/4/8K Byte of In-System Programmable Program Memory Flash (ATtiny261/461/861) Endurance: 10,000 Write/Erase Cycles - 128/256/512 Bytes In-System Programmable EEPROM (ATtiny261/461/861) Endurance: 100,000 Write/Erase Cycles - 128/256/512 Bytes Internal SRAM (ATtiny261/461/861) - Programming Lock for Self-Programming Flash Program and EEPROM Data Security Peripheral Features - 8/16-bit Timer/Counter with Prescaler - 8/10-bit High Speed Timer/Counter with Separate Prescaler 3 High Frequency PWM Outputs with Separate Output Compare Registers Programmable Dead Time Generator - Universal Serial Interface with Start Condition Detector - 10-bit ADC 11 Single Ended Channels 16 Differential ADC Channel Pairs 15 Differential ADC Channel Pairs with Programmable Gain (1x, 8x, 20x, 32x) - Programmable Watchdog Timer with Separate On-chip Oscillator - On-chip Analog Comparator Special Microcontroller Features - debugWIRE On-chip Debug System - In-System Programmable via SPI Port - External and Internal Interrupt Sources - Low Power Idle, ADC Noise Reduction, and Power-down Modes - Enhanced Power-on Reset Circuit - Programmable Brown-out Detection Circuit - Internal Calibrated Oscillator I/O and Packages - 16 Programmable I/O Lines - 20-pin SOIC, 32-pad MLF and 20-lead TSSOP Operating Voltage: - 2.7 - 5.5V for ATtiny261/461/861 Speed Grade: - ATtiny261/461/861: 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V - Operating temperature: Automotive (-40C to +125C) Low Power Consumption - Active Mode: 1 MHz, 2.7V: 380A - Power-down Mode: 0.1A at 2.7V
*
*
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash ATtiny261 ATtiny461 ATtiny861 Automotive Preliminary Summary
*
*
* *
*
7753BS-AVR-08/08
1. Pin Configurations
Figure 1-1. Pinout ATtiny261/461/861
SOIC / TSSOP
(MOSI/DI/SDA/OC1A/PCINT8) PB0 (MISO/DO/OC1A/PCINT9) PB1 (SCK/USCK/SCL/OC1B/PCINT10) PB2 (OC1B/PCINT11) PB3 VCC GND (ADC7/OC1D/CLKI/XTAL1/PCINT12) PB4 (ADC8/OC1D/CLKO/XTAL2/PCINT13) PB5 (ADC9/INT0/T0/PCINT14) PB6 (ADC10/RESET/PCINT15) PB7 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 PA0 (ADC0/DI/SDA/PCINT0) PA1 (ADC1/DO/PCINT1) PA2 (ADC2/INT1/USCK/SCL/PCINT2) PA3 (AREF/PCINT3) AGND AVCC PA4 (ADC3/ICP0/PCINT4) PA5 (ADC4/AIN2/PCINT5) PA6 (ADC5/AIN0/PCINT6) PA7 (ADC6/AIN1/PCINT7)
32 31 30 29 28 27 26 25
PB2 (SCK/USCK/SCL/OC1B/PCINT10) PB1 (MISO/DO/OC1A/PCINT9) PB0 (MOSI/DI/SDA/OC1A/PCINT8) NC NC NC PA0 (ADC0/DI/SDA/PCINT0) PA1 (ADC1/DO/PCINT1)
NC (OC1B/PCINT11) PB3 NC VCC GND NC (ADC7/OC1D/CLKI/XTAL1/PCINT12) PB4 (ADC8/OC1D/CLKO/XTAL2/PCINT13) PB5
1 2 3 4 5 6 7 8
QFN/MLF
24 23 22 21 20 19 18 17
NC PA2 (ADC2/INT1/USCK/SCL/PCINT2) PA3 (AREF/PCINT3) AGND NC NC AVCC PA4 (ADC3/ICP0/PCINT4)
Note:
The large center pad underneath the QFN/MLF package should be soldered to ground on the board to ensure good mechanical stability.
2
ATtiny261/461/861
7753BS-AVR-08/08
NC (ADC9/INT0/T0/PCINT14) PB6 (ADC10/RESET/PCINT15) PB7 NC (ADC6/AIN1/PCINT7) PA7 (ADC5/AIN0/PCINT6) PA6 (ADC4/AIN2/PCINT5) PA5 NC
9 10 11 12 13 14 15 16
ATtiny261/461/861
1.1 Disclaimer
Typical values contained in this data sheet are based on simulations and characterization of other AVR microcontrollers manufactured on the same process technology. Min and Max values will be available after the device is characterized.
1.2
Automotive Quality Grade
The ATtiny261/461/861 have been developed and manufactured according to the most stringent requirements of the international standard ISO-TS 16949. This data sheet contains limit values extracted from the results of extensive characterization (Temperature and Voltage). The quality and reliability of the ATtiny261/461/861 have been verified during regular product qualification as per AEC-Q100 grade 1. As indicated in the ordering information paragraph, the product is available in only one temper ture grade, Table 1-2. Table 1-1. Temperature Grade Identification for Automotive Products
Temperature Identifier Z Comments Full Automotive Temperature Range
Temperature -40; +125
3
7753BS-AVR-08/08
2. Overview
The ATtiny261/461/861 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny261/461/861 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
2.1
Block Diagram
Figure 2-1. Block Diagram
GND VCC
Watchdog Timer Watchdog Oscillator
Power Supervision POR / BOD & RESET
debugWIRE
PROGRAM LOGIC
Oscillator Circuits / Clock Generation
Flash
SRAM
CPU EEPROM
AVCC AGND AREF
Timer/Counter0
DATABUS
Timer/Counter1
A/D Conv.
USI
Analog Comp.
Internal Bandgap
3
11
PORT B (8)
PORT A (8)
RESET XTAL[1..2] PB[0..7] PA[0..7]
4
ATtiny261/461/861
7753BS-AVR-08/08
ATtiny261/461/861
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The ATtiny261/461/861 provides the following features: 2/4/8K byte of In-System Programmable Flash, 128/256/512 bytes EEPROM, 128/256/512 bytes SRAM, 6 general purpose I/O lines, 32 general purpose working registers, one 8-bit Timer/Counter with compare modes, one 8-bit high speed Timer/Counter, Universal Serial Interface, Internal and External Interrupts, a 4-channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, and three software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counter, ADC, Analog Comparator, and Interrupt system to continue functioning. The Power-down mode saves the register contents, disabling all chip functions until the next Interrupt or Hardware Reset. The ADC Noise Reduction mode stops the CPU and all I/O modules except ADC, to minimize switching noise during ADC conversions. The device is manufactured using Atmel's high density non-volatile memory technology. The On-chip ISP Flash allows the Program memory to be re-programmed In-System through an SPI serial interface, by a conventional non-volatile memory programmer or by an On-chip boot code running on the AVR core. The ATtiny261/461/861 AVR is supported with a full suite of program and system development tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators, and Evaluation kits.
5
7753BS-AVR-08/08
3. Instruction Set Summary
Mnemonics
ADD ADC ADIW SUB SUBI SBC SBCI SBIW AND ANDI OR ORI EOR COM NEG SBR CBR INC DEC TST CLR SER RJMP IJMP RCALL ICALL RET RETI CPSE CP CPC CPI SBRC SBRS SBIC SBIS BRBS BRBC BREQ BRNE BRCS BRCC BRSH BRLO BRMI BRPL BRGE BRLT BRHS BRHC BRTS BRTC BRVS BRVC BRIE BRID SBI CBI LSL LSR ROL Rd,Rr Rd,Rr Rd,Rr Rd,K Rr, b Rr, b P, b P, b s, k s, k k k k k k k k k k k k k k k k k k k P,b P,b Rd Rd Rd k
Operands
Rd, Rr Rd, Rr Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rd, Rr Rd Rd Rd,K Rd,K Rd Rd Rd Rd Rd k Add two Registers
Description
Rd Rd + Rr
Operation
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None None None None None None None Z,C,N,V Z,C,N,V Z,C,N,V
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 3 3 4 4 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 2 2 1 1 1
ARITHMETIC AND LOGIC INSTRUCTIONS Add with Carry two Registers Add Immediate to Word Subtract two Registers Subtract Constant from Register Subtract with Carry two Registers Subtract with Carry Constant from Reg. Subtract Immediate from Word Logical AND Registers Logical AND Register and Constant Logical OR Registers Logical OR Register and Constant Exclusive OR Registers One's Complement Two's Complement Set Bit(s) in Register Clear Bit(s) in Register Increment Decrement Test for Zero or Minus Clear Register Set Register Relative Jump Indirect Jump to (Z) Relative Subroutine Call Indirect Call to (Z) Subroutine Return Interrupt Return Compare, Skip if Equal Compare Compare with Carry Compare Register with Immediate Skip if Bit in Register Cleared Skip if Bit in Register is Set Skip if Bit in I/O Register Cleared Skip if Bit in I/O Register is Set Branch if Status Flag Set Branch if Status Flag Cleared Branch if Equal Branch if Not Equal Branch if Carry Set Branch if Carry Cleared Branch if Same or Higher Branch if Lower Branch if Minus Branch if Plus Branch if Greater or Equal, Signed Branch if Less Than Zero, Signed Branch if Half Carry Flag Set Branch if Half Carry Flag Cleared Branch if T Flag Set Branch if T Flag Cleared Branch if Overflow Flag is Set Branch if Overflow Flag is Cleared Branch if Interrupt Enabled Branch if Interrupt Disabled Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd 0xFF - Rd Rd 0x00 - Rd Rd Rd v K Rd Rd * (0xFF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd 0xFF PC PC + k + 1 PC Z PC PC + k + 1 PC Z PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1 if (V = 1) then PC PC + k + 1 if (V = 0) then PC PC + k + 1 if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1 I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7)
BRANCH INSTRUCTIONS
BIT AND BIT-TEST INSTRUCTIONS
6
ATtiny261/461/861
7753BS-AVR-08/08
ATtiny261/461/861
Mnemonics
ROR ASR SWAP BSET BCLR BST BLD SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS SEV CLV SET CLT SEH CLH DATA TRANSFER INSTRUCTIONS MOV MOVW LDI LD LD LD LD LD LD LDD LD LD LD LDD LDS ST ST ST ST ST ST STD ST ST ST STD STS LPM LPM LPM SPM IN OUT PUSH POP NOP SLEEP WDR BREAK Rd, P P, Rr Rr Rd Rd, Z Rd, Z+ Rd, Rr Rd, Rr Rd, K Rd, X Rd, X+ Rd, - X Rd, Y Rd, Y+ Rd, - Y Rd,Y+q Rd, Z Rd, Z+ Rd, -Z Rd, Z+q Rd, k X, Rr X+, Rr - X, Rr Y, Rr Y+, Rr - Y, Rr Y+q,Rr Z, Rr Z+, Rr -Z, Rr Z+q,Rr k, Rr Move Between Registers Copy Register Word Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory Load Program Memory Load Program Memory and Post-Inc Store Program Memory In Port Out Port Push Register on Stack Pop Register from Stack No Operation Sleep Watchdog Reset Break (see specific descr. for Sleep function) (see specific descr. for WDR/Timer) For On-chip Debug Only Rd Rr Rd+1:Rd Rr+1:Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd (Z) Rd (Z), Z Z+1 (z) R1:R0 Rd P P Rr STACK Rr Rd STACK None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None 1 1 2 2 1 1 1 N/A 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3
Operands
Rd Rd Rd s s Rr, b Rd, b Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear
Description
Rotate Right Through Carry
Operation
Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0 V1 V0 T1 T0 H1 H0
Flags
Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S V V T T H H
#Clocks
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG
MCU CONTROL INSTRUCTIONS
7
7753BS-AVR-08/08
4. Ordering Information
Table 4-1.
Ordering Code(2) ATTINY261-ESSZ ATtiny261-ESMZ ATtiny261-ESXZ ATtiny461-ESSZ ATtiny461-ESMZ ATtiny461-ESXZ ATtiny861-ESSZ ATtiny861-ESMZ ATtiny861-ESXZ Speed (MHz)(3) 16 16 16 16 16 16 16 16 16
Engineering Samples Delivery only
Power Supply (V) 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 Package(1) TG PN 6G TG PN 6G TG PN 6G Operation Range Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C)
Table 4-2.
Ordering Code(2) ATtiny261-15SZ ATtiny261-15MZ ATtiny261-15XZ ATtiny461-15SZ ATtiny461-15MZ ATtiny461-15XZ ATtiny861-15SZ ATtiny861-15MZ ATtiny861-15XZ Notes: Speed (MHz)(3) 16 16 16 16 16 16 16 16 16
Available Product Offering
Power Supply (V) 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 2.7 - 5.5 Package(1) TG PN 6G TG PN 6G TG PN 6G Operation Range Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C) Automotive (-40 to +125C)
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green. 3. For Speed vs. VCC,see Figure 23.3 on page 189
8
ATtiny261/461/861
7753BS-AVR-08/08
ATtiny261/461/861
Package Type PN TG 6G 32-pad, 5.0 x 5.0 mm Body, Lead Pitch 0.50 mm, Quad Flat No Lead Package (QFN) 20-lead, 0.300" Wide Body Lead, Plastic Gull Wing Small Outline Package (SOIC) 20-leads, 4.4x6.5mm body - 0.65mm Pitch - Lead Length: 0.6mm Thin Shrink Small Outline Package (TSSOP)
9
7753BS-AVR-08/08
5. Packaging Information
5.1 PN
10
ATtiny261/461/861
7753BS-AVR-08/08
ATtiny261/461/861
5.2 TG
11
7753BS-AVR-08/08
12
ATtiny261/461/861
7753BS-AVR-08/08
ATtiny261/461/861
5.3 6G
13
7753BS-AVR-08/08
6. Errata
6.1 Errata ATtiny261
The revision letter in this section refers to the revision of the ATtiny261 device. 6.1.1 Rev A No known errata.
6.2
Errata ATtiny461
The revision letter in this section refers to the revision of the ATtiny461 device.
6.2.1
Rev B No known errata.
6.3
Errata ATtiny861
The revision letter in this section refers to the revision of the ATtiny861 device.
6.3.1
Rev B No known errata.
14
ATtiny261/461/861
7753BS-AVR-08/08
ATtiny261/461/861
7. Datasheet Revision History
7.1 Rev. 7753A - 11/07
1. First Datasheet Draft - Initial Automotive Version. Started from Industrial Datasheet doc2588 rev.B - 01/07
7.2
Rev. 7753B - 08/08
1. Added 6G product offering to Ordering Information.
15
7753BS-AVR-08/08
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support avr@atmel.con Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2008 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
7753BS-AVR-08/08


▲Up To Search▲   

 
Price & Availability of ATTINY261-ESSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X