Part Number Hot Search : 
B315D 13514 FM180 MM5Z24V M1200 12P20 1N5404GP LX1994
Product Description
Full Text Search
 

To Download ATS617LSGTN-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Features and Benefits
Self-calibrating for tight timing accuracy First-tooth detection Immunity to air gap variation and system offsets Immunity to signature tooth offsets Integrated capacitor provides analog peak and valley information Low timing-accuracy drift with temperature changes Low radiated emissions Integrated, series resistor on VCC pin for improved transient immunity Large air gap capability Small, integrated package Optimized magnetic circuit Undervoltage lockout (UVLO) Wide operating voltage range
Description
The ATS617 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to low operating speeds. Each device consists of a high-temperature plastic shell that holds together a samarium-cobalt pellet, a pole piece, and a differential open-collector Hall IC that has been optimized to the magnetic circuit. This small package can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes. The technology used for this device is Hall-effect based. The device incorporates a dual-element Hall IC that switches in response to differential magnetic signals created by ferromagnetic targets. The sophisticated processing circuitry contains an A-to-D converter that self-calibrates (normalizes) the internal gain of the device to minimize the effect of air gap variations. The patented peak-detecting filter circuit provides immunity to magnet and system offsets and has the ability to discriminate relatively fast changes such as those caused by tilt, gear wobble, and eccentricities. This easy-tointegrate solution provides first falling edge detection and stable operation to extremely low rpm. The ATS617 can be used as a replacement for the ATS616. The ATS617 is ideal for use in systems that gather speed, position, and timing information using gear-tooth-based
Package: 4-pin SIP (suffix SG)
Not to scale
Continued on the next page...
Functional Block Diagram
VCC RS Voltage Regulator Power-On Logic Tooth and Valley Comparator VOUT Hall Amp Gain Track and Hold Reference Generator Hall Amp Current Limit
UVLO
Track and Hold
GND (Recommended)
TEST
ATS617LSG-DS, Rev. 1
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Description (continued) configurations. This device is particularly suited to those applications that require extremely accurate duty cycle control or accurate edge-detection, such as automotive camshaft sensing. The ATS617 is provided in a 4-pin SIP that is Pb (lead) free, with a 100% matte tin plated leadframe.
Selection Guide
Part Number Packing*
ATS617LSGTN-T 13-in. reel, 800 pieces/reel *Contact Allegro(R) for additional packing options
Absolute Maximum Ratings
Characteristic Supply Voltage Reverse Supply Voltage Output Off Voltage Continuous Output Current Reverse Output Current Operating Ambient Temperature Maximum Junction Temperature Storage Temperature Symbol VCC VRCC VOUTOFF IOUT IROUT TA TJ(max) Tstg Range L Notes See Power Derating section Rating 26.5 -18 24 25 50 -40 to 150 165 -65 to 170 Unit V V V mA mA C C C
Pin-out Diagram Terminal List
Number 1
1 2 3 4
Name VCC VOUT Test GND Device supply Device output Tie to GND, or float Device ground
Function
2 3 4
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
2
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
OPERATING CHARACTERISTICS over operating voltage and temperature range, unless otherwise noted
Characteristic Electrical Characteristics Supply Voltage2 Supply Protection Resistor Undervoltage Lockout Threshold Output On Voltage Supply Zener Clamp Voltage Output Zener Clamp Voltage Supply Zener Current Output Zener Current Output Current Limit Output Leakage Current Supply Current Power-On Time Power-On State Output Rise Time3 Output Fall Time Performance Characteristics Operating Air Gap Range Operating Magnetic Flux Density Differential4 Analog Signal Bandwidth Minimum Operating Speed AG BAG(p-p) BW SOP Allegro 60+2 reference target Allegro reference target 60+2 operating at or above Minimum Operating Speed Operation at or above Minimum Operating Speed 0.4 60 - 10 - - 15 - 2.5 - - - mm G kHz rpm VCC RS VCC(UV) VCC = 0 5 V; VCC = 5 0 V Operating, TJ < 165C 4.5 - - - 28 30 - - 25 - 3 - - - - 6 - 60 3.7 100 - - - - 45 - 6 80 High 21 6 9 24 72 - 400 - - 15 3 55 15 12 500 - - - 12 V V mV V V mA mA mA A mA s V s s s Symbol Test Condition Min. Typ.1 Max. Unit
VOUT(SAT) IOUT = 15 mA, output on VZsupply VZoutput IZsupply IZoutput IOUTM IOUTOFF ICC tPO POS tr tf ICC = 15 mA, TA = 25C IOUT = 3 mA, TA = 25C VS = 28 V VOUT = 30 V VOUT = 12 V VOUT = 24 V, output off VCC > VCC(min) VCC > 5 V VCC = 0 5 V RPU = 2 k, CL = 4.7 nF, 10% to 90% VPU = 5 V, RPU = 2 k, CL = 4.7 nF, 90% to 10% VPU =12 V, RPU = 2 k, CL = 4.7 nF, 90% to 10%
Continued on the next page...
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
3
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
OPERATING CHARACTERISTICS (continued) over operating voltage and temperature range, unless otherwise noted
Characteristic Performance Characteristics (continued) Initial Calibration Cycle5 Calibration Mode Disable Relative Timing Accuracy, Sequential6,7 Allowable User Induced Differential Offset4 Switching Hysteresis, Start-up Switching Hysteresis, Running Mode
1 Typical 2
Symbol
Test Condition
Min.
Typ.1
Max.
Unit
ncal ndis E BApp VSWHYS(su) VSWHYS(rm)
Output edges before calibration is completed, at fsig < 100 Hz Output falling edges for startup calibration to be complete Target Speed = 1000 rpm, BAG(p-p) > 100 G Target Speed = 1000 rpm, BAG(p-p) > 60 G Output switching only; may not meet data sheet specifications
- 64 - - - - -
1 64 0.5 - - 190 105
- 64 0.75 1.5 50 - -
edge edge deg. deg. G mV mV
data is at VCC = 12 V and TA = 25C. Performance may vary for individual units, within the specified maximum and minimum limits. Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section. 3 This performance is not affected by the design of the ATS617, it is determined only by the external interface circuitry. 4 1 G (gauss) = 0.1 mT (millitesla), exactly. 5 Non-uniform magnetic profiles may require additional edges before calibration is complete. 6 For Allegro 60+2 reference target. 7 Accuracy may be compromised during the calibration cycle.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
4
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Reference Target (Gear) Information
REFERENCE TARGET 60+2 SymCharacteristics bol Outside Diameter Do Face Width Angular Tooth Thickness Signature Region Angular Tooth Thickness Angular Valley Thickness Tooth Whole Depth Material F t Test Conditions Outside diameter of target Breadth of tooth, with respect to branded face Length of tooth, with respect to branded face; measured at Do Length of signature tooth, with respect to branded face; measured at Do Length of valley, with respect to branded face; measured at Do Low Carbon Steel Typ. 120 6 3 Units mm mm deg.
tSIG t Do F ht
Symbol Key
tSIG tv ht
15
deg.
Air Gap
tv
3 3 -
deg. mm -
Branded Face of Package
Signature Region
Pin 4
Pin 1
Branded Face of Package
Reference Target 60+2
Figure 1. Configuration with Radial-Tooth Reference Target
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
5
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Characteristic Data
Supply Current (On) versus Supply Voltage
12 11 10 9 8 7 6 5 4 3 0 5 10 15 VCC (V) 20 25 30
Supply Current (On) versus Ambient Temperature
12 11 10 TA (C) -40 25 85 150 9 8 7 6 5 4 3 -50 0 50 TA (C) 100 150 200 VCC (V) 4.5 12 18 24
ICCON (mA)
Supply Current (Off) versus Supply Voltage
12 11 10
ICCON (mA)
Supply Current (Off) versus Ambient Temperature
12 11 10
ICCOFF (mA)
ICCOFF (mA)
9 8 7 6 5 4 3 0 5 10 15 VCC (V) 20 25 30
TA (C) -40 25 85 150
9 8 7 6 5 4 3 -50 0 50 TA (C) 100 150 200
VCC (V) 4.5 12 18 24
Continued on the next page.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
6
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Output Voltage (On) versus Ambient Temperature
400 400
Output Voltage (On) versus Output Current
VSAT(ON) (mV)
IOUT (mA) 200 5 10 15 20
VSAT(ON) (mV)
300
300 TA (C) -40 25 85 150
200
100
100
0 -50
0 0 50 TA (C) 100 150 200
0
5
10 IOUT (mA)
15
20
25
Output Leakage Current (Off) versus Ambient Temperature
15
Output Leakage Current (Off) versus Output Voltage
15
IOUTOFF (A)
ICCOFF (A)
10
VOUT (V) 2.5 5 7.5 10
10
5
5
TA (C) -40 25 85 150
0 -50
0 0 50 TA (C) 100 150 200 0 2.5 5 VOUT (V) 7.5 10 12.5
Continued on the next page.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
7
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Edge Position versus Target Speed through Ambient Temperature Range
TA = -40C
Rising Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5 1.0 1.5 Speed (krpm) 2.0 2.5 1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5 1.0 1.5 Speed (krpm) 2.0 2.5
TA = 25C
Rising Edge
1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5
TA = 150C
Rising Edge
Sequential Region
1.0 1.5 Speed (krpm)
2.0
2.5
Falling Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5 1.0 1.5 Speed (krpm) 2.0 2.5 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5
Falling Edge
1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 1.0 1.5 Speed (krpm) 2.0 2.5 0 0.5
Falling Edge
1.0 1.5 Speed (krpm)
2.0
2.5
Rising Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5 1.0 1.5 Speed (krpm) 2.0 2.5 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5
Rising Edge
1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 1.0 1.5 Speed (krpm) 2.0 2.5 0 0.5
Rising Edge
Signature Region
1.0 1.5 Speed (krpm)
2.0
2.5
Falling Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5 1.0 1.5 Speed (krpm) 2.0 2.5 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0 0.5
Falling Edge
1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 1.0 1.5 Speed (krpm) 2.0 2.5 0 0.5
Falling Edge
1.0 1.5 Speed (krpm)
2.0
2.5
Air Gap (mm)
0.5
1.0
1.5
2.2
2.5
Continued on the next page.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
8
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Edge Position versus Air Gap through Target Speed Range
Speed = 10 rpm
Rising Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 1.0 2.0 Air Gap (mm) 3.0 1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 1.0 2.0 Air Gap (mm) 3.0
Speed = 500 rpm
Rising Edge
1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0
Speed = 2000 rpm
Rising Edge
Sequential Region
1.0 2.0 Air Gap (mm)
3.0
Falling Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 1.0 2.0 Air Gap (mm) 3.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0
Falling Edge
1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 1.0 2.0 Air Gap (mm) 3.0 0
Falling Edge
1.0 2.0 Air Gap (mm)
3.0
Rising Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 1.0 2.0 Air Gap (mm) 3.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0
Rising Edge
1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 1.0 2.0 Air Gap (mm) 3.0 0
Rising Edge
Signature Region
1.0 2.0 Air Gap (mm)
3.0
Falling Edge
1.5 Edge Position () Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 0 1.0 2.0 Air Gap (mm) 3.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 0
Falling Edge
1.5 Edge Position () 1.0 0.5 0 -0.5 -1.0 -1.5 1.0 2.0 Air Gap (mm) 3.0 0
Falling Edge
1.0 2.0 Air Gap (mm)
3.0
Ambient Temperature (C)
-40
25
85
150
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
9
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic Package Thermal Resistance Symbol RJA Test Conditions* Single-sided PCB with copper limited to solder pads Two-sided PCB with copper limited to solder pads and 3.57 (23.03 cm2) of copper area each side, connected to GND pin in.2 Value 126 84 Units C/W C/W
*Additional information is available on the Allegro website.
25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 20 40
Power Derating Curve TJ(max) = 165C; ICC = ICC(max)
VCC(max)
Maximum Allowable VCC (V)
(R
JA
= 84 C/W)
(R
JA
= 126 C/W)
VCC(min)
60 80 100 120 140 160 180
Temperature (C)
1900 1800 1700 1600 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 20
Maximum Power Dissipation, PD(max) TJ(max) = 165C; VCC = VCC(max); ICC = ICC(max)
Power Dissipation, PD (m W)
(R
J
A
(R
=
J
84
A
=1
C
26
/W
C
)
/W
)
40
60
80 100 120 Temperature (C)
140
160
180
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
10
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Functional Description
Assembly Description The ATS617 gear-tooth sensor IC is a Hall IC/rare-earth pellet configuration that is fully optimized to provide detection of gear tooth edges. This device is packaged in a molded miniature plastic body that has been optimized for size, ease of assembly, and manufacturability. High operating temperature materials are used in all aspects of construction. After proper power is applied to the component, the chip is capable of instantly providing digital information that is representative of the profile of a rotating gear. No additional optimization or processing circuitry is required. This ease of use should reduce design time and incremental assembly costs for most applications. Hall Technology The ATS617 contains a single-chip differential Hall effect sensor IC, a samarium cobalt pellet, and a flat ferrous pole piece (figure 2). The Hall IC consists of 2 Hall elements (spaced 2.2 mm apart) located so as to measure the magnetic gradient created by the passing of a ferrous object. The two elements measure the magnetic gradient and convert it to an analog voltage that is then processed in order to provide a digital output signal. The Hall IC is self-calibrating and also possesses a temperature compensated amplifier and offset cancellation circuitry. Its voltage regulator provides supply noise rejection throughout the operating voltage range. Changes in temperature do not greatly affect this device due to the stable amplifier design and the offset
rejection circuitry. The Hall transducers and signal processing electronics are integrated on the same silicon substrate, using a proprietary BiCMOS process. Internal Electronics The processing circuit uses a patented peak detection scheme to eliminate magnet and system offsets. This technique allows dynamic coupling and filtering of offsets without the power-up and settling time disadvantages of classical high-pass filtering schemes. The peak signal of every tooth and valley is detected by the filter and is used to provide an instant reference for the operate and release point comparator. In this manner, the thresholds are adapted and referenced to individual signal peaks and valleys, providing immunity to zero line variation from installation inaccuracies (tilt, rotation, and off-center placement), as well as for variations caused by target and shaft eccentricities. The ATS617 also includes self-calibration circuitry that is engaged at power on. The signal amplitude is measured, and then the device gain is normalized. In this manner switchpoint drift versus air gap is minimized, and excellent timing accuracy can be achieved. The AGC (Automatic Gain Control) circuitry, in conjunction with a unique hysteresis circuit, also eliminates the effect of gear edge overshoot as well as increases the immunity to false switching caused by gear tooth anomalies at close air gaps. The AGC circuit sets the gain of the device after power-on.
V+ Differential Input Signal 0 VPROC BOP BOP BRP BRP V- VCC Device Output VOUT VOUT(sat) Figure 3. The peaks in the resulting differential signal are used to set the operate, BOP , and release, BRP , switchpoints.
Target (Gear) Element Pitch Hall Element 2 South Pole North Pole (Pin n >1 Side) Hall Element 1 Hall IC Pole Piece (Concentrator) Back-Biasing Rare-Earth Pellet Case (Pin 1 Side)
Dual-Element Hall Effect Device
Figure 2. Relative motion of the target is detected by the dual Hall elements mounted on the Hall IC.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
11
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
values change due to concentration effects, resulting in a varying baseline with air gap, valley widths, eccentricities, and vibration (figure 4). The differential configuration (figure 5) cancels the effects of the back-biased field and avoids many of the issues presented by the single Hall element design.
Superior Performance The ATS617 peak-detecting differential design has several advantages over conventional Hall-effect gear-tooth sensors. The signal-processing techniques used in the ATS617 solve the catastrophic issues that affect the functionality of conventional digital gear-tooth sensors, such as the following: * Temperature drift. Changes in temperature do not greatly affect this device due to the stable amplifier design and the offset rejection circuitry. * Timing accuracy variation due to air gap. The accuracy variation caused by air gap changes is minimized by the self-calibration circuitry. A 2x-to-3x improvement can be seen. * Dual edge detection. Because this device switches based on the positive and negative peaks of the signal, dual edge detection is guaranteed. * Tilted or off-center installation. Traditional differential sensors can switch incorrectly due to baseline changes versus air gap caused by tilted or off-center installation. The peak detector circuitry references the switchpoint from the peak and is immune to this failure mode. There may be a timing accuracy shift caused by this condition. * Large operating air gaps. Large operating air gaps are achievable with this device due to the sensitive switchpoints after power-on (dependent on target dimensions, material, and speed). * Immunity to magnetic overshoot. The patented adjustable hysteresis circuit makes the ATS617 immune to switching on magnetic overshoot within the specified air gap range. * Response to surface defects in the target. The gain-adjust circuitry reduces the effect of minor gear anomalies that would normally cause false switching. * Immunity to vibration and backlash. The gain-adjust circuitry keeps the hysteresis of the device roughly proportional to the peak-to-peak signal. This allows the device to have good immunity to vibration even when operating at close air gaps. * Immunity to gear run out. The differential chip configuration eliminates the baseline variations caused by gear run out Differential vs. Single-Element Design The differential chip is superior in most applications to the classical single-element design. The single-element configuration commonly used (Hall-effect element mounted on the face of a simple permanent magnet) requires the detection of a small signal (often <100 G) that is superimposed on a large back-biased field, often 1500 G to 3500 G. For most gear/target configurations, the back-biased field
Figure 4. Affect of varying valley widths on single-element circuits.
Figure 5. Affect of varying air gaps on differential circuits.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
12
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Undervoltage Lockout (UVLO) When the supply voltage, VCC , is below the minimum operating voltage, VCC(UV) , the device is off and stays off, irrespective of the state of the magnetic field. This prevents false signals, which may be caused by undervoltage conditions (especially during power-up), from appearing at the output. Output. The device output is an open-drain stage. An external pull-up (resistor) must be supplied to a supply voltage of not more than VCC(max). Output Polarity. The output of the unit will switch from low to high as the leading edge of a tooth passes the branded face of the package in the direction indicated in figure 6. This means that in such a configuration, the output voltage will be high when the package is facing a tooth. If the target rotation is in the opposite direction relative to the package, the output polarity will be opposite as well, with the unit switching from low to high as the leading edge passes the unit.
Peak Detecting vs. AC-Coupled Filters High-pass filtering (normal AC coupling) is a commonly used technique for eliminating circuit offsets. However, AC coupling has errors at power-on because the filter circuit needs to hold the circuit zero value even though the circuit may power-on over a large signal. Such filtering techniques can only perform properly after the filter has been allowed to settle, which typically takes longer than 1s. Also, high-pass filter solutions cannot easily track rapidly changing baselines, such as those caused by eccentricities. (The term baseline refers to a 0 G differential field, where each Halleffect element is subject to the same magnetic field strength; see figure 3.) In contrast, peak detecting designs switch at the change in slope of the differential signal, and so are baseline-independent both at power-on and while running. Peak Detecting vs. Zero-Crossing Reference The usual differential zero-crossing sensor ICs are susceptible to false switching due to off-center and tilted installations that result in a shift of the baseline that changes with air gap. The track-and-hold peak detection technique ignores baseline shifts versus air gaps and provides increased immunity to false switching. In addition, using track-and-hold peak detection techniques, increased air gap capabilities can be expected because peak detection utilizes the entire peak-to-peak signal range, as compared to zero-crossing detectors, which switch at half the peak-to-peak signal. Power-On Operation The device powers-on in the Off state (output voltage high), irrespective of the magnetic field condition. The circuit is then ready to accurately detect the first target edge that results in a high-to-low transition of the device output.
Target Mechanical Profile
Rotating Target
Branded Face of Package
1
4
Figure 6. This left-to-right (pin 1 to pin 4) direction of target rotation results in a high output signal when a tooth of the target gear is nearest the branded face of the package. A right-to-left (pin 4 to pin 1) rotation inverts the output signal polarity.
Signature Tooth B+ BIN
Target Magnetic Profile
IC Output Switch State IC Output Electrical Profile Target Motion from Pin 1 to Pin 4 IC Output Electrical Profile Target Motion from Pin 4 to Pin 1
V+ VOUT
On
Off
On
Off
On
Off
On
Off
On
Off
On Off On Off On Off
V+ VOUT
Figure 7. The magnetic profile reflects the geometry of the target, allowing the device to present an accurate digital output response.
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
13
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Power Derating
The device must be operated below the maximum junction temperature of the device, TJ(max). Under certain combinations of peak conditions, reliable operation may require derating supplied power or improving the heat dissipation properties of the application. This section presents a procedure for correlating factors affecting operating TJ. (Thermal data is also available on the Allegro MicroSystems website.) The Package Thermal Resistance, RJA, is a figure of merit summarizing the ability of the application and the device to dissipate heat from the junction (die), through all paths to the ambient air. Its primary component is the Effective Thermal Conductivity, K, of the printed circuit board, including adjacent devices and traces. Radiation from the die through the device case, RJC, is relatively small component of RJA. Ambient air temperature, TA, and air motion are significant external factors, damped by overmolding. The effect of varying power levels (Power Dissipation, PD), can be estimated. The following formulas represent the fundamental relationships used to estimate TJ, at PD. PD = VIN x IIN T = PD x RJA TJ = TA + T For example, given common conditions such as: TA= 25C, VCC = 12 V, ICC = 6 mA, and RJA = 126 C/W, then: PD = VCC x ICC = 12 V x 6 mA = 72 mW T = PD x RJA = 72 mW x 126 C/W = 9C TJ = TA + T = 25C + 9C = 34C A worst-case estimate, PD(max), represents the maximum allowable power level (VCC(max), ICC(max)), without exceeding TJ(max), at a selected RJA and TA. (1) (2) (3)
Example: Reliability for VCC at TA = 150C, package SG, using minimum-K PCB. Observe the worst-case ratings for the device, specifically: RJA = 126 C/W, TJ(max) = 165C, VCC(max) = 24 V, and ICC(max) = 12 mA. Calculate the maximum allowable power level, PD(max). First, invert equation 3: Tmax = TJ(max) - TA = 165 C - 150 C = 15 C This provides the allowable increase to TJ resulting from internal power dissipation. Then, invert equation 2: PD(max) = Tmax / RJA = 15C / 126 C/W = 119 mW Finally, invert equation 1 with respect to voltage: VCC(est) = PD(max) / ICC(max) = 119 mW / 12 mA = 9.92 V The result indicates that, at TA, the application and device can dissipate adequate amounts of heat at voltages VCC(est). Compare VCC(est) to VCC(max). If VCC(est) VCC(max), then reliable operation between VCC(est) and VCC(max) requires enhanced RJA. If VCC(est) VCC(max), then operation between VCC(est) and VCC(max) is reliable under these conditions. This value applies only to the voltage drop across the ATS617 chip. If a protective series diode or resistor is used, the effective maximum supply voltage is increased. For example, when a standard diode with a 0.7 V drop is used: VCC(max) = 9.9 V + 0.7 V = 10.6 V
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
14
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Package SG 4-Pin SIP
F
5.500.05
E B
2.20
8.000.05 LLLLLLL NNN 5.800.05
E1 E2
Branded Face
YYWW
1.700.10 4.700.10 1 2 3 4 A 0.600.10 0.710.05
D
Standard Branding Reference View = Supplier emblem L = Lot identifier N = Last three numbers of device part number Y = Last two digits of year of manufacture W = Week of manufacture
For Reference Only, not for tooling use (reference DWG-9002) Dimensions in millimeters A Dambar removal protrusion (16X) +0.06 0.38 -0.04 24.650.10 0.400.10
B Metallic protrusion, electrically connected to pin 4 and substrate (both sides) C Thermoplastic Molded Lead Bar for alignment during shipment D Branding scale and appearance at supplier discretion E F
Active Area Depth, 0.43 mm Hall elements (E1, E2), not to scale
15.300.10
A
1.0 REF 1.600.10
C
1.270.10 5.500.10
0.710.10
0.710.10
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
15
ATS617LSG
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
Copyright (c)2009, Allegro MicroSystems, Inc. The products described herein are manufactured under one or more of the following U.S. patents: 5,264,783; 5,389,889; 5,442,283; 5,517,112; 5,581,179; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; 6,091,239; 6,100,680; 6,232,768; 6,242,908; 6,265,865; 6,297,627; 6,525,531; 6,690,155; 6,693,419; 6,919,720; 7,046,000; 7,053,674; 7,138,793; 7,199,579; 7,253,614; 7,365,530; 7,368,904; or other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro's products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the failure of that life support device or system, or to affect the safety or effectiveness of that device or system. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website: www.allegromicro.com
Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com
16


▲Up To Search▲   

 
Price & Availability of ATS617LSGTN-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X