Part Number Hot Search : 
M68000AD TA143 MHW1915 30F60 TPW4671 1N3673 WCF10C60 SKM75GB1
Product Description
Full Text Search
 

To Download APT15GF120JCU2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT15GF120JCU2
ISOTOP(R) Boost chopper NPT IGBT SiC chopper diode
K
VCES = 1200V IC = 15A @ Tc = 90C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction * Brake switch
C
G
Features * Non Punch Through (NPT) Fast IGBT - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Low leakage current - RBSOA and SCSOA rated * Chopper SiC Schottky Diode - Zero reverse recovery - Zero forward recovery - Temperature Independent switching behavior - Positive temperature coefficient on VF ISOTOP(R) Package (SOT-227) Very low stray inductance High level of integration
E
E G C
K
* * *
ISOTOP(R)
Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * RoHS Compliant
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 90C TC = 25C TC = 25C Tj = 125C Max ratings 1200 30 15 60 20 156 30A@1150V Unit V A V W
APT15GF120JCU2 - Rev 0 September, 2009
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-6
APT15GF120JCU2
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V VCE = 1200V Tj = 25C Tj = 125C Tj = 25C VGE =15V IC = 15A Tj = 125C VGE = VCE, IC = 1mA VGE = 20V, VCE = 0V Min Typ Max 250 500 3.7 6 400 Unit A V V nA
2.5 4
3.2 4.0
Dynamic Characteristics
Symbol Cies Coes Cres Qg Qge Qgc Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Isc Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Emitter Charge Gate - Collector Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Short Circuit data Test Conditions VGE = 0V VCE = 25V f = 1MHz VGE = 15V VBus = 600V IC =15A Inductive Switching (25C) VGE = 15V VBus = 600V IC = 15A RG = 33 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 15A RG = 33 VGE = 15V Tj = 125C VBus = 600V IC = 15A Tj = 125C RG = 33 VGE 15V ; VBus = 900V tp 10s ; Tj = 125C Test Conditions VR=1200V Tj = 25C Tj = 175C
Tc = 125C
Min
Typ 1000 150 70 99 10 70 60 50 315 30 60 50 356 40 1.2
Max
Unit pF
nC
ns
ns
mJ 1 90 A
Chopper SiC diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF QC C Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Total Capacitive Charge Total Capacitance IF = 10A Min 1200 Typ 32 56 10 1.6 2.3 40 96 69 Max 200 1000 1.8 3 Unit V A A V nC pF
APT15GF120JCU2 - Rev 0 September, 2009
Tj = 25C Tj = 175C IF = 10A, VR = 600V di/dt =500A/s f = 1MHz, VR = 200V f = 1MHz, VR = 400V
www.microsemi.com
2-6
APT15GF120JCU2
Thermal and package characteristics
Symbol Characteristic RthJC RthJA VISOL TJ,TSTG TL Torque Wt Junction to Case Thermal Resistance Junction to Ambient (IGBT & Diode)
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min IGBT SiC chopper Diode 2500 -55
Typ
Max 0.8 1.65 20 150 300 1.5
Unit C/W V C N.m g
Storage Temperature Range Max Lead Temp for Soldering:0.063" from case for 10 sec Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine) Package Weight
11.8 (.463) 12.2 (.480) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places)
29.2
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
Cathode
Collector
* Emitter terminals are shorted internally. Current handling capability is equal for either Emitter terminal.
Dimensions in Millimeters and (Inches)
Emitter
Gate
Typical IGBT Performance Curve
Fmax, Operating Frequency (kHz) Capacitance vs Collector to Emitter Voltage 10000 Operating Frequency vs Collector Current 120 100 80 60
ZVS VCE = 600V D = 50% RG = 33 TJ = 125C TC= 75C
C, Capacitance (pF)
Cies
1000
Coes
100
Cres
40 20 0 0
Hard switching
ZCS
10 0 10 20 30 40 50 VCE, Collector to Emitter Voltage (V)
5 10 15 20 IC, Collector Current (A)
25
1 Thermal Impedance (C/W) 0.8 0.6 0.4 0.2 0.9 0.7 0.5 0.3 0.1 0.05
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
Single Pulse 0.0001 0.001 0.01 0.1 1 10
0 0.00001
Rectangular Pulse Duration (Seconds)
www.microsemi.com
3-6
APT15GF120JCU2 - Rev 0 September, 2009
APT15GF120JCU2
30 Ic, Collector Current (A) 25 20 15
TJ=125C
Output characteristics (VGE=15V) Ic, Collector Current (A)
250s Pulse Test < 0.5% Duty cycle
12 10 8 6 4
Output Characteristics (VGE=10V)
250s Pulse Test < 0.5% Duty cycle
TJ=25C
TJ=25C
10 5 0 0 1 2 3 4 5 VCE, Collector to Emitter Voltage (V) Transfer Characteristics 6
TJ=125C
2 0 0 0.5 1 1.5 2 2.5 3 3.5
VCE, Collector to Emitter Voltage (V) Gate Charge
IC = 15A TJ = 25C VCE=240V VCE=600V
Ic, Collector Current (A)
25 20 15
250s Pulse Test < 0.5% Duty cycle
VGE, Gate to Emitter Voltage (V)
30
18 16 14 12 10 8 6 4 2 0 0
VCE=960V
TJ=125C
10
TJ=25C
5 0 0 2.5 5 7.5 10 VGE, Gate to Emitter Voltage (V)
Breakdown Voltage vs Junction Temp.
12.5
20
40
60
80
100
120
Gate Charge (nC) DC Collector Current vs Case Temperature
Collector to Emitter Breakdown Voltage (Normalized)
1.10 Ic, DC Collector Current (A) 25 50 75 100 125
30 25 20 15 10 5 0
1.05
1.00
0.95
0.90 TJ, Junction Temperature (C)
25
www.microsemi.com
4-6
APT15GF120JCU2 - Rev 0 September, 2009
50 75 100 125 TC, Case Temperature (C)
150
APT15GF120JCU2
Turn-On Delay Time vs Collector Current
VCE = 600V RG = 33
Turn-Off Delay Time vs Collector Current td(off), Turn-Off Delay Time (ns)
td(on), Turn-On Delay Time (ns)
75 70 65 60 55 50 0 5 10 15 20 25 30 35 ICE, Collector to Emitter Current (A) Current Rise Time vs Collector Current 160
VCE = 600V RG = 33
400
VGE=15V, TJ=125C
350
VGE = 15V
300
VGE=15V, TJ=25C
250
VCE = 600V RG = 33
200 0 5 10 15 20 25 30 35
ICE, Collector to Emitter Current (A) Current Fall Time vs Collector Current 50 45
TJ = 125C
tr, Rise Time (ns)
tf, Fall Time (ns)
120
40 35 30 25
TJ = 25C
80
VGE=15V
40
0 0 5 10 15 20 25 30 35 ICE, Collector to Emitter Current (A) Turn-On Energy Loss vs Collector Current
VCE = 600V RG = 33
VCE = 600V, VGE = 15V, RG = 33
20 0 5 10 15 20 25 30 ICE, Collector to Emitter Current (A) 35
Eon, Turn-On Energy Loss (mJ)
Eoff, Turn-off Energy Loss (mJ)
4 3.5 3 2.5 2 1.5 1 0.5 0 0
Turn-Off Energy Loss vs Collector Current 2.5 2 1.5 1 0.5 0 0 5 10 15 20 25 30 ICE, Collector to Emitter Current (A) Reverse Bias Safe Operating Area 35 30 25 20 35
TJ = 25C VCE = 600V VGE = 15V RG = 33 TJ = 125C
TJ=125C, VGE=15V
TJ=25C, VGE=15V
10 15 20 25 30 ICE, Collector to Emitter Current (A)
5
35
Switching Energy Losses (mJ)
Switching Energy Losses vs Gate Resistance 3.5 IC, Collector Current (A) 3 2.5 2 1.5 1 0.5 0 0 20 40 60 80 100 120 Gate Resistance (Ohms)
VCE = 600V VGE = 15V TJ= 125C Eon, 15A
Eoff, 15A
10 5 0 0 400 800 1200 VCE, Collector to Emitter Voltage (V)
www.microsemi.com
5-6
APT15GF120JCU2 - Rev 0 September, 2009
15
APT15GF120JCU2
Typical SiC chopper diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 1.8 Thermal Impedance (C/W) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10 0.9
0 0.00001
Rectangular Pulse Duration (Seconds) Forward Characteristics
TJ=25C
Reverse Characteristics 100 IR Reverse Current (A)
20
IF Forward Current (A)
16 12 8 4 0 0 0.5 1 1.5 2 2.5 3 3.5
VF Forward Voltage (V) Capacitance vs.Reverse Voltage
TJ=75C
75
50
TJ=125C
TJ=75C TJ=125C TJ=175C TJ=25C
25
TJ=175C
0 400
600
800
1000 1200 1400 1600
VR Reverse Voltage (V)
700 C, Capacitance (pF) 600 500 400 300 200 100 0 1 10 100 VR Reverse Voltage 1000
APT15GF120JCU2 - Rev 0 September, 2009
ISOTOP(R) is a registered trademark of ST Microelectronics NV Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6


▲Up To Search▲   

 
Price & Availability of APT15GF120JCU2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X