Part Number Hot Search : 
IBAADS WRB4805 AP09N90W 5071A SKDT115 UM36541S ICS8547 SDA803C
Product Description
Full Text Search
 

To Download AND190HOP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AND190HOP
Ultra Bright LED Lamps: Type 3
Weight: 1.0g Unit: mm
AND190HOP
InGaAlP High Brightness Orange Light Emission T-3 Package (10 mm)
Features
* New emission material (InGaAlP) orange LED * Peak wavelength (p = 620 nm) high bright emission * All plastic mold type, clear colorless lens * Low drive current, (forward current = 1 to 20 mA) * Excellent On-Off contrast ratio * Fast response time, capable of pulse operation * High power luminous intensity * Suitable for Outdoor Message Signboards, Automotive use. * RoHS Compliant
10.00.2
11.00.3 0.5
2.54
Cathode Index
1.0 MIN.
25.4 MIN.
13.5 0.3
2.00.2
Maximum Ratings (Ta = 25C)
Characteristics Forward Current Reverse Voltage Power Dissipation Operating Temperature Range Symbol
IF VR PD TOpr
0.5
Rating
50 5 125 -40 to 85
Unit
mA V mW C
12
1. Anode 2. Cathode
Maximum Ratings (Ta = 25C)
Characteristics Storage Temperature Range Symbol
TStg
Rating
-40 to 100
Unit
C
Electro-Optical Characteristics (Ta = 25C)
Characteristics Forward Voltage Reverse Current Luminous Intensity Peak Emission Wavelength Spectral Line Half Width Dominant Wavelength Full Viewing Angle Symbol
VF IR IV P d
Test Condition
IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IV = 1/2 Peak
Minimum
- - 4,000 - - - -
Typical
2.0 - 6,000 620 18 615 6
Maximum
2.4 10 - - - - -
Unit
V A mcd nm nm nm degree
Precaution
Please be careful of the following: 1. Soldering temperature: 260C max Product Soldering time: 5 sec. max specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product. Soldering portion of lead: up to 1.6 mm from the body of the device
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
6/12/07
AND190HOP
InGaAIP High Brightness Orange Light Emission
IF - VF 50000 50 30000 Luminous Intensity IV (mcd) Forward Current IF (mA) 30 Ta = 25C Ta = 25C
Ultra Bright LED Lamps: Type 3
IV - IF
10000 5000 3000
10 5 3
1000 500 0.5
1 1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
1
3
5
10
30 50
100
Forward Voltage VF (V)
Forward Current IF (mA)
IV - TC 3 Relative Luminous Intensity 1.0
Relative Luminous Intensity - Wavelength IF = 20 mA Ta = 25C
Relative Luminous Intensity
0.8
1 0.5 0.3
0.6 0.4
0.2 0 580
0.1 -20 0 20 40 60 80
600
620
640
660
680
700
Case Temperature TC (C)
Wavelength (nm)
Radiation Pattern 80 10 0 Ta = 25C 20 30 40 50 60 70 80 90 0 0.2 0.4 0.6 0.8 0 0 Allowable Forward Current IF (mA)
IF - Ta
20 30 40 50 60 70 80 90
10
60
40
20
20 40 60 80 Ambient Temperature Ta (C)
100
2. The lead can be formed up to 5 mm from the body 720 Palomar Avenue * forming stress.94085 Purdy Electronics Corporation * of the device without Sunnyvale, CA
Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
6/12/07
AND190HOP
InGaAIP High Brightness Orange Light Emission
Soldering should be performed after the lead forming.
Ultra Bright LED Lamps: Type 3
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
6/12/07
AND190HOP
InGaAIP High Brightness Orange Light Emission Ultra Bright LED Lamps: Type 3
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * sales@purdyelectronics.com * www.purdyelectronics.com
6/12/07


▲Up To Search▲   

 
Price & Availability of AND190HOP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X