Part Number Hot Search : 
UFR3020 WR12BF SN65HV UHE0J472 RMH1W L9122 ORD213 SK1502
Product Description
Full Text Search
 

To Download AL160856NJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : 20080424-A PROD. NAME ABC'S DWG NO. PAGE: 1 AL1608L-
THIN FILM CHIP INDUCTOR
ABC'S ITEM NO.
CONFIGURATION & DIMENSIONS
A
D
D
C
B
I
G ( PCB Pattern )
I Unit : m/m
Series AL1608
A 1.600.10
B 0.800.10
C 0.450.10
D 0.300.20
G 0.9
H 0.9
H I 0.6
SCHEMATIC DIAGRAM
MATERIALS
aBodyCeramic bInternal conductorCu cTerminal electrodeCu/Ni/Sn dRemarkProducts comply with RoHS' requirements
a
b
c
GENERAL SPECIFICATION
aStorage temp.-40 ---- +105 bOperating temp.-55 ---- +125 cTerminal strength F Type AL1608 dSolderability Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2605 Flux : Rosin Dip time : 41 seconds AR-001A F ( kgf ) 0.5 Time ( sec ) 305
Temperature ( ) 250
50sec max.
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 230
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
REF : 20080424-A PROD. NAME ABC'S DWG NO. PAGE: 2 AL1608L-
THIN FILM CHIP INDUCTOR
ABC'S ITEM NO.
ELECTRICAL CHARACTERISITCS
DWG No. AL16081N0DL- AL16081N2DL- AL16081N5DL- AL16081N8DL- AL16082N2DL- AL16082N7DL- AL16083N3DL- AL16083N9DL- AL16084N7DL- AL16085N6DL- AL16086N8DL- AL16088N2DL- AL160810NJL- AL160812NJL- AL160815NJL- AL160818NJL- AL160822NJL- AL160827NJL- AL160833NJL- AL160839NJL- AL160847NJL- AL160856NJL- AL160868NJL- AL1608R10JL- Inductance ( nH ) 1.00.3 1.20.3 1.50.3 1.80.3 2.20.3 2.70.3 3.30.3 3.90.3 4.70.3 5.60.3 6.80.3 8.20.3 10.05 % 12.05 % 15.05 % 18.05 % 22.05 % 27.05 % 33.05 % 39.05 % 47.05 % 56.05 % 68.05 % 100.05 % Q min 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 Test Freq. ( MHz ) 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 SRF ( GHz ) min 13.0 13.0 10.0 10.0 8.0 6.0 6.0 6.0 5.0 5.0 5.0 4.0 4.0 3.0 3.0 2.0 2.0 2.0 1.5 1.5 1.5 1.0 1.0 1.0 DC Resistance () max 0.35 0.35 0.35 0.35 0.35 0.45 0.45 0.45 0.55 0.65 0.75 0.95 0.95 1.05 1.35 1.65 1.95 2.35 2.75 3.00 3.00 5.00 5.00 7.50 Rated Current ( mA ) max 800 800 800 300 300 300 300 300 300 300 300 300 300 300 300 300 250 250 250 200 200 150 150 100
1). Packaging Information... ABulk BTaping Reel 2)."":Reference code 3). ToleranceB0.1 C0.2 D0.3 G2% J5%
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20080424-A PROD. NAME ABC'S DWG NO. PAGE: 3 AL1608L-
THIN FILM CHIP INDUCTOR
ABC'S ITEM NO.
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5 A B N C C
G
D
Emobossed Carrier
Carrier tape width : D P:4 m/m End 4 m/m Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G 10 +0 N 50 -0
Unit:m/m T 12.5
( 3 ) Q'TY & G.W. Per pcakage Inner : Reel Series AL1608
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
5,000
90
07 - 08
250,000
7.0
41 x 39 x 22
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20080424-A PROD. NAME ABC'S DWG NO. PAGE: 4 AL1608L-
THIN FILM CHIP INDUCTOR
ABC'S ITEM NO.
DWGING NUMBER EXPRESSION
A
L
1
6
0
8 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A B
Inner package T.B.D. T / R ( Reel package )
Inner package Q'TY T.B.D. 5000 pcs
Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : 20080424-A PROD. NAME ABC'S DWG No. PAGE: 5 AL1608L-
THIN FILM CHIP INDUCTOR
ABC'S ITEM No.
RELIABILITY TEST
Test item Specification Test condition Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds
Solderability
More than 95% of the terminal electrode Shall be covered With fresh solder.
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-55 30 minutes +125 30 minutes
Humidity Test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1255 Applied current : Per spec. Time : 96 hours
AR-001A


▲Up To Search▲   

 
Price & Availability of AL160856NJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X