Part Number Hot Search : 
MAX528 M52358VP SD1434 BDV65A ZMM5241 NF03L ISL6840 FTS2015
Product Description
Full Text Search
 

To Download AFC105M35B12T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type AFC -55 C to 105 C SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 C
Type
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC Capacitors are the choice for high-frequency filtering. At 100 kHz, most ratings can handle more than twice the ripple current of type AHA. With solid performance at temperatures down to -55 C, Type AFC has more than 90% capacitance retention at -20 C and 1 kHz. With low impedance to beyond 100 kHz, it is ideal for higher power DC/DC converters. The vertical cylindrical cases make for easy automatic mounting and reflow soldering, and offer big savings and higher capacitance compared to tantalum capacitors. Highlights * +105 C, Up to 1000 Hour Load Life * Capacitance Range: 1 F to 1500 F * Voltage Range: 6.3 Vdc to 50 Vdc -55 C to +105 C 6.3, 10, 16, 25 & 50 Vdc 1.0 F to 1500 F 20% @ 120 Hz and +20 C 0.01 CV or 3 A @ +20 C, after two minutes (whichever is greater) See ratings table 50/60 Hz 120 Hz 1 kHz 10 kHz 100 kHz Frequency
0.70 .0.75 0.90 0.95 1.00
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Dissipation Factor: Ripple Current Multiplier:
Load Life: 1000 h @ +105 C Capacitance 20% DF: 200% of limit DCL: 100% of limit
Shelf Life: 1000 h @ +105 C Capacitance 20% DF: 200% of limit DCL: 100% of limit
AFC Series Marking
Outline Drawing
Case Dimensions
Case Code
B C D E F G
Dimensions in (mm) D 0.5
4.0 5.0 6.3 8.0 8.0 10.0
L
5.4 +.1,-.2 5.4 +.1,-.2 5.4 +.1,-.2 6.2 .3 10.2 .3 10.2 .3
A 0.2
4.3 5.3 6.6 8.3 8.3 10.3
H (max)
5.5 6.5 7.8 9.5 10.0 12.0
I (ref)
1.8 2.2 2.4 3.4 3.4 3.5
W
0.65 0.1 0.65 0.1 0.65 0.1 0.65 0.1 0.90 0.2 0.90 0.2
P (ref)
1.0 1.5 1.8 2.2 3.2 4.6
K
0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.35 + 0.15/-0.20 0.70 0.20 0.70 0.20
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type AFC -55 C to 105 C SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 C
Ratings Table
Cap (F) Catalog Part Number Max. Max. Dissipation Max. Impedance DCL Factor @ ESR @ @ 100 kHz 2 min 120 Hz 120 Hz20 C 20 C (mA) 20 C () () 6.3 Vdc (8 Vdc Surge)
3.0 3.0 6.3 13.9 20.8 63.0 94.5 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.19 0.19 0.19 0.19 0.19 0.22 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 19.60 9.20 4.30 2.00 1.30 0.43 0.29 9.60 3.20 2.10 1.40 0.67 0.36 3.00 1.80 1.00 0.40 0.30 0.15 0.15 1.80 0.40 0.40 0.30 0.15 0.15
Max. Ripple Current @ 105 C 100 kHz (mA)
60 95 140 230 450 670 670 95 230 230 450 670 670 60 95 140 230 230 670 670 670 670 60 140 140 230 450 450 670 670 670 60 60 60 60 95 95 140 230 230 670 670 670 30 30 30 50 70 120 300 500 500 500
Case Size (mm) Quantity Code DxL per Reel
22.0 47.0 100.0 220.0 330.0 1000.0 1500.0 33.0 100.0 150.0 220.0 470.0 1000.0 10.0 22.0 47.0 68.0 100.0 220.0 330.0 470.0 680.0 6.8 22.0 33.0 47.0 68.0 100.0 220.0 330.0 470.0 1.0 2.2 3.3 4.7 6.8 10.0 22.0 33.0 47.0 100.0 220.0 330.0 1.0 2.2 3.3 4.7 10.0 22.0 33.0 47.0 100.0 220.0
AFC226M06B12T AFC476M06C12T AFC107M06D16T AFC227M06E16T AFC337M06F24T AFC108M06G24T AFC158M06G24T AFC336M10C12T AFC107M10E16T AFC157M10E16T AFC227M10F24T AFC477M10G24T AFC108M10G24T AFC106M16B12T AFC226M16C12T AFC476M16D16T AFC686M16E16T AFC107M16E16T AFC227M16G24T AFC337M16G24T AFC477M16G24T AFC687M16G24T AFC685M25B12T AFC226M25D16T AFC336M25D16T AFC476M25E16T AFC686M25F24T AFC107M25F24T AFC227M25G24T AFC337M25G24T AFC477M25G24T AFC105M35B12T AFC225M35B12T AFC335M35B12T AFC475M35B12T AFC685M35C12T AFC106M35C12T AFC226M35D16T AFC336M35E16T AFC476M35E16T AFC107M35G24T AFC227M35G24T AFC337M35G24T AFC105M50B12T AFC225M50B12T AFC335M50B12T AFC475M50C12T AFC106M50D16T AFC226M50E16T AFC336M50F24T AFC476M50G24T AFC107M50G24T AFC227M50G24T
3.3 10.0 15.0 22.0 47.0 100.0 3.0 3.5 7.5 10.9 16.0 35.2 52.8 75.2 108.8 3.0 5.5 8.3 11.8 17.0 25.0 55.0 82.5 117.5 3.0 3.0 3.0 3.0 3.0 3.5 7.7 11.6 16.5 35.0 77.0 115.5 3.0 3.0 3.0 3.0 5.0 11.0 16.5 23.5 50.0 110.0
10 Vdc (13 Vdc Surge)
B C D E F G G C E E F G G B C D E E G G G G B D D E F F G G G B B B B C C D E E G G G B B B C D E F G G G
4 x 5.4 5 x 5.4 6.3 x 5.4 8 x 6.2 8 x 10.2 10 x 10.2 10 x 10.2 5 x 5.4 8 x 6.2 8 x 6.2 8 x 10.2 10 x 10.2 10 x 10.2 4 x 5.4 5 x 5.4 6.3 x 5.4 8 x 6.2 8 x 6.2 10 x 10.2 10 x 10.2 10 x 10.2 10 x 10.2 4 x 5.4 6.3 x 5.4 6.3 x 5.4 8 x 6.2 8 x 10.2 8 x 10.2 10 x 10.2 10 x 10.2 10 x 10.2 4 x 5.4 4 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 5 x 5.4 6.3 x 5.4 8 x 6.2 8 x 6.2 10 x 10.2 10 x 10.2 10 x 10.2 4 x 5.4 4 x 5.4 4 x 5.4 5 x 5.4 6.3 x 5.4 8 x 6.2 8 x 10.2 10 x 10.2 10 x 10.2 10 x 10.2
2000 1000 1000 1000 500 500 500 1000 1000 1000 500 500 500 2000 1000 1000 1000 1000 500 500 500 500 2000 1000 1000 1000 500 500 500 500 500 2000 2000 2000 2000 1000 1000 1000 1000 1000 500 500 500 2000 2000 2000 1000 1000 1000 500 500 500 500
16 Vdc (20 Vdc Surge)
26.50 12.10 5.70 3.90 2.70 1.20 0.80 0.60 0.40 3.00 1.80 1.00 0.40 0.40 0.15 0.15 0.15 0.15
25 Vdc (31 Vdc Surge)
34.10 10.60 7.00 4.90 3.40 2.30 1.10 0.70 0.50 3.00 1.00 1.00 0.40 0.30 0.30 0.15 0.15 0.15
35 Vdc (44 Vdc Surge)
199.00 90.40 60.30 42.40 29.30 19.90 9.10 6.00 4.20 2.00 0.90 0.60 199.00 90.50 60.30 42.40 19.90 9.10 6.00 4.20 2.00 0.90 3.00 3.00 3.00 3.00 1.80 1.80 1.00 0.40 0.40 0.20 0.15 0.15
50 Vdc (63 Vdc Surge)
5.00 5.00 5.00 3.00 2.00 0.70 0.60 0.30 0.30 0.30
Part Numbering System
AFC I Type 106 I Capacitance 105 = 1.0 F 106 = 10.0 F 107 = 100.0 F 108 = 1000 F M I Capacitance Tolerance M = 20% 06 = 6.3 Vdc 10 = 10 Vdc 16 = 16 Vdc 16 I Voltage 25 = 25 Vdc 35 = 35 Vdc 50 = 50 Vdc B I Case Code 12T I Packaging Information 12 = Carrier tape Width (mm) T = Tape & Reel B = bulk
-F RoHS Compliant
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type AFC -55 C to 105 C SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 C
Typical Performance Curves
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type AFC -55 C to 105 C SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 C
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of AFC105M35B12T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X