Part Number Hot Search : 
CVA2411T QS5935 OPB704 G5117 6255T7LC ISL84514 ICE1QS01 BA15704
Product Description
Full Text Search
 

To Download 9802-03-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9800 Series/Surface Mount Reed Relays
SURFACE MOUNT REED RELAYS Ideally suited to the needs of Automated Test Equipment, Instrumentation and Telecommunications requirements, Coto's 9800 Series is an ultra-miniature Surface Mount Reed Relay that combines small size with exceptional RF performance. The 9814 extends life at ATE loads 3X or more utilizing Coto's proprietary switch technology. The external Magnetic Shield reduces interaction between parts in high density boards. The 9852 adds a form C capability. Small size plus added features allow for high density packing, and make these relays ideal for designs such as high speed, high pin count VLSI testers where speed, size and performance are all needed. SERIES FEATURES Available in Axial, Gull wing and "J" lead configurations Tape and Reel packaging available High reliability, hermetically sealed contacts for long life High Insulation Resistance - 1012 minimum (Form A) Coaxial shield for 50 impedance 6.5 GHz bandwidth for RF and Pulse switching (fast rise time pulses) External Magnetic Shield Model 9802
Dimensions in Inches (Millimeters)
Models 9814 & 9852
Axial Gull Wing
2
2
2
J-Lead
Axial
2
Gull Wing
2
J-Lead
2
42
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6
(Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
9800 Series/Surface Mount Reed Relays
Top View: Dot stamped on top of relay refers to pin #1 location
Notes:
1
Consult factory for life expectancy at other switching loads. Contact resistance 2.0 defines end of life. 2 Surface mount component processing temperature: 260C max for 1 minute dwell time. Temperature measured on leads where lead exits molded package. 3 Consists of 56V Zener diode and 1N4148 diode in series, connected in parallel with coil.
Environmental Ratings
Storage Temp: -35C to +100C; Operating Temp: -20C to +85C The operate and release voltage and the coil resistance are specified at 25C. These values vary by approximately 0.4% / C as the ambient temperature varies. Vibration: 20 G's to 2000 Hz; Shock: 50 G's
6 E-mail: sales@cotorelay.com
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
43


▲Up To Search▲   

 
Price & Availability of 9802-03-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X