|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
9200 Series/Surface Mount Reed Relays Surface Mount Reed Relays Ideally suited to the needs of Automated Test Equipment, Instrumentation and Telecommunications requirements, Coto's 9200 Series specification tables allow you to select the appropriate relay for your particular application. If your requirements differ, please consult your local representative or Coto's Factory to discuss a custom design. Series Features High Insulation Resistance - 1012 minimum (1013 Typical) High reliability, hermetically sealed contacts for long life Molded thermoset body on integral lead frame design High speed switching compared to electromechanical relays 9200 Series Low profile - .190" height. Meets high board density requirements 50 Coaxial Shield for RF and Fast Rise Time Pulse switching 9290 Series Low profile - .193" (4.9mm) max height Minimum Footprint .140" Sq. (3.5mm Sq.) 50 Co-axial Shield for RF and Fast Rise Time Pulse switching External Magnetic Shield UL Recognized Tape and Reel Available Dimensions in Inches (Millimeters) Model 9200 Model 9290 Gull Wing 2 J-Lead 2 Radial 9290 Top View End Views 9290 End View 9201 9202 6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216 38 COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920 9200 Series/Surface Mount Reed Relays Top View: Dot stamped on top of relay refers to pin #1 location Notes: 1 Environmental Ratings: Storage Temp: -35C to +100C; Operating Temp: -20C to +85C The operate and release voltage and the coil resistance are specified at 25C. These values vary by approximately 0.4% / C as the ambient temperature varies. Vibration: 20 G's to 2000 Hz; Shock: 50 G's 6 E-mail: sales@cotorelay.com Consult factory for life expectancy at other switching loads. 2 Surface mount component processing temperature: 500F / 260C max for 1 minute dwell time. Temperature measured on leads where lead exits molded package. 3 Consists of 56V Zener diode and 1N4148 diode in series, connected in parallel with coil. For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com 39 |
Price & Availability of 9202-12-00 |