Part Number Hot Search : 
170CA 170CA 1120D EMW44T W9953F UFT12520 4AHC1G FODM3023
Product Description
Full Text Search
 

To Download 82104C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8200 Series
Miniature Surface Mount Power Inductors
SELECTION GUIDE
Inductance, L Tolerance Order Code 0.1V @ 10KHz H %
82102C 82152C 82222C 82332C 82472C 82682C 82103C 82153C 82223C 82333C 82473C 82683C 82104C 82154C 82224C 82334C 82474C 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 20% 20% 20% 20% 20% 20% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10%
Idc (Max.)1 A
2.0 1.4 1.1 0.95 0.80 0.64 0.50 0.40 0.32 0.27 0.25 0.20 0.16 0.13 0.10 0.08 0.07
Q Factor Q (Min.)
18 18 18 18 20 20 35 35 35 40 40 40 40 40 40 40 50
SRF (Typ.) MHz
133 103 85 67 58 46 38 31 25 20 17 15 13 11 10 9 9
Rdc (Max.)
0.058 0.068 0.104 0.138 0.190 0.270 0.400 0.560 0.920 1.30 1.69 2.55 3.5 5.9 8.0 13.5 16.8
at frequency
1MHz 1MHz 1MHz 1MHz 1MHz 1MHz 1MHz 1MHz 1MHz 1MHz 1MHz 1MHz 800k 800k 800k 800k 800k
FEATURES
RoHS compliant Up to 2.0A IDC 1.0H to 470H Ultra low profile Low RDC Tape and reel packaging J-STD-020C reflow Backward compatible with Sn/Pb soldering systems
DESCRIPTION
The 8200 series is a range of miniature, surface-mount, I-core power inductors. They are designed for use in power applications with restricted PCB space and height, such as ExpressCardTM technology, handheld devices, DC-DC converters and notebook computers. The products are supplied in tape and reel for highvolume, automated surface-mount assembly.
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range
-40C to 85C -40C to 125C
SOLDERING INFORMATION2
Peak reflow temperature Pin finish
260C Reflowed SAC305
Specifications typical at TA = 25C 1 The maximum DC current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches 40C, whichever is sooner. 2 For further information, please visit www.murata-ps.com/rohs
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_8200C_B02 Page 1 of 4
8200 Series
Miniature Surface Mount Power Inductors
INDUCTANCE Vs CURRENT
1000 470H
Inductance, L (H)
100 47H
10 4.7H
1
1H
0.1 0.01
0.1
1
10
Current, IDC (A)
TEMPERATURE Vs CURRENT
50
Temperature rise above ambient (C)
470H 40
47H
4.7H
1H
30
20
10
0 0 0.5 1 1.5 2 2.5 3
Current, IDC (A)
INDUCTANCE Vs FREQUENCY
10000 470H 1000
Inductance, L (H)
100
47H
10
4.7H 1H
1
0.1 10 100 1000 10000
Frequency, f (kHz)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_8200C_B02 Page 2 of 4
8200 Series
Miniature Surface Mount Power Inductors
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
2.0 (0.080) 0.3 (0.012) 2.5 (0.098) 0.2 (0.008)
332 C
3.2 (0.126) 0.3 (0.012)
Unless otherwise stated all dimensions in mm (inches) 0.25 (0.01). Package Weight 0.06g Typ.
RECOMMENDED FOOTPRINT
3.81 (0.15) 1.52 (0.060)
Unless otherwise stated all dimensions in mm (inches) 0.25 (0.01).
TAPE OUTLINE DIMENSIONS
Direction of unreeling
1.75 (0.069)
3.05 (0.120)
2.5 (0.0984) 0.2 (0.008)
4.0 (0.157)
5.50 (0.217)
12.0 (0.472)
1.5
(0.0
59)
332 C 332 C 332 C
Reel Quantity: 2500 Unless otherwise stated all dimensions in mm (inches)
0.6 (0.024) 2.4 (0.095)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
0.7 (0.028) Min.
KMP_8200C_B02 Page 3 of 4
8200 Series
Miniature Surface Mount Power Inductors
PACKAGE SPECIFICATIONS (continued)
REEL OUTLINE DIMENSIONS
O330 0.05 (12.9920.020)
50 0.1 (1.97 0.078) O13.50 O 0.531 12.80 0.504 Leader Section 400 (15.748) Min. 100 (3.937) Min.
2.3 (0.091) 170.6 (0.670.024) Goods Enclosure Section 12.40.2 (0.4880.008)
Trailer Section 160 (6.299) Min.
O21.5 (0.846)
All dimension in mm [inches] Tape and reel specifications conform with international standards EIA-481-C
USA: UK: France: Japan:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_8200C_B02 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 82104C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X