Part Number Hot Search : 
SP56F M2630 21804 MTC20138 AS1528 FS6282 OPV214AT FQT5N20
Product Description
Full Text Search
 

To Download 74VHC0304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC03
QUAD 2-INPUT OPEN DRAIN NAND GATE
s s
s
s s
s
s s
HIGH SPEED: tPD = 3.7ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 2 A (MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUTS OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 03 IMPROVED LATCH-UP IMMUNITY LOW NOISE: VOLP = 0.8V (MAX.)
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74VHC03MTR 74VHC03TTR
DESCRIPTION The 74VHC03 is an advanced high-speed CMOS QUAD 2-INPUT OPEN DRAIN NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output. This device can, with an external pull-up resistor, be used in wired AND configuration. This device can also be used as a led driver and in any other application requiring a current sink.
Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
Figure 1: Pin Connection And IEC Logic Symbols
November 2004
Rev. 4
1/11
74VHC03
Figure 2: Input Equivalent Circuit Table 2: Pin Description
PIN N 1, 4, 9, 12 2, 5, 10, 13 3, 6, 8, 11 7 14 SYMBOL 1A to 4A 1B to 4B 1Y to 4Y GND VCC NAME AND FUNCTION Data Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
Table 3: Truth Table
A L L H H
Z: High Impedance
B L H L H
Y Z Z Z L
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 1) (VCC = 3.3 0.3V) (VCC = 5.0 0.5V) Parameter Value 2 to 5.5 0 to 5.5 0 to VCC -55 to 125 0 to 100 0 to 20 Unit V V V C ns/V
1) VIN from 30% to 70% of VCC
2/11
74VHC03
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 IOZ High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current 5.5 0 to 5.5 5.5 IO=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = VIH or VIL VO = VCC or GND VI = 5.5V or GND VI = VCC or GND TA = 25C Min. 1.5 0.7VCC 0.5 0.3VCC 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.25 0.1 2 Typ. Max. Value -40 to 85C Min. 1.5 0.7VCC 0.5 0.3VCC 0.1 0.1 0.1 0.44 0.44 2.5 1 20 Max. -55 to 125C Min. 1.5 0.7VCC 0.5 0.3VCC 0.1 0.1 0.1 0.55 0.55 2.5 1 20 A A A V V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage Low Level Output Voltage
VIL
VOL
II ICC
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3(*) 3.3(*) 5.0
(**)
Value TA = 25C Min. Typ. 5.5 8.0 3.7 5.2 8.0 5.2 Max. 7.9 11.4 5.5 7.5 11.4 7.5 -40 to 85C Min. 1.0 1.0 1.0 1.0 1.0 1.0 Max. 9.5 13.0 6.5 8.5 13.0 8.5 -55 to 125C Min. 1.0 1.0 1.0 1.0 1.0 1.0 Max. 9.5 13.0 6.5 8.5 13.0 8.5 ns ns Unit
CL (pF) 15 50 15 50 50 50 RL = 1 K RL = 1 K RL = 1 K RL = 1 K RL = 1 K RL = 1 K
tPZL
Output Enable Time
5.0(**) tPLZ Output Disable Time 3.3(*) 5.0(**)
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
3/11
74VHC03
Table 8: Capacitive Characteristics
Test Condition Symbol Parameter TA = 25C Min. CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) Typ. 4 5 6 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
Table 9: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 5.0 TA = 25C Min. Typ. 0.3 -0.8 CL = 50 pF 3.5 -0.3 Max. 0.8 V Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
5.0
V
5.0
1.5
V
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
Figure 3: Test Circuit
CL = 15/50pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
4/11
74VHC03
Figure 4: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
5/11
74VHC03
SO-14 MECHANICAL DATA
DIM. A A1 A2 B C D E e H h L k ddd 5.8 0.25 0.4 0 mm. MIN. 1.35 0.1 1.10 0.33 0.19 8.55 3.8 1.27 6.2 0.50 1.27 8 0.100 0.228 0.010 0.016 0 TYP MAX. 1.75 0.25 1.65 0.51 0.25 8.75 4.0 MIN. 0.053 0.004 0.043 0.013 0.007 0.337 0.150 0.050 0.244 0.020 0.050 8 0.004 inch TYP. MAX. 0.069 0.010 0.065 0.020 0.010 0.344 0.157
0016019D
6/11
74VHC03
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
7/11
74VHC03
Tape & Reel SO-14 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.4 9 2.1 3.9 7.9 12.8 20.2 60 22.4 6.6 9.2 2.3 4.1 8.1 0.252 0.354 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.260 0.362 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
8/11
74VHC03
Tape & Reel TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
9/11
74VHC03
Table 10: Revision History
Date 12-Nov-2004 Revision 4 Description of Changes Order Codes Revision - pag. 1.
10/11
74VHC03
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of 74VHC0304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X