|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com 40 PIN SMD QUAD 10 BASE-T/100 BASE-TX TRANSFORMER P/N: 40ST1025-1 DATA SHEET Feature Page : 1/1 Designed to meet IEEE 802.3u requirement. Primary inductance 350uH Min with 8mA DC Bias Designed to meet IR 235 peak requirement Operating temperature range : 0 to +70. Storage temperature range: -25 to +125. Electrical Specifications @ 25C Part Number 40ST1025-1 TX 1.25CT:1CT Turns Ratio RX 1:1 OCL(H Min) with 8mA DC Bias 350 HI-POT (Vrms ) 1500 Continue Part Number 40ST1025-1 Insertion Loss (dB Max) 0.3- 100MHz -1.0 0.3-30 MHz -16 Return Loss (dB Min) 30-60 MHz -12 60-80 MHz -10 Cross Talk (dB Min) 0.3 - 100MHz -38 Schematic Mechanical 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A1(02/06) |
Price & Availability of 40ST1025-1 |