Part Number Hot Search : 
MBTA44 STW12 C2140 2N2242 LA112B N06LFI 15151 2SC25
Product Description
Full Text Search
 

To Download 40HF160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40HF(R) Series
Vishay High Power Products
Standard Recovery Diodes, (Stud Version), 40 A
FEATURES
* * * * High surge current capability Stud cathode and stud anode version Leaded version available Types up to 1600 V VRRM
RoHS
COMPLIANT
* RoHS compliant * Designed and qualified for multiple level
TYPICAL APPLICATIONS
DO-203AB (DO-5)
PRODUCT SUMMARY
IF(AV) 40 A
* * * * *
Battery charges Converters Power supplies Machine tool controls Welding
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER TEST CONDITIONS 40HF(R) 10 TO 120 40 IF(AV) IF(RMS) IFSM I2 t VRRM TJ 50 Hz 60 Hz 50 Hz 60 Hz Range 100 to 1200 - 65 to 190 TC 140 62 570 595 1600 1450 1400/1600 - 65 to 160 140/160 40 110 UNITS A C A A
A2s V C
ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS
TYPE NUMBER VOLTAGE CODE 10 20 40 60 40HF(R) 80 100 120 140 160 VRRM, MAXIMUM REPETITIVE PEAK REVERSE VOLTAGE V 100 200 400 600 800 1000 1200 1400 1600 VRSM, MAXIMUM NON-REPETITIVE PEAK REVERSE VOLTAGE V 200 300 500 700 900 1100 1300 1500 1700 4.5 9 IRRM MAXIMUM AT TJ = TJ MAXIMUM mA
Document Number: 93513 Revision: 23-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 1
40HF(R) Series
Vishay High Power Products Standard Recovery Diodes,
(Stud Version), 40 A
FORWARD CONDUCTION
PARAMETER Maximum average forward current at case temperature Maximum RMS forward current SYMBOL TEST CONDITIONS 40HF(R) 10 TO 120 40 140 62 t = 10 ms Maximum peak, one-cycle forward, non-repetitive surge current IFSM t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing I2t VF(TO) TJ = TJ maximum VF(TO) rf TJ = TJ maximum rf VFM Ipk = 125 A, TJ = 25 C, tp = 400 s rectangular wave 1.30 3.8 1.50 V 0.76 4.29 m No voltage reapplied 100 % VRRM reapplied No voltage reapplied 100 % VRRM reapplied 570 595 480 Sinusoidal half wave, initial TJ = TJ maximum 500 1600 1450 1150 1050 16 000 0.65 V A2s A2s A 140/160 40 110 UNITS A C A
IF(AV) IF(RMS)
180 conduction, half sine wave
t = 0.1 to 10 ms, no voltage reapplied
Value of threshold voltage (up to 1200 V) Value of threshold voltage (for 1400 V/1600 V) Value of forward slope resistance (up to 1200 V) Value of forward slope resistance (for 1400 V/1600 V) Maximum forward voltage drop
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction operating and storage temperature range Maximum thermal resistance, junction to case Maximum thermal resistance, case to heatsink SYMBOL TJ, TStg RthJC RthCS DC operation Mounting surface, smooth, flat and greased Not lubricated threads Allowable mounting torque Lubricated threads Approximate weight Case style See dimensions - link at the end of datasheet TEST CONDITIONS 40HF(R) 10 TO 120 140/160 UNITS C
- 65 to 190 - 65 to 160 0.95
K/W 0.25 3.4 + 0 - 10 % (30) 2.3 + 0 - 10 % (20) 17 0.6 DO-203AB (DO-5)
N*m (lbf * in) g oz.
www.vishay.com 2
For technical questions, contact: ind-modules@vishay.com
Document Number: 93513 Revision: 23-Jun-08
40HF(R) Series
Standard Recovery Diodes, Vishay High Power Products (Stud Version), 40 A
RthJC CONDUCTION
CONDUCTION ANGLE 180 120 90 60 30 SINUSOIDAL CONDUCTION 0.14 0.16 0.21 0.30 0.50 RECTANGULAR CONDUCTION 0.10 0.17 0.22 0.31 0.50 TJ = TJ maximum K/W TEST CONDITIONS UNITS
Note * The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
190
40HF(R) Series (100V to 1200V)
160 150 140 130 120
40HF(R) Series (1400V, 1600V)
180 170 160 150
30
Conduction Angle
Conduction Angle
30
140 130 0 5
60
60
90
110 100 0 5
90
120
120 180
180
10 15 20 25 30 35 40 45
Average Forward Current (A)
10 15 20 25 30 35 40 45
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
190
40HF(R) Series (100V to 1200V)
160
40HF(R) Series (1400V, 1600V)
180 170 160 150
30
Conduction Period
150 140 130 120 110 100 90 80 0 10 20 30 40 50 60 70
Average Forward Current (A)
Conduction Period
30 60 90 120 180 DC
140 130 120 0 10
60 90 120 180 DC
20
30
40
50
60
70
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Document Number: 93513 Revision: 23-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 3
40HF(R) Series
Vishay High Power Products Standard Recovery Diodes,
(Stud Version), 40 A
Maximum Average Forward Power Loss (W)
60 50 40 30 20
180 120 90 60 30
SA Rth
K/W 1.5
2 K/ W
=1
3
K/ W
K/W aR elt -D
RMS Limit
5K /W
7K
/W
Conduction Angle
10 0 0 5
40HF(R) Series (100V to 1200V) Tj = 190C
10 K/W
10 15 20 25 30 35 40 0
Average Forward Current (A)
40
80
120
160
200
Maximum Allowable Ambient Temperature (C)
Fig. 5 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
60 50 40
DC 180 120 90 60 30
SA Rth
K/W 1.5 W K/
2
=1
3
K/ W
K/W aR elt -D
30 RMS Limit 20 10 0 0 10 20 30 40 50 60
Conduction Period
5K /W
7K /W
40HF(R) Series (100V to 1200V) Tj = 190C
10 K/W
0 70
40
80
120
160
200
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 6 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
50 45 40 35 30 25 20 15 10 5 0 0 10
180 120 90 60 30
1.5
2K /W
K/ W
Rth
3
K/W
SA =1 K/W
RMS Limit
5K
7K
-D
/W
elta R
Conduction Angle
/W 10 K /W
40HF(R) Series (1400V, 1600V) Tj = 160C
20
30
40 25 0
50 75 100 125 150 175 200
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 7 - Forward Power Loss Characteristics
www.vishay.com 4
For technical questions, contact: ind-modules@vishay.com
Document Number: 93513 Revision: 23-Jun-08
40HF(R) Series
Standard Recovery Diodes, Vishay High Power Products (Stud Version), 40 A
70 60 50 40 30 RMS Limit 20 10 0 0 10 20 30 40 50 60 0 70 40 80 120 160
Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Maximum Average Forward Power Loss (W)
DC 180 120 90 60 30
A hS Rt = 1 W K/ a elt -D R
1. 5 K/ W 2K /W
3K /W
Conduction Period
5K /W 7 K/ W
40HF(R) Series (1400V, 1600V) Tj = 160C
10 K/W
Fig. 8 - Forward Power Loss Characteristics
550
Peak Half Sine Wave Forward Current (A)
500 450 400 350 300 250 200 150 100 1
Instantaneous Forward Current (A)
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = Tj Max. @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
1000
100
Tj = 25C
10
Tj = Tj Max.
40HF(R) Series
40HF(R) Series up to 1200V
10
100
1 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Instantaneous Forward Voltage (V)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 11 - Forward Voltage Drop Characteristics (Up To 1200 V)
600
Peak Half Sine Wave Forward Current (A)
Instantaneous Forward Current (A)
Maximum Non Repetitive Surge Current 550 Versus Pulse Train Duration. Initial Tj = Tj Max. 500 No Voltage Reapplied Rated Vrrm Reapplied 450
1000
Tj = Tj Max
100
400 350 300 250 200 150 100 0.01
40HF(R) Series
Tj = 25C
10
40HF (R) Series
1
0.1
Pulse Train Duration (s)
1
0
0.5
1
1.5
2
2.5
3
3.5
4
Instantaneous Forward Voltage (V)
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 12 - Forward Voltage Drop Characteristics (For 1400 V/1600 V)
Document Number: 93513 Revision: 23-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 5
40HF(R) Series
Vishay High Power Products Standard Recovery Diodes,
(Stud Version), 40 A
1
Steady State Value
Transient Impedance Z thJC (K/W)
(DC Operation)
0.1
40HF(R) .. Series
0.01 0.0001 0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Fig. 13 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Device code
40
1
1
HF
2 -
R
3
160
4
M
5
40 = Standard device 41 = Not isolated lead 42 = Isolated lead with silicone sleeve (red = Reverse polarity) (blue = Normal polarity)
2 3 4 5
-
HF = Standard diode None = Stud normal polarity (cathode to stud) R = Stud reverse polarity (anode to stud) Voltage code x 10 = VRRM (see Voltage Ratings table) None = Stud base DO-203AB (DO-5) 1/4" 28UNF-2A M = Stud base DO-203AB (DO-5) M6 x 1
LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95344
www.vishay.com 6
For technical questions, contact: ind-modules@vishay.com
Document Number: 93513 Revision: 23-Jun-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 40HF160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X