Part Number Hot Search : 
MN4000 LC864320 721FVC NTE5496 30DR100 BR301 EM820 16008
Product Description
Full Text Search
 

To Download 3VD223600NEYL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3VD223600NEYL
3VD223600NEYL N-CH MOSFET CHIPS WITH ESD PROTECTED STRUCTURE
DESCRIPTION
O 3VD223600NEYL is a High voltage N-Channel enhancement mode power MOS-FET chip fabricated in advanced silicon epitaxial planar technology. O O O O O O ESD improved capability Advanced termination scheme to provide enhanced voltage-blocking capability. Avalanche Energy Specified Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode The chips may packaged in TO-92 type. The packaged product is widely used in AC-DC power suppliers, DC-DC converters and H-bridge PWM motor drivers. O O Die size: 2.23mm*1.39mm. Chip Thickness: 30020m. Top metal : Al, Backside Metal : Ag. EQUIVALENT CIRCUIT CHIP TOPOGRAPHY
O
ABSOLUTE MAXIMUM RATINGS (Tamb=25C)
Parameter Drain-Source voltage Gate-Source Voltage Drain Current Operation Junction Temperature Storage Temperature Symbol VDS VGS ID TJ Tstg Ratings 600 30 300 150 -55-150 Unit V V mA
ELECTRICAL CHARACTERISTICS (Tamb=25C)
Parameter Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-body Leakage Zero Gate Voltage Drain Current Drain-Source On-Resistance Source-Drain Diode Forward on Voltage Symbol V(BR)DSS Vth(GS) lGSS IDSS RDS(on) VFSD Test conditions ID=1mA ID=50uA VDS=VGS VGS=20V, VDS=0V VDS=600V, VGS=0V ID=0.4A, VGS=10V ID=0.8A,VGS=0V Min 600 3 --------Typ ------------Max ---4.5 10 1 15 1.6 V Unit V V nA A
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2007.11.20 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 3VD223600NEYL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X