Part Number Hot Search : 
1818M P322T ST6203C KBPC1006 YG805C06 A1659 AN7415S D42C10
Product Description
Full Text Search
 

To Download 310-025105-011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filtered Low Noise Ampli er
SPECTRUM MICROWAVE
P/N: 310-025105-011
For GPS Applications
1227 MHz/1575 MHz
This series of Low Noise Amplifiers provides a filtered, low-noise gain solution ideal for applications where higher reliability is critical. These filtered low noise amplifiers are designed to reduce out-of-band interference while achieving high dynamic range. A pair of diplexed 3-pole ceramic filters select only the desired GPS signals while the low-noise gain stage maintains the receiving system's sensitivity. The LNA rejects undesired signals by at least 40 dB at 1050, 1410, and 1710 MHz. See the graphs on Page 2 for return loss, rejections, and gain of a typical unit. The preamplifier is powered by DC voltage applied to the center conductor of the output connector. Optionally, the unit can be powered through an external DC bias connector.
P/N: 310-025105-011
Typical Performance Speci cations
Frequency. . . . . . . . . . . . . 1575.42 MHz (L1) 1227.60 MHz (L2) Bandwidth . . . . . . . . . . . . 30 MHz min. Noise gure . . . . . . . . . . . 2.0 dB max. VSWR . . . . . . . . . . . . . . . 1.5:1 max. Gain . . . . . . . . . . . . . . . . 26 dB min. Gain Flatness . . . . . . . . . . +/-0.5 dB Rejection . . . . . . . . . . . . . 40 dB @ 1050, 1410, 1710 MHz Bias . . . . . . . . . . . . . . . . . Coaxial Bias DC Power . . . . . . . . . . . . 5-16 VDC Temperature Range. . . . . . -40C to +71C
All specifications above measured at 25C
Features and Bene ts
Noise figure 1.6 dB typical Double-diplexed preamp filters Lightweight aluminum housing Dual band (L1 and L2) performance Coaxial and external bias options Environmental sealing available Application specific packages available Suitable for new L2-C signals L5 configurations available upon request
Dimensions and Connections
Antenna port J1 Receiver port J2 SMA type female connectors 2.20"o x 0.080"H excluding connectors
Chassis is machined aluminum with a nickel plate finish.
Block Diagram
CERTIFIED
SPECTRUM MICROWAVE * 38166 Old Stage Road * Delmar, Delaware 19940 * Phone: 302-846-2750 * Fax: 302-846-3888 SPECTRUM MICROWAVE * 2707 Black Lake Place * Philadelphia, Pennsylvania 19154 * Phone: 215-464-4000 * Fax: 215-464-4001
www.SpectrumMicrowave.com
Filtered Low Noise Ampli er
1227 MHz/1575 MHz
Ampli er Gain
26
Return Loss
0
DB(|S[1,1]|)
Gain in dB
-8
DB(|S[2,1]|)
Loss in dB
9
-10
-20
DB(|S[2,2]|)
-25 1051
1251
1451 Frequency (MHz)
1651
1751
-30 1051
1251
1451 Frequency (MHz)
1651
1751
Dimensions
(inches)
1.00 o2.72 4X o .17 thru
2X SMA Female Connector 1.79 .51 2.15 J1 J2
1.36
.51 2.20
.80
SPECTRUM MICROWAVE * 38166 Old Stage Road * Delmar, Delaware 19940 * Phone: 302-846-2750 * Fax: 302-846-3888 SPECTRUM MICROWAVE * 2707 Black Lake Place * Philadelphia, Pennsylvania 19154 * Phone: 215-464-4000 * Fax: 215-464-4001
www.SpectrumMicrowave.com


▲Up To Search▲   

 
Price & Availability of 310-025105-011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X