Part Number Hot Search : 
ATA5278 SR4050PT 88MS05 SI1125HD VSSR1647 1A101 H85TBXX MAX4644
Product Description
Full Text Search
 

To Download 2SD1616A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TO-92 Plastic-Encapsulate Transistors
2SD1616A
FEATURE Power dissipation MAXIMUM RATINGS (TA=25 unless otherwise noted)
3. BSAE
TRANSISTOR (NPN)
TO-92
1. EMITTER
2. COLLECTOR
Symbol VCBO VCEO VEBO IC PC Tj Tstg
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature
Value 120 60 6 1 750 150 -55 to150
Units V V V A mW
123
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage * Base-emitter saturation voltage * Base-emitter voltage * Transition frequency Output capacitance Turn on time Storage time Fall time *pulse test: PW350S, 2%. Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE1 hFE2 VCE(sat) VBE(sat) VBE fT Cob ton tS tF Vcc=10V, IC=100mA, IB1=-IB2=10mA Test conditions MIN 120 60 6 0.1 0.1 135 81 0.3 1.2 0.6 100 19 0.07 0.95 0.07 0.7 V V V MHz pF s s s 600 TYP MAX UNIT V V V A A
IC= 10A , IE=0 IC= 2mA , IB=0 IE= 10A, IC=0 VCB=60V, IE=0 VEB=6V, IC=0 VCE=2 V, IC= 100mA VCE=2 V, IC= 1A
IC= 1A, IB=50mA IC= 1A, IB=50mA VCE= 2V, IC=50mA VCE=2 V, IC= 100mA VCB=10 V,IE= 0, f=1MHz
CLASSIFICATION OF hFE1
Rank Range L 135-270 K 200-400 U 300-600
Typical Characteristics
2SD1616A


▲Up To Search▲   

 
Price & Availability of 2SD1616A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X