Part Number Hot Search : 
B9034 ME56XBX CT273 SFH617A AT91SA ME56XBX MO9061 HT49CA1
Product Description
Full Text Search
 

To Download 2SC5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC5100
DESCRIPTION With TO-3PML package Complement to type 2SA1908 APPLICATIONS Audio and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 160 120 6 8 3 75 150 -55~150 ae ae UNIT V V V A A W
1
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA; IB=0 IC=3 A;IB=0.3 A VCB=160V ;IE=0 VEB=6V; IC=0 IC=3A ; VCE=4V IE=-0.5A ; VCE=12V IE=0; VCB=10V;f=1MHz 50 20 MIN 120
2SC5100
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
0.5 10 10 180 |I |I
V A A
MHz pF
200
Switching times ton ts tf Turn-on time Storage time Fall time IC=4A;RL=10| IB1=-IB2=0.4A VCC=40V 0.13 3.50 0.32 |I |I |I s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5100
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC5100
4


▲Up To Search▲   

 
Price & Availability of 2SC5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X