Part Number Hot Search : 
4749A HCT14 C3504 MICRF001 HD6417 BN1L3N CM32DA 30L30CT
Product Description
Full Text Search
 

To Download 2SB035100ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB035100ML
2SB035100ML SCHOTTKY BARRIER DIODE CHIPS
DESCRIPTION
O 2SB035100ML is a schottky barrier diode chips
Lb La
fabricated in silicon epitaxial planar technology; O O O O O Low power losses, high efficiency; Guard ring construction for transient protection; High ESD capability; High surge capability; Packaged products are widely used in switching power suppliers, polarity protection circuits and other electronic circuits; O Chip Size:350m X 350m; Chip Thickness: 15520um Product Name 2SB035100MLJY
Chip Topography and Dimensions La: Chip Size: 350m; Lb: Pad Size: 300m;
ORDERING SPECIFICATIONS
Specification For Au and AlSi wire bonding package
O
ABSOLUTE MAXIMUM RATINGS
Parameters Maximum Repetitive Peak Reverse Voltage Average Forward Rectified Current Peak Forward Surge Current@10ms Maximum Operation Junction Temperature Storage Temperature Range Symbol VRRM IFAV IFSM TJ TSTG Ratings 100 75 750 125 -40~125 Unit V mA mA C C
ELECTRICAL CHARACTERISTICS (Tamb=25C)
Parameters Reverse Voltage Forward Voltage Symbol VBR VF1 VF2 VF3 Reverse Current IR IR Test Conditions IR=100A IF=0.1mA IF=10mA IF=250mA VR=50V VR=75V Min. 100 -----Max. -0.25 0.45 1 2 5 Unit V V V V A A
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2007.08.21 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 2SB035100ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X