Part Number Hot Search : 
SEMH4 AN731 MC7815C PBU407 ZUY53W BF195 00901 AP01L60
Product Description
Full Text Search
 

To Download 2SA1804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1804
DESCRIPTION With TO-3PFM package Complement to type 2SC4689 APPLICATIONS Power amplifier applications Recommend for 55W high fidelity audio frequency amplifier output stage
PINNING(See Fig.2) PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PFM) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -120 -120 -5 -8 -16 -0.8 70 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SA1804
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA; IB=0
-120
V
VCEsat VBE
Collector-emitter saturation voltage
IC=-6A;IB=-0.6 A IC=-4A ; VCE=-5V
-2.0
V
Base-emitter voltage
-1.5
V
ICBO
Collector cut-off current
VCB=-120V
IE=0
-5
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
|I
A
hFE-1
DC current gain
IC=-1A ; VCE=-5V
55
160
hFE-2
DC current gain
IC=-4A ; VCE=-5V
35
fT COB
Transition frequency
IC=-1A ; VCE=-5V IE=0; VCB=10V;f=1MHz
30
MHz
Output capacitance
420
pF
hFE classifications R 55-110 O 80-160
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1804
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1804
4
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1804
5


▲Up To Search▲   

 
Price & Availability of 2SA1804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X