Part Number Hot Search : 
BD48K50 G4BC30F TM3053 MB89537A RN1443 MC13105D SMV1232 FR202
Product Description
Full Text Search
 

To Download 2SA1803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1803
DESCRIPTION With TO-3PFM package Complement to type 2SC4688 APPLICATIONS Power amplifier applications Recommend for 40W high fidelity audio frequency amplifier output stage
PINNING (see Fig.2 ) PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PFM) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -80 -80 -5 -6 -12 -0.6 55 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=-50mA; IB=0 IC=-5A;IB=-0.5 A IC=-3A ; VCE=-5V VCB=-80V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-3A ; VCE=-5V IC=-1A ; VCE=-5V IE=0; VCB=-10V;f=1MHz 55 35 30 290 MIN -80 TYP.
2SA1803
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
MAX
UNIT V
-2.0 -1.5 -5 -5 160 |I |I
V V A A
MHz pF
hFE-1 classifications R 55-110 O 80-160
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1803
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1803
4


▲Up To Search▲   

 
Price & Availability of 2SA1803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X