Part Number Hot Search : 
01922 3AYO11 41000 ICS87 500000 PJ664L P6KE56C CY29940
Product Description
Full Text Search
 

To Download 29-7602-330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules 2900 Series
Key Features
* Very high kink-free powers to 500 mW * Low-profile, epoxy-free, and flux-free 14-pin butterfly planar package with PM fiber * Fiber Bragg grating stabilization * Wavelength selection available * Integrated thermoelectric cooler, thermistor, and monitor diode * High dynamic range * Excellent low power stability
Applications
* Next generation dense wavelength division multiplexing (DWDM) erbium doped fiber amplifiers (EDFAs) requiring the highest power with "locked" wavelength emission * Reduced pump-count EDFA architectures * Very long distance cable television (CATV) trunks and very high node count distribution
The JDSU 2900 Series 980 nm pump module utilizes a planar construction with chip on subcarrier. The high power JDSU laser chip is hermetically sealed in a low-profile, epoxy- and flux-free 14-pin butterfly package and fitted with a thermistor, thermoelectric cooler, and monitor diode. This product uses a polarization maintaining fiber (PMF) pigtail that allows excellent side mode supression ratios (SMSR) over a very wide dynamic range. The 2900 Series pump module uses PM fiber Bragg grating stabilization to "lock" the emission wavelength. It provides a noise-free narrowband spectrum, even under changes in temperature, drive current, and optical feedback. Wavelength selection is available for applications that require the highest performance in spectrum control with the highest available powers.
Compliance
* Telcordia GR-468-CORE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
2900 SERIES PUMPS
2
Dimensions Diagram (Note: Specifications in mm unless otherwise noted; tolerance = .x .3, .xx .20.)
45.04 30.0
1600 M I N (1900 NOM )
1000 NOM . TO CENTER OF GRATING 26.0 20.8 17.8 1 .5 500 NOM . TO C/L OF SPLICE (OPTIONAL)
4 0 . 5 N O M . 1 5 . 5 1 2 .7
9.0 STRAIN RELIEF
FLEXIBLE <=400 MICRON RECOAT
4.6
4X
2 .5 0 TH RU
1 2X 2 . 5 L E A D S P A C I N G TOLERANCE IS NON-ACCUMULATIVE 14X 0.51 LEAD WIDTH
260 < RECOAT <
935 (MICRON)
2.8 4.0 0 1.50 7.70.20
RED NON-XYLENE MARK FOR RECOAT WITH 295 35 m
3.9
1.5
5 . 6 TO L EA D C/ L
2X ~ 5
5. 26
0.25 LEAD THICKNESS
Pinout
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14
Description Cooler (+) Thermistor Monitor PD anode Monitor PD cathode Thermistor N/C N/C N/C N/C Laser anode Laser cathode N/C Case ground Cooler (-)
7
6
5
4
3
2
1
8
9
10
11
12
13
14
2900 SERIES PUMPS
3
Absolute Maximum Ratings
Parameter Operating case temperature Storage temperature Laser operating temperature LD reverse voltage LD forward current LD reverse current PD reverse voltage PD forward current Electrostatic discharge (ESD) Cooler current TEC voltage Axial pull force Side pull force Fiber bend radius Atmospheric pressure Storage Operating Relative humidity Lead soldering time
Symbol Top Tstg TLD Vr If_max VPD IPF VESD IC VC
Test Condition 2000 hours 48 hours maximum C = 100 pF, R = 1.5 , human body model 3 x 10 seconds 3 x 10 seconds -
Minimum -5 C -40 C 0 C 16 mm 5% -
Maximum 75 C 85 C 50 C 2.5 V 1100 mA 10 A 20 V 10 mA 1000 V 4A 4.5 V 5N 2.5 N 11 kPa 58 kPa 95% 10 seconds
RH
Non condensing 260 C
Note: Each device is rated to a maximum kink-free current (Imax), provided on the individual datasheet. This is the maximum current under which the device will perform itsintended function. Operation above Imax, and up to the absolute maximum rating, may result in poor device performance, and degrade device reliability. Long-termoperation above Imax may lead to early device failure.
Operating Parameters
Product Code
Operating Power Pop (mW) 280 290 300 310 315 325 340 360 380 400 410 430 450
Operating Current Iop (mA) 555 575 595 615 625 645 680 720 760 805 840 875 900
Kink-Free Power Pmax (mW) 310 320 330 340 350 360 380 400 420 440 460 480 500
Kink-Free Current Imax (mA) 615 635 655 680 700 720 760 805 855 910 950 985 1000
29-xxxx-310 29-xxxx-320 29-xxxx-330 29-xxxx-340 29-xxxx-350 29-xxxx-360 29-xxxx-380 29-xxxx-400 29-xxxx-420 29-xxxx-440 29-xxxx-460 29-xxxx-480 29-xxxx-500
2900 SERIES PUMPS
4
Available Peak Wavelength Selection
Product Code 29-7402-xxx 29-7552-xxx 29-7602-xxx 29-7702-xxx 29-8000-xxx 29-8052-xxx
Peak Wavelength 974.0 nm 975.5 nm 976.0 nm 977.0 nm 980.0 nm 980.5 nm
Peak Wavelength Tolerance 1 nm 1 nm 1 nm 1 nm -6/+5 nm 1 nm
Electro-Optical Performance
(BOL,Tcase = 0 to 75 C, Pf range = 12 mW to Pmax, -50 dB reflection, unless noted otherwise)
Parameter Threshold current Laser diode temperature Forward voltage Operating power Kinkfree output power Wavelength Pump in pump band Spectral width Wavelength tuning vs. temperature Relative optical power stability
Symbol Ith-BOL TLD Vf Pop Pmax m Ppump RMS /T
Test Condition If = Iop If = Iop If = Imax Tambient = 223 C Pump band = m1.5 nm Peak-to-peak, T = 10 min, 50 kHz sampling, Tcase = 25 C 20 mW < P < Pop 12 mW < P < 20 mW If = Imax, TLD = 25 C, see table on next page Tset = 25 C -
Minimum 20 C 12 mW 310 mW 973 nm 90% -
Maximum 30 mA 30 C 2.5 V 450 mW 500 mW 986 nm 2.0 nm 0.02 nm/C
Monitor diode responsivity TEC cooling capacity Thermistor resistance Thermistor constant
IBF TEC Rth B
2 A/mW 50 C 9.5 k 3600 K
4% 10% 20 A/mW 10.5 k 4200 K
2900 SERIES PUMPS
5
TEC and Total Module Power Consumption (For T = 50 C, BOL, Tcase = 75 C, Tld = 25 C unless noted otherwise)
Product Code
TEC Current Imax (A) 1.35 1.40 1.45 1.45 1.50 1.50 1.60 1.70 1.80 1.85 1.95 2.05 2.10
TEC Voltage Vmax (V) 1.95 2.00 2.20 2.25 2.30 2.30 2.40 2.45 2.60 2.65 2.75 2.85 2.90
TEC Power Consumption Pmax (W) 2.63 2.80 3.19 3.26 3.45 3.45 3.84 4.17 4.70 4.90 5.36 5.84 6.00
Total Module Power Consumption Pmax (W) 3.80 4.00 4.57 4.70 4.91 4.97 5.40 5.86 6.52 6.82 7.36 7.94 8.20
29-xxxx-310 29-xxxx-320 29-xxxx-330 29-xxxx-340 29-xxxx-350 29-xxxx-360 29-xxxx-380 29-xxxx-400 29-xxxx-420 29-xxxx-440 29-xxxx-460 29-xxxx-480 29-xxxx-500
Panda PM-980 Polarization Maintaining Fiber Nominal Characteristics and Tolerances
Parameter Cutoff wavelength Maximum attenuation at 980 nm Cladding outside diameter Coating outside diameter Mode field diameter at 980 nm Cross talk at 100 m Maximum beat length Operating temperature Fiber tensile proof strength (tested)
Specification 950 nm 3.0 dB/km 1253 m 2503 m 6.61.1 m -25 dBm/2 m 3.3 mm -40 to 85 C 200 kpsi
2900 SERIES PUMPS
6
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: 29-7402-310
29Code 7402 7552 7602 7702 8000 8052 Peak Wavelength 973.0 to 975.0 nm 974.5 to 976.5 nm 975.0 to 977.0 nm 976.0 to 978.0 nm 974.0 to 985.0 nm 979.5 to 981.5 nm
Code 310 320 330 340 350 360 380 400 420 440 460 480 500 Minimum Kink-Free Power 310 mW 320 mW 330 mW 340 mW 350 mW 360 mW 380 mW 400 mW 420 mW 440 mW 460 mW 480 mW 500 mW
User Safety
Safety and Operating Considerations The laser light emitted from this laser diode is invisible and may be harmful to the human eye. Avoid looking directly into the fiber when the device is in operation. CAUTION: THE USE OF OPTICAL INSTRUMENTS WITH THIS PRODUCT INCREASES EYE HAZARD. Operating the laser diode outside of its maximum ratings may cause device failure or a safety hazard. Power supplies used with this component cannot exceed maximum peak optical power. CW laser diodes may be damaged by excessive drive current or switching transients. When using power supplies, the laser diode should be connected with the main power on and the output voltage at zero. The current should be increased slowly while monitoring the laser diode output power and the drive current. Careful attention to heatsinking and proper mounting of this device is required to ensure specified performance over its operating life. To maximize thermal transfer to the heatsink, the heatsink mounting surface must be flat to within .001" and the mounting screws must be torqued down to 1.5 in.-lb. ESD PROTECTION -- Electrostatic discharge (ESD) is the primary cause of unexpected laser diode failure. Take extreme precaution to prevent ESD. Use wrist straps, grounded work surfaces, and rigorous antistatic techniques when handling laser diodes.
2900 SERIES PUMPS
Labeling
21 CFR 1040.10 Compliance Because of the small size of these devices, the output power and laser emission indicator label shown below is attached to the individual shipping container. All labels are illustrated here to comply with 21 CFR 1040.10 as applicable under the Radiations Control for Health and Safety Act of 1968.
14-Pin Module Label
02/09/07 29-ABC123 29-xxxx-xxx Made in China
Shipping Box Label
29-ABC123
Model:
29-xxxx-xxx JDS Uniphase (Shenzhen) Ltd 3 Hongmian Road Futian Free Trade Zone Shenzhen, China 518038 Made in China
Output Power and Laser Emission Indicator Label DANGER
INVISIBLE LASER RADIATION AVOID DIRECT EXPOSURE TO BEAM PEAK POWER 500 mW WAVELENGTH 630 - 1,550 nm CAUTION Handle with care. Easily damaged by electrostatic discharge
INVISIBLE LASER DIODE
AVOID EXPOSURE
This product complies with 21 CFR Chapter 1, Subchapter J
CLASS 3B LASER PRODUCT
Visible/invisible radiation emitted from fiber end or fiber receptacle
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com 2900PUMP.DS.CC.AE April 2008
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 10143038 010 0408 Telcordia is a registered trademark of Telcordia Technologies Incorporated.
02/09/07
Serial:


▲Up To Search▲   

 
Price & Availability of 29-7602-330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X