Part Number Hot Search : 
TLREI100 22AH2TF 1029132 T7300255 856155 MO9061 DG613 G1210
Product Description
Full Text Search
 

To Download 1N5394GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
1N5391GP THRU 1N5399GP
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
DO-15
Features
* * * * * Low Current Leakage Low Forward Voltage High Current Capability Low Cost Glass Passivated Junction
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance; 45C/W Junction To Ambient Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 300V 400V 500V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 300V 400V 500V 600V 800V 1000V
D
1N5391GP 1N5392GP 1N5393GP 1N5394GP 1N5395GP 1N5396GP 1N5397GP 1N5398GP 1N5399GP
-------------------
35V 70V 140V 210V 280V 350V 420V 560V 700V
A Cathode Mark B
D
C
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.5A TA = 70C Current Peak Forward Surge IFSM 50A 8.3ms, half sine Current Maximum 1.4V IFM = 1.5A; Instantaneous VF Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 5.0A TA = 25C Rated DC Blocking 300A TA = 100C Voltage Typical Junction CJ 15pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 1%
DIMENSIONS INCHES MIN .230 .104 .026 1.000 MM MIN 5.80 2.60 .70 25.40
DIM A B C D
MAX .300 .140 .034 ---
MAX 7.60 3.60 .90 ---
NOTE
www.cnelectr .com
1N5391GP thru 1N5399GP
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 1.0 2.0 3.0 Figure 2 Forward Derating Curve
1.5
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
1N5391GP thru 1N5399GP
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TA=25C Amps 60 50 40 30 20 10 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 Figure 5 Peak Forward Surge Current
www.cnelectr .com


▲Up To Search▲   

 
Price & Availability of 1N5394GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X