Part Number Hot Search : 
2SK11 0603KRCT LS100 IRF78 BISS0001 R22D10R FDS70 TSHA5200
Product Description
Full Text Search
 

To Download 16-304235-10-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Replaces MAX691 with MAX807
FEATURES * Correct-A-ChipTM technology solves problems associated with the use of alternate ICs (due to availability, obsolescence, need for better performance, etc.) by eliminating the need for new PCB's. GENERAL SPECIFICATIONS * FEMALE SOCKET MATERIAL: black UL 94V-0 glass-filled 4/6 Nylon 170C continuous use temp. * PCB: FR-4, 0.062 [1.56] or 0.094 [2.39] thick * MALE PIN: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M * MALE PIN PLATING: 200 [5.08] Sn/Pb 93/7 per ASTM B579-73 over 100 [2.54] Ni per SAE AMS-QQ-N-290 CUSTOMIZATION: In addition to the standard products shown * FEMALE PIN BODY: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M on this page, Aries specializes in custom design and production. * FEMALE PIN BODY PLATING: 10 [0.254] Au per MIL-G-45204 over 100 Special materials, platings, sizes, and configurations can be furnished, depending on the quantity. NOTE: Aries reserves the [2.54] Ni per SAE AMS-QQN- 290 right to change product general specifications without notice. * 4-FINGER COLLET CONTACT: BeCu per UNS C17200, ASTM B194-08 * CONTACT PLATING: 10 [0.254] Au per MIL-G-45204 over 50 [1.27] Ni per SAE AMS-QQ-N-290 * MINIMUM CONTACT CURRENT RATING: 1 amp @ 5VDC ORDERING INFORMATION * OPERATING TEMPERATURE: 221F [105C] 16-304235-10 * INSERTION FORCE: 180g/pin, based on a 0.018 [0.46] dia. test lead 16-304235-10-P for Panelized Version * WITHDRAWAL FORCE: 90g/pin, based on a 0.018 [0.46] dia. test lead * NORMAL FORCE: 140g/pin, based on a 0.018 [0.46] dia. test lead * SOCKET ACCEPTS LEADS: 0.015-0.025 [0.38-0.64] in dia., 0.100- 0.125 2.54-3.18] long MOUNTING CONSIDERATIONS * SUGGESTED PCB HOLE SIZE: 0.028 0.002 [0.71 0.05] dia.
ALL DIMENSIONS: INCHES [MILLIMETERS] ALL TOLERANCES: 0.005 [0.13] UNLESS OTHERWISE SPECIFIED CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
MAX807 (socket) 1 3 4 5 6 9 10 11 12 14 16 All Others Bristol, PA 19007-6810 USA TEL (215) 781-9956 * FAX (215) 781-9845 WWW.ARIESELEC.COM * INFO@ARIESELEC.COM
MAX691 (male contacts) 9 3 11 4 14 15 14 12 13 1 2 N/C
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
18075 Rev. AA


▲Up To Search▲   

 
Price & Availability of 16-304235-10-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X