Part Number Hot Search : 
A323006 M35ED 21010 MG336A UPD703 G40N6 60100 ET206
Product Description
Full Text Search
 

To Download 15SCMJ110APT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 200 VOLTS 1500 WATTS PEAK POWER 6.5 WATTS STEADY STATE
FEATURES
* * * * * * Plastic package 1500W surge capability at 1ms Glass passivated chip junction in SMC Package Excellent clamping capability Low Zener lmpedance Fast response time: typically less than 1.0ps from 0 volts to BV min. * Typical IR less than 1 uA above 10V * High temperature soldering guaranteed : 260oC/10 seconds at terminals
1.5SCMJ SERIES
SMC
0.245(6.22) 0.220(5.59)
0.125(3.17) 0.115(2.92) (2) 0.280(7.11) 0.260(6.60) 0.012(0.305) 0.006(0.152)
MECHANICAL DATA
Case: JEDEC SMC molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.007 ounce 0.25 gram
(1)
0.103(2.62) 0.079(2.06) 0.060(1.52) 0.030(0.76) 0.008(0.203)(max)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
0.320(8.13) 0.305(7.75)
Dimensions in inches and (millimeters)
SMC
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For Bidirectional use C or CA Suffix for types 1.5SCMJ6.8A thru types 1.5SCMJ200A Electrical characteristics apply in both directions.
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS SYMBOL VALUE UNITS
Peak Power Dissipation at TA = 25oC, Tp = 1ms ( Note1 )
PPK
Minimum 1500
Watts
Steady State Power Dissipation at TL = 75oC
PD
6.5
Watts
Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load ( Note 2 )
IFSM
200
Amps
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
o
C
NOTES : 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25oC per Fig. 2. 2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. 3. P.C.B. mounted 0.31 x 0.31" ( 8 x 8mm) copper pad areas
2003-01
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. 1.5SCMJ6.8APT 1.5SCMJ7.5APT 1.5SCMJ8.2APT 1.5SCMJ9.1APT 1.5SCMJ10APT 1.5SCMJ11APT 1.5SCMJ12APT 1.5SCMJ13APT 1.5SCMJ15APT 1.5SCMJ16APT 1.5SCMJ18APT 1.5SCMJ20APT 1.5SCMJ22APT 1.5SCMJ24APT 1.5SCMJ27APT 1.5SCMJ30APT 1.5SCMJ33APT 1.5SCMJ36APT 1.5SCMJ39APT 1.5SCMJ43APT 1.5SCMJ47APT 1.5SCMJ51APT 1.5SCMJ56APT 1.5SCMJ62APT 1.5SCMJ68APT 1.5SCMJ75APT 1.5SCMJ82APT 1.5SCMJ91APT
1.5SCMJ100APT 1.5SCMJ110APT 1.5SCMJ120APT 1.5SCMJ130APT 1.5SCMJ150APT 1.5SCMJ160APT 1.5SCMJ170APT 1.5SCMJ180APT 1.5SCMJ200APT
@ IT ( mA ) MAX. 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 158 168 179 189 210 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103 113 125 137 152 165 179 207 219 234 246 274
Maximum Temperature Coefficient of Vbr
NOM. 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200
Vrwm ( V ) 5.80 6.40 7.02 7.78 8.55 9.40 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.0 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171
Ir ( uA ) 1000 500 200 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Irsm ( A ) 143 132 124 112 103 96.0 90.0 82.0 71.0 67.0 59.5 54.0 49.0 45.0 40.0 36.0 33.0 30.0 28.0 25.3 23.2 21.4 19.5 17.7 16.3 14.6 13.3 12.0 11.0 9.9 9.1 8.4 7.2 6.8 6.4 6.1 5.5
( %C ) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108
6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 105 114 124 143 152 162 171 190
RATING CHARACTERISTIC CURVES ( 1.5SCMJ6.8APT ~ 1.5SCMJ200APT )
PEAK PULSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTAGE,% FIG. 1 - PULSE POWER RATING CURVE PPPM, PEAK PULSE POWER, KW 100
Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25 OC
FIG. 2 - PULSE DERATING CURVE 100
75
10
50
1.0
25
0.1 0.1uS
0 0 25 75 50 100 125 150 175 TA, AMBIENT TEMPERATURE,( OC) 200
1.0uS 10uS 100uS 1.0mS TP, PULSE WIDTH, Sec
10mS
FIG. 3 - PULSE WAVEFORM 150
tr = 10usec. Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE 10000
Unidirectional-----
IPPM, PEAK PULSE CURRENT,%
CJ, CAPACITANCE, pF
Peak Value IPPM
VR = 0
100
IPPM HALF VALUE 2 10/1000usec. Waveform as Defined by R.E.A.
1000
50
100
f = 1MH Vsig = 50mVp-p TJ = 25 OC VR = RATED STAND-OFF VOLTAGE
0 0 1.0 2.0 t, TIME,mS 3.0 4.0
10 5 10 100 V(BR), BREAKDOWN VOLTACE, VOLTS 500
FIG. 5 - STEADY STATE POWER DERATING CURVE PM(AV), STEADY STATE POWER DISSIATION, WATTS 8.0
60Hz Resistive or Inductive Load
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL 200 AMPERES PEAK FORWARD SURGE CURRENT
8.3ms Single Half Sine-Wave (JEDED Method) TJ = TJ max.
6.0
40 20 10
4.0
2.0
0 0
0 25 50 75 100 125 150 TL, LEAD TEMPERATURE ( OC) 175 200 1 10 NUMBER OF CYCLES AT 60 Hz 100
RATING CHARACTERISTIC CURVES (1.5SCMJ6.8APT ~ 1.5SCMJ200APT )
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE CURVE UNI-DIRECTIONAL 100
Waveform 8X20 Impulse Vc = Vc-V(BR)
1.5SCMJ200A 1.5SCMJ130A 1.5SCMJ100A
VC, INCREMENTAL CLAMPING VOLTAGE
VC, INCREMENTAL CLAMPING VOLTAGE
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE CURVE UNI-DIRECTIONAL 100
Waveform 10X1000 Impulse Vc = Vc-V(BR)
1.5SCMJ200A 1.5SCMJ130A 1.5SCMJ75A
20 10
20 10
1.5SCMJ75
1.5SCMJ39A
2.0 1.0
1.5SCMJ39A 1.5SCMJ33A 1.5SCMJ6.8A 1.5SCMJ9.1A 1.5SCMJ18A 1.5SCMJ12A
2.0 1.0
1.5SCMJ33A 1.5SCMJ6.8A 1.5SCMJ9.1A
0.2 0.1 0.5 1 2.0 10 20 IPP, PEAK PULSE CURRENT, AMPS 50
0.2 0.1 0.5 1 2.0 10 20 IPP, PEAK PULSE CURRENT, AMPS 50
FIG. 9 -INSTANTANEOUS FORWARD VOLTAGE CHARACTERISTICS CURVE 100 KV-TEMPERATURE COEFFICIENT-mV/J
1000
FIG. 10 - BREAKDOWN VOLTAGE TEMPEATURE COEFFICIENT CURVE
FORWARD CURRENT
10
Pulse Width = 300uS 1% Duty Cycle TJ = 25 OC
100
Uni-directional
1
10
0.1 0 0.4 0.8 1.2 1.6 2.0 INSTANTANEOUS FORWARD CURRENT, AMPERES
1 5 10 20 50 100 200 V(BR), BREAKDOWN VOLTAGE, VOLTS 500


▲Up To Search▲   

 
Price & Availability of 15SCMJ110APT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X