Part Number Hot Search : 
5C9V1 AD813 PTGT5 1A470M PWR11XX HT507DC BCR119 CY2LL843
Product Description
Full Text Search
 

To Download 06SL190G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) Resettable PTCs
Axial Leaded Battery Strap Type > SL Lo Rho Series
SL Lo Rho Battery Strap Series
Description
Features Agency Approvals
AGENCY AGENCY FILE NUMBER E183209 R50119583
Applications
Electrical Characteristics
Pd max. (W) Maximum Time To Trip Current (A) Time (Sec.) R min () Resistance R max () R 1max () X X Agency Approvals
Part Number
I hold (A)
I trip (A)
V max (Vdc) 6
I max (A) 50
Caution:
Temperature Rerating
Ambient Operation Temperature Part Number Hold Current (A)
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/SL.html for current information. Revised: October 7, 2009
SL Lo Rho Series
SL Lo Rho Series
POLYFUSE(R) Resettable PTCs
Axial Leaded Battery Strap Type > SL Lo Rho Series
Average Time Current Curves
1.9 A
Temperature Rerating Curve
190% 170% 150%
100.00
10.00
Percentage of Rated Current
130% 110% 90% 70% 50% 30%
Time to Trip (sec)
1.00
0.10
10% -40 -30 -20 -10 0 10 20 30 40 Temperature (C) 50 60 70 80
0.01 1.00 10.00 100.00
Fault Current (A)
Order Numbering System
06 SL 190G M
QUANTITY CODE M: 1000 HOLD CURRENT (VALUE DIVIDED BY 100 = HOLD CURRENT IN AMPS) SERIES VOLTAGE RATING (VDC)
Dimensions (mm)
A D1 B
A Inches mm Inches
D2 E
B mm
C
Part Number
C Inches mm Inches
D1 mm Inches
D2 mm Inches
E mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Packaging
Part Number Ordering Number I hold (A) I hold Code Packaging Option Bulk Quantity Quantity & Packaging Code
SL LoRho Series
(c)2009 Littelfuse, Inc. Revised: October 7, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/SL.html for current information.


▲Up To Search▲   

 
Price & Availability of 06SL190G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X