Part Number Hot Search : 
SL521CCM ISL22329 A2011 ST205007 TDA1596T SL521CCM A102J C85FABAA
Product Description
Full Text Search
 

To Download 05W913M4R2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hebei I.T.(Shanghai) Co.,Ltd.
FLUX LED SPECIFICATION
Part No.05W913M4R2C
Fatures/
Single color/ High bright output/ High Current Operation/ Low power consumption/ High reliability and long life
Descriptions
Dice material RAlGaInP Device Outline7.62mmX7.62mm Lens TypeWhite Diffused/
RED
2 3 2 4 1
2
1
1
CHAMFER ADJACENT TO LEAD 2
NOTE: 1. All dimensions are millimeters/mm. 2. Tolerance is +/-0.25mm unless otherwise noted/ 0.25mm.
Http//www.hebeiltd.com.cn
Page: 1 of 3
Hebei I.T.(Shanghai) Co.,Ltd.
FLUX LED SPECIFICATION
Part No.05W913M4R2C
Absolute maximum ratings/Ta = 25
Parameter Reverse Voltage Forward Current Power Dissipation Pulse Current Operating Temperature Storage Temperature Symbol VR IF Pd Ipeak Topr Tstr Test Condition IR = 30A ------Duty=0.1mS1kHz ------Values Min. 5 ----------40 -40 Max. ---70 190 150 +85 +100 Unit V mA mW mA
Electrical and optical characteristics/Ta = 25
Parameter Forward Voltage Reverse Current Dominate Wavelength Peak Wavelength Spectral Line half-width Luminous Flux Symbol VF IR d p IV Test Condition IF = 80mA VR = 5V IF = 80mA IF = 80mA IF = 80mA IF = 80mA Values Min. ---------------1.3 Typ. 2.2 ---625 632 20 2.0 Max. 2.7 30 ------------Unit V A nm nm nm lm
Http//www.hebeiltd.com.cn
Page: 2 of 3
Hebei I.T.(Shanghai) Co.,Ltd.
FLUX LED SPECIFICATION
Part No.05W913M4R2C
Typical electrical/optical characteristic curves/
100 80 60 40 20 0 1.2 2.0 2.4 2.8 1.6 Forward Voltage(V) 3.2 Radiant Intensity(mW/sr) Relative Value at IF=70mA Forward Current(mA) 2.5 2.0 1.5 1.0 0.5 0 0 60 80 20 40 IF-Forward Current (mA) 100
100 Forward Current(mA) 80 60 40 20 0 0 20 40 60 80 100 Radiant Intensity
2.5 2.0 1.5 1.0 0.5 0 -30 -10 10 30 50 70 90 Ambient Temperature TA ()
Ambient Temperature TA ()
Relative Luminous Intensity
100 75 50 25 0 450 500 550 650 600 Wavelength (nm) 700 750
Http//www.hebeiltd.com.cn
Page: 3 of 3


▲Up To Search▲   

 
Price & Availability of 05W913M4R2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X