Part Number Hot Search : 
3EDK3 MJE29 4N29S 1N5819 C2411 AY0438 3EDK3 CMOZ24L
Product Description
Full Text Search
 

To Download 020180MHAB4M565ZA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUYIN
www.suyin.com.tw
CONNECTOR
SPECIFICATION
PART NO. DESCRIPTION. CUSTOMER. REV. : P0 APPROVED REV. DATE : 2006 / Aug / 29 CHECKED PREPARED 020180MHAB4M565ZA RJ45+STACK USB W/LED & TRANSFORMER
NAME
Kenny Chen
Bryant Tu
Nicole Lee
SUYIN CORPORATION
TAIWAN HEAD OFFICE NO. 377.Fu-The First Re., His-Chih, Taipei Hsien, Taiwan, R.O.C. TEL(886) 2-2694-7697 (Rep) FAX(886) 2-2694-8407 2694-8047 E-mailLesley@suyin.com.tw
90 Lorong 23 Geylang #02-01/02/03 Yong DA Industrial Building Singapore 388393
U.S.A BRANCH OFFICE
TEL(1) 714-750-0378 FAX(1) 714-750-0379
E-mailsteven@suyinusa.com
ISRAEL BRANCH OFFICE TEL(1) 714-750-0378 FAX(1) 714-750-0379
E-mailsales@suyin.co.il
Page 1 of 9


KOREA BRANCH OFFICE TEL(82) 2-559-6017 FAX(82) 2-5596461 SUYIN ELECTRONICS (DONGGUAN) CO., LTD. E-mailyang@sdint.co.kr Suyin Road, San Zhong, GERMANY BRANCH OFFICE Qing Xl Town, Dongguan City, TEL(+49) 0-8561/238-8880 TEL(886) 2-2694-7697 (Rep) FAX(+49) 0-8561/238/8888 FAX(886) 2-2694-8407 2694-8047 E-mailmail@suyin.de E-mailkevin@suyin.com.tw JAPAN BRANCH OFFICE TEL(81) 45-266-2488 FAX(81) 45-266-2489 E-mailkanashiro@suyinjapan.com
TEL(65) 6256-6481 FAX(65) 6256-6483
E-mailalice@suyin.com.sg

HONG KONG BRANCH OFFICE TEL(852) 2-559-6017 FAX(852) 2-5596461 E-mailsuyin@netvigtor.com
SINGAPOER BRANCH OFFICE





SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. : DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
1
P/N SPECIFICATION
SUYIN P/N: 020180M H A AB 4 M5 65 B CD E ZA
A. Transformer Speed: 10/100/1000 Base-T LED Polarity: Normal B. Schematic: Refers to section 6.1
C. LED Color Code:
D. RJ Contact Plating: M2: Gold Flash selected Gold plating over 50 u" min. Nickel M3: 10u" selected Gold plating over 50 u" min. Nickel M4: 15u" selected Gold plating over 50 u" min. Nickel M5: 30u" selected Gold plating over 50 u" min. Nickel M6: 50u" selected Gold plating over 50 u" min. Nickel. E. Mechanical Series: Refers to section 2.1~2.2
Page 2 of 9
T S R G/ O
Q P N Y/ G
J C 6 H B 5 G A 4 M F 9 3 L E 8 2 K D 7 1 O/ G EGN ARO NEERG WOLLEY D E L T H GI R
G/ O Y/ G L E O/ G F T EGN ARO L E D NEERG WOLLEY 0 : D E L o/ w
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. : DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
2 MECHANICAL DIMENSIONS
2-1 Dimensions
General Tolerance :
0~10mm: 0.10 10~30mm: 0.20 30~ mm : 0.30
Page 3 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. :
2-2 PCB Layout
DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
Page 4 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. : DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
3
RECOMMEND RJ PLUG SPECIFICATION
4
RECOMMEND USB PLUG SPECIFICATION
Page 5 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. : DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
5
5-1 5-2
MATERIAL SPECIFICATION
RoHS Compliance per EU Directive 2002/95/EC Plastic Housings: A. B. C. D. 5-3 RJ Housing: PBT, UL 94V-0, Black USB Housing: PBT, UL94V-0, Black Spacer: PBT, UL94V-0, Black Transformer Housing: Phenolic, UL94V-0, Black
Terminals: A. B. C. D. RJ Contacts: Phosphor Bronze RJ Solder Pins: Brass LED Solder Pins: Brass USB Contacts & Solder Pins: Phosphor Bronze
5-4
Shields: A. B. Front and Back Shield: USB Shield: Brass Stainless Steel
5-5
Plating: A. B. C. D. E. F. RJ Contacts: As P/N specified RJ Solder Pins: 100u" min. Matte Tin over 50u" Nickel under-plating LED Solder Pins: 100u" min. Matte Tin over 50u" Nickel under-plating USB Contact & Solder Pins: Selected GF/ Matte Tin plating over 50u" Nickel under-plating Shield Grounding Legs: Pre-soldering, Sn/ Ag/ Cu ( 96.5/ 3/ 0.5 ) USB Shield: 100u" min. Tin over 50u" Nickel under-plating
5-6 5-7
PCB: FR-4, Two Layer PCB Internal Solder Joints: Sn/ Ag/ Cu ( 96.5/ 3/ 0.5 )
Page 6 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. : DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
6
6-1
ELECTRICAL CHARACTERISTICS
Schematic

Page 7 of 9
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. :
6-2 Transmitter & Receiver Filter:
Insertion Loss (dB MAX) 1~125MHz -1.2 1~30MHz -18 Return Loss at 100 30~60MHz -16
DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
6-3 6-4 6-5 6-6 6-7
Common Mode Rejection @ 1~100 MHz: Cross Talk @ 1~100 MHz: -25dB MIN
Inductance @ 100KHz/ 0.1V, 8mA DC BIAS: HiPot Test: 1500Vrms, 60sec LED: Forward Voltage (V) @ 20mA Typical MAX 2.2 2.6
7
OPERATING & TEST REQUIRMENTS
Product is designed to meet electrical, mechanical and environmental performance requirements specified below. All tests are performed at ambient environmental conditions per MIL-STD-1344A and EIA-364 unless otherwise specified 7-1 7-2 7-3 7-4 Operating Temperature Range: Storage Temperature: 0 TO +70
-40 to 85
USB module complies with USB 2.0 standards USB Ratings 1. 2. 2. Insulation Resistance: 1000 M Ohm(MIN) Contact Resistance : 25 m Ohm(MAX) Dielectric Withstanding Voltage: 750 VAC
Page 8 of 9
) NI M B d(
60~80MHz -12
80~100MHz -10
-30dB MIN
350H MIN
SUYIN CORPORATION SPECIFICATION
DOCUMENT NO.: 020180MHAB4M565ZA SUYIN P/N. : 020180MHAB4M565ZA CUSTOMER P/N. : DESC. : RJ45+ STACK USB W/ LED & TRANSFORMER
8
STORAGE REQUIRMENTS
All products shall be packaged against any physical damage and corrosion during shipment or in storage.
9
RECOMMEND WAVE SOLDERING PROFILE
Temperature( C)
Time(seconds)
PARAMETER
PREHEAT TEMPERATURE GRADIENT PREHEAT TIME PREHEAT TEMPERATURE SOLDER POT TEMPERATURE DWELL TIME PEAK BOARD TOP TEMPERATURE COOLING TEMPERATURE GRADIENT
REFERENCE
t1 T1 T PEAK t2
LEAD FREE SPECIFICATION
+1~4/sec 2~3 MIN >100 2605 3.5 SEC 190 -6/SEC MAX.
Page 9 of 9


▲Up To Search▲   

 
Price & Availability of 020180MHAB4M565ZA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X