|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: ZUY53W www.SunLED.com 1.6x0.8mm SMD CHIP LED LAMP Features 1.6mmX0.8mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Unit V mA mA mW C Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UY (GaAsP/GaP) 2.1 2.5 10 Unit V V uA UY (GaAsP/GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85 P 590 nm D 588 nm 35 nm C 20 pF Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd min. typ. 7 Wavelength nm P Viewing Angle 2 1/2 ZUY53W Yellow GaAsP/GaP Water Clear 2.6 590 120 Published Date : FEB 28,2008 Drawing No : SDSA2396 V5 Checked : B.L.LIU P.1/4 Part Number: ZUY53W www.SunLED.com 1.6x0.8mm SMD CHIP LED LAMP UY Published Date : FEB 28,2008 Drawing No : SDSA2396 V5 Checked : B.L.LIU P.2/4 Part Number: ZUY53W www.SunLED.com 1.6x0.8mm SMD CHIP LED LAMP Recommended Soldering Pattern (Units : mm; Tolerance: 0.1) The device has a single mounting surface. The device must be mounted according to the specifications. Tape Specification (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 28,2008 Drawing No : SDSA2396 V5 Checked : B.L.LIU P.3/4 Part Number: ZUY53W www.SunLED.com 1.6x0.8mm SMD CHIP LED LAMP PACKING & LABEL SPECIFICATIONS ZUY53W Published Date : FEB 28,2008 Drawing No : SDSA2396 V5 Checked : B.L.LIU P.4/4 |
Price & Availability of ZUY53W |