Part Number Hot Search : 
587B201 MP1542DK BAS81 BAS81 CH341DS KDV174 CH341DS F1G09
Product Description
Full Text Search
 

To Download ZM4730A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZM4728A to ZM4764A
Vishay Semiconductors
Zener Diodes
Features
* Silicon Planar Power Zener Diodes * For use in stablilizing and clipping circuits e2 with high power rating * Standard Zener voltage tolerance is 5 % * These diodes are also available in the DO-41 case with type designation 1N4728 A... 1N4764A * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
18315
Mechanical Data
Case: MELF Glass case Weight: approx. 135 mg Packaging Codes/Options: GS18 / 5 k per 13" reel (8 mm tape), 10 k/box GS08 / 1.5 k per 7" reel (8 mm tape), 12 k/box
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Zener current (see Table "Characteristics") Power dissipation
1)
Test condition
Symbol Ptot
Value 1.0 1)
Unit W
Valid provided that electrodes are kept at ambient temperature.
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature
1)
Test condition
Symbol RthJA Tj Tstg
Value 170
1)
Unit K/W C C
150 - 65 to + 150
Valid provided that electrodes are kept at ambient temperature.
Document Number 85786 Rev. 1.4, 12-Dec-05
www.vishay.com 1
ZM4728A to ZM4764A
Vishay Semiconductors Electrical Characteristics
Partnumber Nominal Zener Voltage3) VZ at IZT V ZM4728A ZM4729A ZM4730A ZM4731A ZM4732A ZM4733A ZM4734A ZM4735A ZM4736A ZM4737A ZM4738A ZM4739A ZM4740A ZM4741A ZM4742A ZM4743A ZM4744A ZM4745A ZM4746A ZM4747A ZM4748A ZM4749A ZM4750A ZM4751A ZM4752A ZM4753A ZM4754A ZM4755A ZM4756A ZM4757A ZM4758A ZM4759A ZM4760A ZM4761A ZM4762A ZM4763A ZM4764A
1)
Test Current
Maximum Zener Impedance1)
Maximum Reverse Leakage Current
Maximum Reverse Leakage Current2) IZM A 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9
IZT mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7 6.5 6 5.5 5 4.5 4 3.7 3.3 3 2.8 2.5
ZZT at IZT 10 10 9 9 8 7 5 2 3.5 4 4.5 5 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350
ZZK at IZK 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000
IZK mA 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR A 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
VR V 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56 62.2 69.2 76
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
The Zener impedance is derived from the 1 KHZ AC voltage which results when an AC current having an RMS value equal to 10 % of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units
2) 3)
Valid provided that electrodes at a distance of 10 mm from case are kept at ambient temperature Measured under thermal equilibrium and DC test conditions.
www.vishay.com 2
Document Number 85786 Rev. 1.4, 12-Dec-05
ZM4728A to ZM4764A
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
18289
Figure 1. Admissible Power Dissipation vs. Ambient Temperature
Package Dimensions in mm (Inches)
4.00 (0.157) MAX
ISO Method E
Cathode Mark
2.6 (0.102) 2.4 (0.094)
1.25 (0.049) MIN
3.00 (0.118) MIN
0.55 (0.022) 5.2 (0.205) 4.8 (0.189)
6.50 (0.256) REF
18317
Document Number 85786 Rev. 1.4, 12-Dec-05
www.vishay.com 3
ZM4728A to ZM4764A
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85786 Rev. 1.4, 12-Dec-05
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ZM4730A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X