Part Number Hot Search : 
BCM34 KMM53 5D2412 LL1545A 74HC16 LBS11552 AD732 3R350
Product Description
Full Text Search
 

To Download XPC100GFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
FEATURES * 0...10 "H2O to 0...150 psi gage, 0...15 to 0...150 psi absolute * Precision temperature compensated * Calibrated offset and span * Voltage excitation * Excellent long term stability SERVICE
Non-corrosive, non-ionic working fluids such as clean dry air, dry gases and the like. The media wetted materials are: port 1: - front side of silicon sensor chip - glass filled nylon - RTV - silgel (for devices of 5 psi and above) - ceramic (Al2O3) - silicon sensor chip - glass filled nylon - RTV - ceramic (Al2O3)
port 2:
EQUIVALENT CIRCUIT
+Vs 3
ELECTRICAL CONNECTION
-Vout 4
+Vout 2
1234
Pin 1 marked with dot
Pin 1: -Vs Pin 2: +Vout Pin 3: +Vs Pin 4: -Vout
1 -Vs
June 2008 / 616
1/6
www.sensortechnics.com
XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
SPECIFICATIONS
Maximum ratings (for all devices)
Supply voltage VS Lead temperature (soldering 5 seconds) Common mode pressure 3 to 16 V 315C 50 psig
Environmental specifications (for all devices)
Temperature range Compensated Operating Storage Humidity limits (non-condensing)
0 to 70C -25 to 85C -40 to 125C 0 to 95 %RH
PRESSURE SENSOR CHARACTERISTICS
VS = 12 V, TA = 25C, pressure applied to port P17
Part no.
XPCL10... XPC0.3... XPC01... XPC05... XPC15... XPC30... XPC60... XPC100... XPC150...
Operating pressure
10 "H2O 0.3 psi 1 p si 5 p si 1 5 p si 3 0 p si 6 0 p si 1 0 0 p si 1 5 0 p si
Proof pressure1
3 p si 3 p si 3 p si 1 5 p si 4 5 p si 9 0 p si 1 8 0 p si 2 5 0 p si 2 5 0 p si
Burst pressure2
5 p si 5 p si 5 p si 2 5 p si 7 5 p si 1 5 0 p si 3 0 0 p si 4 0 0 p si 4 0 0 p si
Full scale span3
Min.
19.5 mV 19.5 mV 17.5 mV 59 mV 89 mV 89 mV 89 mV 99 mV 89 mV
Typ.
20 mV 20 mV 18 mV 60 mV 90 mV 90 mV 90 mV 100 mV 90 mV
Max.
20.5 mV 20.5 mV 18.5 mV 61 mV 91 mV 91 mV 91 mV 101 mV 91 mV
PERFORMANCE CHARACTERISTICS
VS = 12 V, TA = 25C, pressure applied to port P17
Characteristics
Zero pressure offset Combined non-linearity and hysteresis4 Temperature effects (0 to 70C)5 Input resistance Output resistance Response time (10 to 90 %FSS) Common mode voltage6 XPCL... XPC... Span Offset
Min.
-0.5
Typ.
0 0.25
Max.
+0.5 0.5 1.0 0.5
Unit
mV %FSS mV k s V
5 3 500 100 6
Notes 1 Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters of the sensing element. 2 Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from the housing. 3 Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. The span is ratiometric to the supply voltage. 4 Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and 1/2 full-scale pressure. 5 Shift is relative to 25C. 6 This is the common-mode voltage of the output arms (pins 2 and 4) for VS = 12 V. 7 For backside port devices (XPC...B...) pressure applied to P2. 2/6 June 2008 / 616
www.sensortechnics.com
XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
OUTLINE DRAWING
Package version AT and GT
29.5 (1.16) 23.1 (0.91)
P1
4.1 (0.16)
O 4.8 (0.19)
10.9 (0.43)
17.8 (0.70) O 3.9 (0.16) 1234 20.0 (0.8)
Vent (P 2) (GT only)
Pins 1 marked with dot
0.5 (0.02) 2.5 (0.10)
0.3 (0.01) 8.1 (0.32)
Package version AF and GF
29.5 (1.16) 23.1 (0.91)
P1
16.5 (0.65) 8.1 (0.32)
17.8 O 4.8 (0.70) (0.19) O 3.9 (0.16) 1234 20.0 (0.8)
Vent (P 2) (GF only)
Pins 1 marked with dot
0.5 (0.02) 2.5 (0.10)
0.3 (0.01)
Package version AFS and GFS
27.9 (1.10) 21.6 (0.85) 1.9 (0.08) 19.1 O 4.8 (0.75) (0.19)
P1
16.5 (0.65) 8.1 (0.32)
Vent (P 2) (GFS only)
O 3.9 (0.16) 20.0 (0.8)
1234
Pins 1 marked with dot
2.5 (0.10)
0.5 (0.02)
0.3 (0.01)
mass: approx. 2 g
dimensions in mm (inches) 3/6
June 2008 / 616
www.sensortechnics.com
XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
OUTLINE DRAWING
Package version GBT
29.5 (1.16) 23.1 (0.91) 4.1 (0.16) 10.9 (0.43) O 4.8 (0.19)
P2
Vent
17.8 (0.70) O 3.9 (0.16) 1234 O 0.8 (0.03)
20.0 (0.8)
Pins 1 marked with dot
0.5 (0.02) 2.5 (0.10) 0.3 (0.01)
8.1 (0.32)
Package version GBF
29.5 (1.16) 23.1 (0.91)
Vent
8.1 (0.32)
16.5 (0.65)
17.8 (0.70) O 3.9 (0.16) 1234 O 0.8 (0.03)
O 4.8 (0.19)
20.0 (0.8)
P2
Pins 1 marked with dot
0.5 (0.02) 2.5 (0.10) 0.3 (0.01)
Package version GBFS
27.9 (1.10) 21.6 (0.85) 1.9 (0.08) 19.1 (0.75) O 0.8 (0.03) O 4.8 (0.19) 16.5 (0.65)
Vent
8.1 (0.32)
O 3.9 (0.16)
Pins 1 marked with dot
1234
20.0 (0.8)
P2
0.5 (0.02) 2.5 (0.10)
0.3 (0.01)
mass: approx. 2 g
dimensions in mm (inches) June 2008 / 616
4/6
www.sensortechnics.com
XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
OUTLINE DRAWING
Package version A and D (no port)
P1
O 15.2 (0.60) 0.3 (0.01) 5.3 (0.21)
O 0.8 (0.03) 20.0 (0.8) 1234 O 11.2 (0.44)
O 13.1 (0.52)
Vent (P 2) (D only)
Denotes interface between pins 1 and 2
0.5 (0.02) 2.5 (0.10)
0.3 (0.01)
Package version DF
29.5 (1.16) 23.1 (0.91)
P1
8.4 (0.33)
26.9 (1.06) 10.2 (0.40)
17.8 O 4.8 (0.70) (0.19) O 3.9 (0.16) 20.0 (0.8) 1234
P2
Pins 1 marked with dot
2.5 (0.10)
0.5 (0.02)
0.3 (0.01)
Package version DT
P2
29.5 (1.16) 23.1 (0.91) 8.1 (0.32) 6.4 (0.25)
P1
O 4.8 (0.19)
P2
10.9 (0.43)
17.8 (0.70) O 3.9 (0.16) 1234 20.0 (0.8)
Pins 1 marked with dot
0.5 (0.02)
mass: approx. 2 g
2.5 (0.10)
0.3 (0.01) 10.2 (0.40)
dimensions in mm (inches)
June 2008 / 616
5/6
www.sensortechnics.com
XPC/XPCL Series H-grade
Precision compensated pressure sensors / mV-output
ORDERING INFORMATION
Gage devices Pressure range Axial port (GF) ---8 ---8 ---8 ---8 XPC15GFH ---8 ---8 XPC100GFH ---8 Radial port (GT) ---8 ---8 XPC01GTH XPC05GTH ---8 ---8 ---8 ---8 XPC150GTH Offset axial port (GFS) ---8 XPC0.3GFSH XPC01GFSH ---8 ---8 XPC30GFSH XPC60GFSH ---8 ---8 ---8 ---8 ---8 ---8 ---8 XPC60GBFH ---8 ---8 ---8 ---8 ---8 ---8 ---8 XPC60GBTH ---8 ---8 ---8 ---8 ---8 ---8 ---8 XPC60GBFSH ---8 ---8 Back side Axial port (GBF) Back side Radial port (GBT) Back side Offset axial port (GBFS)
10 "H2O 0.3 psi 1 p si 5 p si 1 5 p si 3 0 p si 6 0 p si 1 0 0 p si 1 5 0 p si
Pressure range 10 "H2O 0.3 psi 1 p si 5 p si 1 5 p si 3 0 p si 6 0 p si 1 0 0 p si 1 5 0 p si X P C 15A H ---8 ---8 ---8 ---8 No port (A)
Absolute devices Axial port (AF) Radial port (AT) Offset axial port (AFS) No port (D) X P C L10D H XPC0.3DH X P C 01D H --X P C 15A F H ---8 ---8 ---8 ---8 --8 8 8
Differential devices Axial port (DF) X P C L10D F H ---8 ---8 X P C 05D F H X P C 15D F H ---8 ---8 ---8 ---8 Radial port (DT) XPCL10DTH XPC0.3DTH XPC01DTH XPC05DTH XPC15DTH XPC30DTH XPC60DTH ---8 ---8
---
8
---
---8 ---8 ---8 ---8
---8 ---8 ---8 ---8
---8 ---8 ---8 ---8
Note
8
THESE DEVICES ARE AVAILABLE ON SPECIAL REQUEST. MINIMUM ORDER QUANTITY APPLIES.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
6/6
June 2008 / 616
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of XPC100GFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X