Part Number Hot Search : 
IRF54 IS61LV TIP116 30500 86XS21D2 1H101 DS121 I514RU
Product Description
Full Text Search
 

To Download VZH101MIVTR080100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
VZH Series: Surface Mount, Ultra Low Impedance
FEATURES
*105C, 2000 ~ 5000 hours assured *Ultra Low Impedance Capacitors *RoHS Compliant
SPECIFICATIONS
Items Operating Temperature Range Capacitance Tolerance Leakage Current (at 20 C) Dissipation Factor (Tan at 120Hz, 20 C) 6.3 ~ 63V -55 C ~ +105 C Performance 80 ~ 100V -40 C ~ +105 C V= rated DC working voltage in V.
Low Temperature Characteristics (at 120Hz)
Load Life Test
+20% I = 0.01CV or 3 ( A) whichever is greater (after 2 minutes) Where, C= rated capacitance in F. Rated 6.3 10 16 25 35 50 63 80 100 Voltage Tan (max) 0.30 0.26 0.22 0.16 0.13 0.10 0.08 0.08 0.07 Impedance ratio shall not exceed the values given in the table below. Rated Voltage 50 63 80 100 6.3 10 16 25 35 Z (-25 C)/Z(+20 C) 4 3 2 2 2 2 22 2 Impedance Ratio Z(-40 C)/Z(+20 C) 8 5 4 3 3 3 33 3 Test Time 2,000 Hrs for 4 ~ 6.3O 3,000 Hrs for 8 ~ 10O Capacitance Change Within +25% of initial value Within +30% of initial value Dissipation Factor Less than 200% of specified value Less than 300% of specified value Leakage Current Within specified value Within specified value
5,000 Hrs for 12.5 ~ -16O Within +30% of initial value Less than 300% of specified value Within specified value
* The above specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage applied for 2,000 ~ 5,000 hrs at 105C
Shelf Life Test Freq. (Hz) Ripple Current & Frequency Multipliers Standards 50, 60 V.DC (V) 6.3 ~ 100 0.64 120 0.8
Test Time: 1000 hrs; other items are the same as those for the load life test
1k 0.93
1k up 1.0 JIS C 5101-1
Figure 1
PAD SPACING AND DIAMETER
0.3 max
O D+0.5
B
D
L
4 5.7 + 0.3 5 5.7 + 0.3 6.3 5.7 + 3.3 6.3 7.7 + 0.3 8 10 + 0.5 10 10 + 0.5 12.5 13.5 + 0.5 12.5 16 + 0.5 16 16.5 + 0.5
A +0.2 4.3 5.3 6.3 6.6 8.4 10.4 12.8 12.8 16.3
B +0.2 4.3 5.3 6.3 6.6 8.4 10.4 12.8 12.8 16.3
C +0.2 2.0 2.3 2.7 2.7 3.0 3.3 4.9 4.9 5.8
Fig. W P+0.2 No. 0.5 to 0.8 1.0 1 0.5 to 0.8 1.5 1 0.5 to 0.8 2.0 1 0.5 to 0.8 2.0 1 0.7 to 1.1 3.1 1 0.7 to 1.1 4.7 1 1.1 to 1.4 4.2 2 1.1 to 1.4 4.2 2 1.8 to 2.2 6.0 2
L
W 0.4+0.2 C P C
A
Figure 2
O D+0.5 + L W 1 max C P C A B
PART NUMBER EXAMPLE VZH 101 MI V TR 080 100
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB11 REV 2007.7.05
ALUMINUM ELECTROLYTIC CAPACITORS
VZH Series: Surface Mount, Ultra Low Impedance
DIMENSION, IMPEDANCE & PERMISSIBLE RIPPLE CURRENT
Dimension: oD x L(mm) Ripple Current mA/rms at 100KHz, 105C Impedance: W at 100KHz, 20C
V.DC 6.3V (0J) 10V (1A) Imp. 16V (1C) Imp. 25V (1E) Imp. 35V (1V) Imp.
F
4.7 10 22 33 47 100 150 220 330 470 680 1,000 1,500 2,200 3,300 4,700
Contents 4R7 100 4 x 5.7 220 4 x 5.7 330 470 5 x 5.7 101 6.3 x 5.7 6.3 x 5.7 151 6.3 x 7.7 221 8 x 10 331 8 x 10 471 8 x 10 681 8 x 10 102 10 x 10 152 12.5 x 14 222 332 12.5 x 16 472 16 x 17
OD x L
mA
OD x L
mA
OD x L
mA
OD x L
mA
OD x L
4 5 6.3 6.3 6.3 8 8 10 12.5 12.5 12.5 16 x x x x x x x x x x x x 5.7 5.7 5.7 5.7 5.7 10 10 10 13.5 16 16 16.5
mA
Imp.
80 1.35 80 1.35 150 0.80 230 0.44 230 0.44 280 0.36 450 0.17 450 0.17 450 0.17 450 0.17 670 0.09 820 0.07 950 0.06 1,260 0.054
4 5 6.3 6.3 6.3 6.3 8 8 10 10 13 13 16 16
x x x x x x x x x x x x x x
4 x 5.7 5.7 80 1.35 5 x 5.7 5.7 150 0.80 6.3 x 5.7 5.7 230 0.44 6.3 x 5.7 5.7 230 0.44 6.3 x 5.7 5.7 230 0.44 6.3 x 7.7 7.7 280 0.36 6.3 x 7.7 10 450 0.17 8 x 10 10 450 0.17 8 x 10 10 670 0.09 10 x 10 10 670 0.09 12.5 x 13.5 13.5 820 0.07 12.5 x 16 16 950 0.06 16 x 16.5 16.5 1,260 0.054 16 x 16.5 16.5 1,260 0.054
80 1.35 4 x 5.7 5 x 5.7 150 0.80 6.3 x 5.7 230 0.44 230 0.44 6.3 x 5.7 230 0.44 6.3 x 7.7 280 0.36 8 x 10 280 0.36 8 x 10 450 0.17 8 x 10 450 0.17 10 x 10 670 0.09 12.5 x 13.5 820 0.07 12.5 x 16 950 0.06 16 x 16.5 1,260 0.054 16 x 16.5 1,260 0.054
80 1.35 150 0.80 230 0.44 230 0.44 280 0.36 450 0.17 450 0.17 450 0.17 670 0.09 820 0.07 950 0.06 1,260 0.054 1,260 0.054
80 1.35 150 0.80 230 0.44 230 0.44 230 0.44 450 0.17 450 0.17 670 0.09 820 0.07 950 0.06 950 0.06 1,260 0.054
V.DC
50V (1H)
63V (1J) Imp. 2.9 2.9 2.9 1.52 0.88 0.88 0.68 0.68 0.34 0.34 0.18 0.18 0.12 0.082 0.082 5x 6.3 x 6.3 x 8x 8x 10 x 10 x 5.7 5.7 7.7 10 10 10 10 85 165 185 369 369 553 553 650 650 900 900 1.52 0.88 0.68 0.34 0.34 0.18 0.18 0.12 0.12 0.082 0.082
80V (1K) Imp.
100V (2A) Imp.
F
1 2.2 3.3 4.7 10 22 33 47 68 100 150 220 330 470 680
Contents 010 2R2 3R3 4R7 100 220 330 470 680 101 151 221 331 471 681
OD x L
4 x 5.7 4 x 5.7 4 x 5.7 5 x 5.7 6.3 x 5.7 6.3 x 5.7 6.3 x 7.7 6.3 x 7.7 8 x 10 8 x 10 10 x 10 10 x 10 12.5 x 13.5 16 x 16.5 16 x 16.5
mA 60
OD x L
mA
OD x L
mA
OD x L
mA
Imp.
60
60 85 165 165 185 185 369 369 553 5563 650 900 900
10 x 10 10 x 10 12.5 x 13.5 12.5 x 13.5 12.5 x 16 16 x 16.5 200 450 450 550 650 0.7 0.32 0.32 0.26 0.17 12.5 x 13.5 12.5 x 16 16 x 16.5
200 450 550 650
0.7 0.32 0.26 0.17
12.5 x 13.5 12.5 x 13.5 16 x 16.5 16 x 16.5
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB11 REV 2007.7.05


▲Up To Search▲   

 
Price & Availability of VZH101MIVTR080100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X