Part Number Hot Search : 
BU409 RN73H1J MAX14 MAX1600 F1001 0ZEG334 W005M 30F5013
Product Description
Full Text Search
 

To Download V8P10-M386A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
V8P10
Vishay General Semiconductor
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.466 V at IF = 4 A
TMBS
K
(R)
eSMP
TM
Series
1 2 TO-277A (SMPC)
K Cathode Anode 1 Anode 2
FEATURES * Very low profile - typical height of 1.1 mm * Ideal for automated placement * Trench MOS Schottky technology * Low forward voltage drop, low power losses * High efficiency operation * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC * Halogen-free MECHANICAL DATA Case: TO-277A (SMPC) Molding compound meets UL 94V-0 flammability rating. Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC-Q101 qualified) Base P/N-M3 - halogen-free and RoHS compliant, commercial grade Base P/NHM3 - halogen-free and RoHS compliant, high reliability/automotive grade (AEC-Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 and M3 suffix meets JESD 201 class 1A whisker test, HE3 and HM3 suffix meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM EAS VF at IF = 8 A TJ max. 8.0 A 100 V 150 A 100 mJ 0.582 V 150 C
TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, dc-to-dc converters and polarity protection applications.
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Device marking code Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig. 1) Peak forward surge current 10 ms single half sine-wave superimposed on rated load Non-repetitive avalanche energy at IAS = 2.0 A, TJ = 25 C Operating junction and storage temperature range VRRM IF(AV) IFSM EAS TJ, TSTG SYMBOL V8P10 V810 100 8.0 150 100 - 40 to + 150 V A A mJ C UNIT
Document Number: 89005 Revision: 30-Jul-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
V8P10
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Breakdown voltage TEST CONDITIONS IR = 1.0 mA IF = 4 A IF = 8 A IF = 4 A IF = 8 A VR = 70 V Reverse current (2) VR = 100 V Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms TA = 25 C TA = 25 C VF TA = 125 C TA = 25 C TA = 125 C TA = 25 C TA = 125 C SYMBOL VBR TYP. 100 (minimum) 0.522 0.643 0.466 0.582 4.7 3.0 IR 14.5 7.0 MAX. 0.68 V 0.62 70 15 A mA A mA UNIT V
Instantaneous forward voltage (1)
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance Note: (1) Units mounted on recommended P.C.B. 1 oz. pad layout SYMBOL RJA (1) RJL V8P10 60 3 UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N V8P10-E3/86A V8P10-E3/87A V8P10HE3/86A (1) V8P10HE3/87A (1) V8P10-M3/86A V8P10-M3/87A V8P10HM3/86A (1) V8P10HM3/87A (1) Note: (1) High reliability/automotive grade (AEC-Q101 qualified) UNIT WEIGHT (g) 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 PREFERRED PACKAGE CODE 86A 87A 86A 87A 86A 87A 86A 87A BASE QUANTITY 1500 6500 1500 6500 1500 6500 1500 6500 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89005 Revision: 30-Jul-08
New Product
V8P10
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
10 Resistive or Inductive Load 100
Instantaneous Reverse Current (mA)
Average Forward Current (A)
TA = 150 C 10 TA = 125 C
8
6
1
4
0.1
2
TL measured at the Cathode Band Terminal
0.01 TA = 25 C 0.001
0 0 25 50 75 100 125 150 175
10
20
30
40
50
60
70
80
90
100
Lead Temperature (C)
Percent of Rated Peak Reverse Voltage (%)
Figure 1. Maximum Forward Current Derating Curve
Figure 4. Typical Reverse Characteristics
7.0 D = 0.5 6.0 D = 0.3 D = 0.2 D = 0.1 4.0 3.0 T 2.0 1.0 0 0 2 4 6 8 10 D = tp/T tp D = 1.0 D = 0.8
10 000
5.0
Junction Capacitance (pF)
Average Power Loss (W)
1000
100
10 0.1 1 10 100
Average Forward Current (A)
Reverse Voltage (V)
Figure 2. Forward Power Loss Characteristics
Figure 5. Typical Junction Capacitance
100
100
Transient Thermal Impedance (C/W)
Instantaneous Forward Current (A)
TA = 150 C 10 TA = 125 C
Junction to Ambient
1
10
0.1 TA = 25 C 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2
1 0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
t - Pulse Duration (s)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 6. Typical Transient Thermal Impedance
Document Number: 89005 Revision: 30-Jul-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
New Product
V8P10
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-277A (SMPC)
0.187 (4.75) 0.175 (4.45) K 0.016 (0.40) 0.006 (0.15)
0.262 (6.65) 0.250 (6.35) 0.242 (6.15) 0.238 (6.05)
0.026 (0.65) NOM.
2
1
0.171 (4.35) 0.167 (4.25) 0.146 (3.70) 0.134 (3.40) 0.087 (2.20) 0.075 (1.90)
0.047 (1.20) 0.039 (1.00)
Mounting Pad Layout
0.189 MIN. (4.80)
0.189 (4.80) 0.173 (4.40) 0.155 (3.94) NOM. 0.030 (0.75) NOM. 0.268 (6.80)
0.186 MIN. (4.72)
0.049 (1.24) 0.037 (0.94) 0.084 (2.13) NOM. 0.053 (1.35) 0.041 (1.05) 0.041 (1.04)
0.050 MIN. (1.27)
0.055 MIN. (1.40)
Conform to JEDEC TO-277A
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89005 Revision: 30-Jul-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of V8P10-M386A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X